Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI4618DY Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. SI4618DY
Description  Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SI4618DY Datasheet(HTML) 5 Page - Vishay Siliconix

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Document Number: 74450
S-70193-Rev. A, 29-Jan-07
www.vishay.com
5
Vishay Siliconix
Si4618DY
CHANNEL-1 TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
1.0
1.2
0.001
10
100
0.00
0.2
0.4
0.6
0.8
25 °C
150 °C
VSD - Source-to-Drain Voltage (V)
1
0.1
0.01
TJ - Temperature (°C)
- 1.0
- 0.7
- 0.4
- 0.1
0.2
0.5
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
ID = 5 mA
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
VGS - Gate-to-Source Voltage (V)
0.00
0.02
0.04
0.06
0.08
0.10
012
3
4567
8
910
ID = 8 A
125 °C
25 °C
0
20
40
60
80
100
0
1
1
1
0
0
.
0
0.01
Time (sec)
0.1
Safe Operating Area, Junction-to-Ambient
100
1
0
0
1
1
1
.
0
0.01
10
0.1
1 ms
10 ms
10 s
dc
VDS - Drain-to-Source Voltage (V)
*VGS
minimum VGS at which rDS(on) isspecified
100 ms
1 s
*Limited by rDS(on)
10
TA = 25 °C
Single Pulse


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn