Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF5L Datasheet(PDF) 5 Page - Rectron Semiconductor

Part # SF5L
Description  SURFACE MOUNT FAST RECOVERY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SF5L Datasheet(HTML) 5 Page - Rectron Semiconductor

  SF5L Datasheet HTML 1Page - Rectron Semiconductor SF5L Datasheet HTML 2Page - Rectron Semiconductor SF5L Datasheet HTML 3Page - Rectron Semiconductor SF5L Datasheet HTML 4Page - Rectron Semiconductor SF5L Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Rectron Inc reserves the right to make changes without notice to any product
specification herein, to make corrections, modifications, enhancements or other
changes. Rectron Inc or anyone on its behalf assumes no responsibility or liabi-
lity for any errors or inaccuracies. Data sheet specifications and its information
contained are intended to provide a product description only. "Typical" paramet-
ers which may be included on RECTRON data sheets and/ or specifications ca-
n and do vary in different applications and actual performance may vary over ti-
me. Rectron Inc does not assume any liability arising out of the application or
use of any product or circuit.
Rectron products are not designed, intended or authorized for use in medical,
life-saving implant or other applications intended for life-sustaining or other rela-
ted applications where a failure or malfunction of component or circuitry may di-
rectly or indirectly cause injury or threaten a life without expressed written appr-
oval of Rectron Inc. Customers using or selling Rectron components for use in
such applications do so at their own risk and shall agree to fully indemnify Rect-
ron Inc and its subsidiaries harmless against all claims, damages and expendit-
ures.
DISCLAIMER NOTICE


Similar Part No. - SF5L

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SF5L RECTRON-SF5L Datasheet
187Kb / 7P
   SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE RANG 50 to1000 Volts CURRENT 1.0 Ampere
2021- REV:E 08
logo
Shindengen Electric Mfg...
SF5L30 SHINDENGEN-SF5L30 Datasheet
549Kb / 6P
   Super Fast Recovery Rectifiers(300V 5A)
SF5L40UM SHINDENGEN-SF5L40UM Datasheet
162Kb / 4P
   Fast Recovery Diode
SF5L60 SHINDENGEN-SF5L60 Datasheet
377Kb / 6P
   Super Fast Recovery Rectifiers(600V 5A)
SF5L60U SHINDENGEN-SF5L60U Datasheet
334Kb / 6P
   Super Fast Recovery Rectifiers(600V 5A)
More results

Similar Description - SF5L

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
FR1A SY-FR1A Datasheet
234Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
SRTA EIC-SRTA_05 Datasheet
56Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
PACELEADER INDUSTRIAL
RS2A PACELEADER-RS2A Datasheet
323Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
RS1AF PANJIT-RS1AF Datasheet
268Kb / 4P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
FFM101 TAYCHIPST-FFM101 Datasheet
3Mb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
FR1AF ETC2-FR1AF Datasheet
575Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
FR3AF ETC2-FR3AF Datasheet
580Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
RS1A PANJIT-RS1A_05 Datasheet
41Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
MIC GROUP RECTIFIERS
RS3A MIC-RS3A Datasheet
66Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shanghai Shunye Electro...
RS1A SHUNYE-RS1A Datasheet
233Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
FR1A SHUNYE-FR1A Datasheet
233Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com