Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REF2925 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # REF2925
Description  100ppm/째C, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF2925 Datasheet(HTML) 11 Page - Texas Instruments

Back Button REF2925 Datasheet HTML 7Page - Texas Instruments REF2925 Datasheet HTML 8Page - Texas Instruments REF2925 Datasheet HTML 9Page - Texas Instruments REF2925 Datasheet HTML 10Page - Texas Instruments REF2925 Datasheet HTML 11Page - Texas Instruments REF2925 Datasheet HTML 12Page - Texas Instruments REF2925 Datasheet HTML 13Page - Texas Instruments REF2925 Datasheet HTML 14Page - Texas Instruments REF2925 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
8-Feb-2008
Addendum-Page 2


Similar Part No. - REF2925

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF2925 BURR-BROWN-REF2925 Datasheet
345Kb / 13P
   100ppm/C, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
REF2925 BURR-BROWN-REF2925 Datasheet
409Kb / 16P
   100ppm/째C, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
REF2925AIDBZR BURR-BROWN-REF2925AIDBZR Datasheet
345Kb / 13P
   100ppm/C, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
REF2925AIDBZR BURR-BROWN-REF2925AIDBZR Datasheet
409Kb / 16P
   100ppm/째C, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
REF2925AIDBZRG4 BURR-BROWN-REF2925AIDBZRG4 Datasheet
345Kb / 13P
   100ppm/C, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
More results

Similar Description - REF2925

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF2912 TI-REF2912_15 Datasheet
618Kb / 17P
[Old version datasheet]   100ppm/째C, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Burr-Brown (TI)
REF2912 BURR-BROWN-REF2912_07 Datasheet
409Kb / 16P
   100ppm/째C, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Texas Instruments
REF3012 TI-REF3012_15 Datasheet
622Kb / 17P
[Old version datasheet]   50ppm/째C Max, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Burr-Brown (TI)
REF2912 BURR-BROWN-REF2912 Datasheet
345Kb / 13P
   100ppm/C, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Texas Instruments
REF3033-Q1 TI1-REF3033-Q1 Datasheet
737Kb / 17P
[Old version datasheet]   50 ppm/째C MAX, 50 關A, CMOS VOLTAGE REFERENCE
REF3212 TI-REF3212_13 Datasheet
902Kb / 20P
[Old version datasheet]   4ppm/째C, 100關A, SOT23-6 SERIES VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX6520 MAXIM-MAX6520 Datasheet
83Kb / 6P
   50ppm/째C, SOT23, 3-Terminal, 1.2V Voltage Reference
Rev 0; 9/96
MAX6520 MAXIM-MAX6520_V01 Datasheet
328Kb / 6P
   50ppm/째C, SOT23, 3-Terminal, 1.2V Voltage Reference
2005
logo
Burr-Brown (TI)
REF3012 BURR-BROWN-REF3012 Datasheet
412Kb / 14P
   50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Texas Instruments
REF3012 TI-REF3012 Datasheet
309Kb / 13P
[Old version datasheet]   50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com