Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M27C2001-25XC6X Datasheet(PDF) 11 Page - STMicroelectronics

Part # M27C2001-25XC6X
Description  2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C2001-25XC6X Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M27C2001-25XC6X Datasheet HTML 7Page - STMicroelectronics M27C2001-25XC6X Datasheet HTML 8Page - STMicroelectronics M27C2001-25XC6X Datasheet HTML 9Page - STMicroelectronics M27C2001-25XC6X Datasheet HTML 10Page - STMicroelectronics M27C2001-25XC6X Datasheet HTML 11Page - STMicroelectronics M27C2001-25XC6X Datasheet HTML 12Page - STMicroelectronics M27C2001-25XC6X Datasheet HTML 13Page - STMicroelectronics M27C2001-25XC6X Datasheet HTML 14Page - STMicroelectronics M27C2001-25XC6X Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11/16
M27C2001
Table 12. FDIP32W - 32 pin Ceramic Frit-seal DIP, with window, Package Mechanical Data
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
5.72
0.225
A1
0.51
1.40
0.020
0.055
A2
3.91
4.57
0.154
0.180
A3
3.89
4.50
0.153
0.177
B
0.41
0.56
0.016
0.022
B1
1.45
0.057
C
0.23
0.30
0.009
0.012
D
41.73
42.04
1.643
1.655
D2
38.10
1.500
E
15.24
0.600
E1
13.06
13.36
0.514
0.526
e
2.54
0.100
eA
14.99
0.590
eB
16.18
18.03
0.637
0.710
L
3.18
0.125
S
1.52
2.49
0.060
0.098
7.11
0.280
α
4
°
11
°
4
°
11
°
N32
32
Figure 8. FDIP32W - 32 pin Ceramic Frit-seal DIP, with window, Package Outline
Drawing is not to scale.
FDIPW-a
A3
A1
A
L
B1
B
e
D
S
E1
E
N
1
C
α
eA
D2
eB
A2


Similar Part No. - M27C2001-25XC6X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C2001-25XC6TR STMICROELECTRONICS-M27C2001-25XC6TR Datasheet
227Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
More results

Similar Description - M27C2001-25XC6X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C2001-12C1 STMICROELECTRONICS-M27C2001-12C1 Datasheet
261Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001 STMICROELECTRONICS-M27C2001_06 Datasheet
227Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27W201 STMICROELECTRONICS-M27W201_06 Datasheet
231Kb / 24P
   2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
April 2006 Rev 4
M27V201 STMICROELECTRONICS-M27V201 Datasheet
103Kb / 15P
   2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
May 1998
M27W201 STMICROELECTRONICS-M27W201 Datasheet
170Kb / 16P
   2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM
M27C4002 STMICROELECTRONICS-M27C4002 Datasheet
196Kb / 18P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C4002 STMICROELECTRONICS-M27C4002_06 Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C4002-10C1 STMICROELECTRONICS-M27C4002-10C1 Datasheet
236Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
   8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com