Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2913-1-F4 Datasheet(PDF) 7 Page - California Eastern Labs

Part # PS2913-1-F4
Description  SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2913-1-F4 Datasheet(HTML) 7 Page - California Eastern Labs

Back Button PS2913-1-F4 Datasheet HTML 2Page - California Eastern Labs PS2913-1-F4 Datasheet HTML 3Page - California Eastern Labs PS2913-1-F4 Datasheet HTML 4Page - California Eastern Labs PS2913-1-F4 Datasheet HTML 5Page - California Eastern Labs PS2913-1-F4 Datasheet HTML 6Page - California Eastern Labs PS2913-1-F4 Datasheet HTML 7Page - California Eastern Labs PS2913-1-F4 Datasheet HTML 8Page - California Eastern Labs PS2913-1-F4 Datasheet HTML 9Page - California Eastern Labs PS2913-1-F4 Datasheet HTML 10Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TAPING SPECIFICATIONS (UNIT: mm)
PS2913-1-F3
PS2913-1-F4
1.55±0.05
4.0±0.1
2.0±0.05
4.0±0.1
2.9 MAX.
0.3
2.9±0.1
2.4±0.1
1.5
+0.1
–0
NN
N
N
NN
N
N
Tape Direction
Outline and Dimensions (Tape)
Outline and Dimensions (Reel)
Packing: 3 500 pcs/reel
11.9 to 15.4
Outer edge of
flange
2.0±0.5
13.5±1.0
13.0±0.2
2.0±0.5
Data Sheet PN10043EJ02V0DS
7
PS2913-1


Similar Part No. - PS2913-1-F4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS2913-1-F4 ETC-PS2913-1-F4 Datasheet
112Kb / 6P
   NECs SINGLE TR. OUTPUT, HIGH COLLECTOR-EMITTER VOLTAGE, 4-PIN ULTRA SMALL FLAT LEAD OPTOCOUPLER
More results

Similar Description - PS2913-1-F4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2913-1 RENESAS-PS2913-1_V01 Datasheet
476Kb / 14P
   SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 6, 2021
PS2913-1 RENESAS-PS2913-1_16 Datasheet
400Kb / 14P
   SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
PS2913-1 RENESAS-PS2913-1_15 Datasheet
377Kb / 14P
   SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD
logo
California Eastern Labs
PS2933-1 CEL-PS2933-1 Datasheet
1Mb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
logo
Renesas Technology Corp
PS2933-1 RENESAS-PS2933-1_16 Datasheet
411Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
PS2933-1 RENESAS-PS2933-1_V01 Datasheet
466Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 8, 2021
logo
List of Unclassifed Man...
PS2913-1 ETC-PS2913-1 Datasheet
112Kb / 6P
   NECs SINGLE TR. OUTPUT, HIGH COLLECTOR-EMITTER VOLTAGE, 4-PIN ULTRA SMALL FLAT LEAD OPTOCOUPLER
logo
Renesas Technology Corp
PS2933-1 RENESAS-PS2933-1_15 Datasheet
390Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD
logo
NEC
PS2932-1 NEC-PS2932-1 Datasheet
84Kb / 6P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4 PIN ULTRA SMALL FLAT LEAD OPTOCOUPLER
logo
Renesas Technology Corp
PS2832-1 RENESAS-PS2832-1_15 Datasheet
261Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4, 16-PIN SSOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com