Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1223 Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # CM1223
Description  Industry First Low Capacitance ESD Protection Arrays w/Backdrive Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1223 Datasheet(HTML) 2 Page - California Micro Devices Corp

  CM1223 Datasheet HTML 1Page - California Micro Devices Corp CM1223 Datasheet HTML 2Page - California Micro Devices Corp CM1223 Datasheet HTML 3Page - California Micro Devices Corp CM1223 Datasheet HTML 4Page - California Micro Devices Corp CM1223 Datasheet HTML 5Page - California Micro Devices Corp CM1223 Datasheet HTML 6Page - California Micro Devices Corp CM1223 Datasheet HTML 7Page - California Micro Devices Corp CM1223 Datasheet HTML 8Page - California Micro Devices Corp CM1223 Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
2
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com 08/02/06
CM1223
Pin Descriptions
PACKAGE / PINOUT DIAGRAMS
Note: These drawings are not to scale.
5-Lead SOT23-5
1
2
5
3
4
Top View
6-Lead SOT23-6
1
2
6
5
3
4
Top View
CH1
VN
CH2
CH4
VP
CH3
NC
VN
CH1
VP
CH2
10-Lead MSOP-10
1
2
3
4
10
9
8
7
CH1
CH2
CH3
CH4
CH8
CH7
VN
CH6
Top View
56
VP
CH5
4-Lead SOT143-4
1
4
2
3
Top View
VN
CH1
VP
CH2
10-Lead MSOP-10
1
2
3
4
10
9
8
7
CH1
NC
VP
CH2
NC
CH4
VN
NC
Top View
56
NC
CH3
PIN DESCRIPTIONS
2-CHANNEL, 4-LEAD SOT143-4 PACKAGE
PIN
NAME
TYPE
PIN
1
VN
GND
Negative voltage supply rail
2
CH1
I/O
ESD Channel
3
CH2
I/O
ESD Channel
4
VP
PWR
Positive voltage supply rail
2-CHANNEL, 5-LEAD SOT23-5 PACKAGE
PIN
NAME
TYPE
DESCRIPTION
1
NC
No connect
2VN
GND
Negative voltage supply rail
3
CH1
I/O
ESD Channel
4
CH2
I/O
ESD Channel
5VP
PWR
Positive voltage supply rail
4-CHANNEL, 6-LEAD SOT23-6 PACKAGE
PIN
NAME
TYPE
DESCRIPTION
1
CH1
I/O
ESD Channel
2VN
GND
Negative voltage supply rail
3
CH2
I/O
ESD Channel
4
CH3
I/O
ESD Channel
5VP
PWR
Positive voltage supply rail
6
CH4
I/O
ESD Channel
4-CHANNEL, 10-LEAD MSOP-10 PACKAGE
PIN
NAME
TYPE
DESCRIPTION
1
CH1
I/O
ESD Channel
2
NC
No connect
3VP
PWR
Positive voltage supply rail
4
CH2
I/O
ESD Channel
5
NC
No connect
6
CH3
I/O
ESD Channel
7
NC
No connect
8VN
GND
Negative voltage supply rail
9
CH4
I/O
ESD Channel
10
NC
No connect
8-CHANNEL, 10-LEAD MSOP-10 PACKAGE
PIN
NAME
TYPE
DESCRIPTION
1
CH1
I/O
ESD Channel
2
CH2
I/O
ESD Channel
3
CH3
I/O
ESD Channel
4
CH4
I/O
ESD Channel
5VP
PWR
Positive voltage supply rail
6
CH5
I/O
ESD Channel
7
CH6
I/O
ESD Channel
8VN
GND
Negative voltage supply rail
9
CH7
I/O
ESD Channel
10
CH8
I/O
ESD Channel


Similar Part No. - CM1223

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM1223 ETC2-CM1223 Datasheet
346Kb / 1P
   12 X 2 LCD CHARACTER MODULE
logo
ON Semiconductor
CM1223 ONSEMI-CM1223 Datasheet
599Kb / 19P
   Industry First Low Capacitance ESD Protection Arrays w/Backdrive Protection
April 2010 ??Rev.4
logo
Visual Communications C...
CM1223 VCC-CM1223 Datasheet
30Kb / 1P
   Base
logo
ON Semiconductor
CM1223 ONSEMI-CM1223 Datasheet
335Kb / 13P
   Capacitance ESD Protection Arrays with Backdrive Protection
July, 2012 ??Rev. 6
CM1223-02SO ONSEMI-CM1223-02SO Datasheet
599Kb / 19P
   Industry First Low Capacitance ESD Protection Arrays w/Backdrive Protection
April 2010 ??Rev.4
More results

Similar Description - CM1223

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1223 ONSEMI-CM1223 Datasheet
599Kb / 19P
   Industry First Low Capacitance ESD Protection Arrays w/Backdrive Protection
April 2010 ??Rev.4
CM1223 ONSEMI-CM1223_12 Datasheet
335Kb / 13P
   Capacitance ESD Protection Arrays with Backdrive Protection
July, 2012 ??Rev. 6
CM1293A ONSEMI-CM1293A_12 Datasheet
518Kb / 9P
   Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 8
CM1293 ONSEMI-CM1293 Datasheet
344Kb / 10P
   8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
logo
STMicroelectronics
ESDALC6V1PX STMICROELECTRONICS-ESDALC6V1PX_08 Datasheet
233Kb / 9P
   Low capacitance Transil??arrays for ESD protection
logo
Pan Jit International I...
PJESD5V6LC-4 PANJIT-PJESD5V6LC-4 Datasheet
262Kb / 4P
   Low capacitance TVS arrays for ESD protection
logo
ON Semiconductor
CM1225 ONSEMI-CM1225 Datasheet
344Kb / 11P
   4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 2
logo
STMicroelectronics
ESDALC6V1-5T6 STMICROELECTRONICS-ESDALC6V1-5T6 Datasheet
161Kb / 11P
   Low capacitance Transil arrays for ESD protection
March 2011 Rev 2
logo
Pan Jit International I...
PJESD5V6LC-2W PANJIT-PJESD5V6LC-2W Datasheet
167Kb / 3P
   Low capacitance TVS arrays for ESD protection
logo
NXP Semiconductors
PESD5V0U5BF NXP-PESD5V0U5BF Datasheet
90Kb / 12P
   Ultra low capacitance bidirectional fivefold ESD protection arrays
Rev. 01-15 August 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com