Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS7505UR Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS7505UR
Description  Digital Thermometer and Thermostat
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS7505UR Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS7505UR Datasheet HTML 2Page - Maxim Integrated Products DS7505UR Datasheet HTML 3Page - Maxim Integrated Products DS7505UR Datasheet HTML 4Page - Maxim Integrated Products DS7505UR Datasheet HTML 5Page - Maxim Integrated Products DS7505UR Datasheet HTML 6Page - Maxim Integrated Products DS7505UR Datasheet HTML 7Page - Maxim Integrated Products DS7505UR Datasheet HTML 8Page - Maxim Integrated Products DS7505UR Datasheet HTML 9Page - Maxim Integrated Products DS7505UR Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Shutdown Mode
For power-sensitive applications, the DS7505 offers a
low-power shutdown mode. The SD bit in the configura-
tion register controls shutdown mode. When SD is pro-
grammed to 1, the conversion in progress is completed
and the result stored in the temperature register, after
which the DS7505 goes into a low-power standby state.
The O.S. output is cleared if the thermostat is operating
in interrupt mode and O.S remains unchanged in com-
parator mode. The 2-wire interface remains operational
in shutdown mode, and writing a 0 to the SD bit returns
the DS7505 to normal operation. Upon power-up in
shutdown mode, the DS7505 executes one tempera-
ture measurement. The result is stored in the tempera-
ture register, after which the DS7505 enters the
shutdown state.
Operation
Thermostat
The DS7505 thermostat can be programmed to power
up in either comparator mode or interrupt mode, which
activate and deactivate the open-drain thermostat out-
put (O.S.) based on user-programmable trip points
(TOS and THYST). The THYST and TOS registers contain
Celsius temperature values in two’s complement format
and consist of EEPROM that is shadowed by SRAM.
Once written to the shadow SRAM, values can be
stored in EEPROM by issuance of a Copy Data com-
mand from the master (see the Command Set section
for more details). The device can operate using the
shadow SRAM only or using the EEPROM. If the
EEPROM is used, the values are NV and can be pro-
grammed prior to installation of the DS7505 for stand-
alone operation. The factory power-up settings for the
DS7505 are with the thermostat in comparator mode,
active-low O.S. polarity, overtemperature trip-point
(TOS) register set to 80°C, the hysteresis trip-point
(THYST) register set to +75°C, and the number of con-
secutive conversion to trigger O.S. set to 1. If these
power-up settings are compatible with the application,
the DS7505 can be used as a stand-alone thermostat
(i.e., no 2-wire communication required) with no pro-
gramming required prior to installation. If interrupt
mode operation, active-high O.S. polarity, different TOS
and THYST values, or a different number of conversions
to trigger O.S. are desired, they must be programmed
into the EEPROM either after initial power-up or prior to
IC installation. The programmed values then become
the new power-up defaults.
In both operating modes, the user can program the
thermostat-fault tolerance, which sets how many con-
secutive temperature readings (1, 2, 4, or 6) must fall
outside the thermostat limits before the thermostat out-
put is triggered. The fault tolerance is set by the F1 and
F0 bits in the configuration register. The default factory
power-up setting for fault tolerance is 1 (F1 = 0, F0 = 0).
The data format of the TOS and THYST registers is iden-
tical to that of the temperature register (see Figure 3),
i.e., a 2-byte two’s complement representation of the
trip-point temperature in degrees Celsius with bits 3
through 0 hardwired to 0. After every temperature con-
version, the measurement is compared to the values
stored in the TOS and THYST registers. The O.S. output
is updated based on the result of the comparison and
the operating mode of the IC. The number of TOS and
THYST bits used during the thermostat comparison is
equal to the conversion resolution set by the R1 and R0
bits in the configuration register. For example, if the
resolution is 9 bits, only the 9 MSBs of TOS and THYST
are used by the thermostat comparator.
The active state of the O.S. output can be programmed
by the POL bit in the configuration register. The power-
up factory default is active low (POL = 0).
If the user does not wish to use the thermostat capabili-
ties of the DS7505, the O.S. output should be left
unconnected. Note that if the thermostat is not used,
the TOS and THYST registers can be used for general
storage of system data.
Comparator Mode
When the thermostat is in comparator mode, O.S. can
be programmed to operate with any amount of hystere-
sis. The O.S. output becomes active when the mea-
sured
temperature
exceeds
the
T OS value a
consecutive number of times as defined by the F1 and
F0 fault tolerance (FT) bits in the configuration register.
O.S. then stays active until the first time the tempera-
ture falls below the value stored in THYST. Putting the
device into shutdown mode does not clear O.S. in com-
parator mode. Thermostat comparator mode operation
with FT = 2 is illustrated in Figure 4.
Digital Thermometer and Thermostat
6
_______________________________________________________________________________________


Similar Part No. - DS7505UR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS7505U++ MAXIM-DS7505U+ Datasheet
564Kb / 14P
   Digital Thermometer and Thermostat
2015
DS7505U+T&R MAXIM-DS7505U+T&R Datasheet
564Kb / 14P
   Digital Thermometer and Thermostat
2015
More results

Similar Description - DS7505UR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
   Digital Thermometer and Thermostat
051106
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
   Digital Thermometer and Thermostat
053105
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
   Digital Thermometer and Thermostat
2015
DS75U MAXIM-DS75U Datasheet
189Kb / 14P
   Digital Thermometer and Thermostat
022108
DS75LV MAXIM-DS75LV_V01 Datasheet
379Kb / 14P
   Digital Thermometer and Thermostat
2016
DS7505 MAXIM-DS7505_V01 Datasheet
564Kb / 14P
   Digital Thermometer and Thermostat
2015
logo
Dallas Semiconductor
DS1620 DALLAS-DS1620 Datasheet
539Kb / 13P
   Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV_0611 MAXIM-DS75LV_0611 Datasheet
281Kb / 13P
   Digital Thermometer and Thermostat
112006
DS1621 MAXIM-DS1621 Datasheet
332Kb / 16P
   Digital Thermometer and Thermostat
090905
logo
Dallas Semiconductor
DS75 DALLAS-DS75_08 Datasheet
189Kb / 14P
   Digital Thermometer and Thermostat
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com