Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DL-3247-165 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # DL-3247-165
Description  RED LASER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DL-3247-165 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  DL-3247-165 Datasheet HTML 1Page - Sanyo Semicon Device DL-3247-165 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DL-3247-165
RED LASER DIODE
Features
• Short wavelength : 650 nm (Typ.)
• Low threshold current : Ith = 25mA (Typ.)
• High operating temperature : 5 mW at 70°C
• D-type shape stem
Absolute Maximum Ratings
Electrical and Optical Characteristics
Tottori SANYO Electric Co., Ltd.
Electronic Device Business Headquarters
LED Division
5-318, Tachikawa, Tottori 680-8634 Japan
TEL : +81-857-21-2137 FAX : +81-857-21-2161
Ver.1 May. 2000
Note : The above product specification are subject to change without notice.
Parameter
Light Output
Reverse
Voltage
2
30
Symbol
Ratings
Unit
VR
V
mW
Operating Temperature
Storage Temperature
-10 to +70
-40 to +85
Topr
Tstg
°C
°C
Laser
PD
CW
Po
7
1) Initial values
2) All the above values are evaluated with Tottori Sanyo's measuring apparatus
3) Full angle at half maximum
(Tc=25°C)
Parameter
Threshold Current
Operating Current
Lasing Wavelength
Symbol
Ith
Iop
Lp
Condition
Po=5mW
Po=5mW
Min.
Typ.
25
35
650
Max.
40
50
660
Unit
mA
mA
nm
Beam
Divergence
Perpendicular
Parallel
Differential Efficiency
Monitoring Output Current
Off Axis
Angle
Qv
Qh
dQv
dQh
dPo/dIop
Im
Po=5mW
Po=5mW
Po=5mW
25
7
-
-
30
8
-
0.5
0.2
35
10
± 3
± 2
°
°
°
°
mW/mA
mA
3)
Astigmatism
As
Po=5mW
8
µm
-
-
-
-
-
-
CW
0.3
Operating Voltage
Vop
Po=5mW
2.3
2.6
V
0.1
Package
(Tc=25°C)
Perpendicular
Parallel
-
-
-
645
0.4
0.8
Tolerance : ± 0.2
(Unit : mm)
Applications
DVD-ROM/PLAYER
Pin Connection
3
1
PD
LD
2
Top view
ø1.6
ø3.55
ø5.6 - 0.025
1.0± 0.1
ø4.4
1
2
3
ø2.0
Pin No.
3.5± 0.5
LD facet
3 -
ø0.45± 0.1
1) 2)
0


Similar Part No. - DL-3247-165

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-3038-011 SANYO-DL-3038-011 Datasheet
77Kb / 3P
   Index Guided AlGalnP Laser Diode
DL-3038-023 SANYO-DL-3038-023 Datasheet
77Kb / 3P
   AlGalnP Laser Diode?
DL-3038-033 SANYO-DL-3038-033 Datasheet
80Kb / 3P
   Index Guided AlGalnP Laser Diode?
DL-3038-034 SANYO-DL-3038-034 Datasheet
50Kb / 2P
   RED LASER DIODE
DL-3038-041 SANYO-DL-3038-041 Datasheet
80Kb / 3P
   Index Guided AlGalnP Laser Diode?
More results

Similar Description - DL-3247-165

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LT050PS SHARP-LT050PS Datasheet
23Kb / 1P
   Red Laser Diode
logo
Sanyo Semicon Device
DL-LS1032 SANYO-DL-LS1032 Datasheet
23Kb / 1P
   RED LASER DIODE
logo
Roithner LaserTechnik G...
QL63D5SA ROITHNER-QL63D5SA Datasheet
235Kb / 5P
   red laser diode
RLTMRL-3-635 ROITHNER-RLTMRL-3-635 Datasheet
205Kb / 5P
   Red Diode Laser
RLTMRL-685 ROITHNER-RLTMRL-685 Datasheet
181Kb / 1P
   red diode laser
S6305MG ROITHNER-S6305MG Datasheet
213Kb / 5P
   Red Laser Diode
RLTMRL-3-655 ROITHNER-RLTMRL-3-655 Datasheet
195Kb / 1P
   red diode laser
logo
Sanyo Semicon Device
DL-3147-065 SANYO-DL-3147-065 Datasheet
35Kb / 2P
   RED LASER DIODE
logo
List of Unclassifed Man...
DL-5147-041 ETC1-DL-5147-041 Datasheet
348Kb / 2P
   Red Laser Diode
logo
Sanyo Semicon Device
DL-LS1034 SANYO-DL-LS1034 Datasheet
43Kb / 2P
   RED LASER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com