Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS7505 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS7505
Description  Digital Thermometer and Thermostat
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS7505 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS7505 Datasheet HTML 1Page - Maxim Integrated Products DS7505 Datasheet HTML 2Page - Maxim Integrated Products DS7505 Datasheet HTML 3Page - Maxim Integrated Products DS7505 Datasheet HTML 4Page - Maxim Integrated Products DS7505 Datasheet HTML 5Page - Maxim Integrated Products DS7505 Datasheet HTML 6Page - Maxim Integrated Products DS7505 Datasheet HTML 7Page - Maxim Integrated Products DS7505 Datasheet HTML 8Page - Maxim Integrated Products DS7505 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The DS7505 low-voltage (1.7V to 3.7V) digital ther-
mometer and thermostat provides 9-, 10-, 11-, or 12-bit
digital temperature readings over a -55°C to +125°C
range with
±0.5°C accuracy over a -0°C to +70°C range.
A 9-bit resolution mode is software compatible with the
LM75. Communication with the DS7505 is achieved
through a simple 2-wire serial interface. Three address
pins allow up to eight DS7505 devices to operate on the
same 2-wire bus, which greatly simplifies distributed
temperature-sensing applications.
The DS7505 thermostat has a dedicated open-drain out-
put (O.S.) and programmable fault tolerance, which
allows the user to define the number of consecutive
error conditions that must occur before O.S. is activated.
There are two thermostatic operating modes that control
thermostat operation based on user-defined trip points
(TOS and THYST) that are stored in EEPROM registers.
Applications
Networking Equipment
Cellular Base Stations
Office Equipment
Medical Equipment
Any Thermally Sensitive System
Features
o
Operating Range from 1.7V to 3.7V
o
Temperature Measurements Require No External
Components
o
Measures Temperatures from -55°C to +125°C
(-67°F to +257°F)
o
±0.5°C Accuracy Over a 0°C to +70°C Range
o
Thermometer Resolution is User-Configurable
from 9 (Default) to 12 Bits (0.5°C to 0.0625°C
Resolution)
o
9-Bit Conversion Time is 25ms (max)
o
Thermostatic Settings are User-Definable and
Nonvolatile (NV)
o
Stand-Alone Thermostat Capability
o
Data Read/Write Occurs Through a 2-Wire Serial
Interface (SDA and SCL Pins)
o
Data Lines Filtered Internally for Noise Immunity
(50ns Deglitch)
o
Optional Bus Timeout Feature Prevents Lockup
Problems on 2-Wire Interface
o
Multidrop Capability Simplifies Distributed
Temperature-Sensing Applications
o
Pin/Software Compatible with the LM75
o
Available in 8-Pin SO and µMAX® Packages
Digital Thermometer and Thermostat
________________________________________________________________ Maxim Integrated Products
1
SO
TOP VIEW
27
A0
SCL
1
8
VDD
SDA
A1
O.S.
3
6
A2
GND
45
DS7505
µ
µMAX
27
A0
SCL
1
8
VDD
SDA
A1
O.S.
3
6
A2
GND
4
5
DS7505
Pin Configurations
Ordering Information
Rev 1; 3/08
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
DS7505S+
-55°C to +125°C
8 SO (150 mils)
DS7505S+T&R
-55°C to +125°C
8 SO (150 mils),
2500-Piece T&R
DS7505U+
-55°C to +125°C
8 µMAX
DS7505U+T&R
-55°C to +125°C
8 µMAX,
3000-Piece T&R
+Denotes a lead-free package.
T&R = Tape and reel.
µMAX is a registered trademark of Maxim Integrated Products, Inc.
Commands are capitalized for clarity.


Similar Part No. - DS7505

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS7505S++ MAXIM-DS7505S+ Datasheet
564Kb / 14P
   Digital Thermometer and Thermostat
2015
DS7505S+T&R MAXIM-DS7505S+T&R Datasheet
564Kb / 14P
   Digital Thermometer and Thermostat
2015
DS7505U++ MAXIM-DS7505U+ Datasheet
564Kb / 14P
   Digital Thermometer and Thermostat
2015
DS7505U+T&R MAXIM-DS7505U+T&R Datasheet
564Kb / 14P
   Digital Thermometer and Thermostat
2015
DS7505 MAXIM-DS7505_V01 Datasheet
564Kb / 14P
   Digital Thermometer and Thermostat
2015
More results

Similar Description - DS7505

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
   Digital Thermometer and Thermostat
051106
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
   Digital Thermometer and Thermostat
053105
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
   Digital Thermometer and Thermostat
2015
DS75U MAXIM-DS75U Datasheet
189Kb / 14P
   Digital Thermometer and Thermostat
022108
DS75LV MAXIM-DS75LV_V01 Datasheet
379Kb / 14P
   Digital Thermometer and Thermostat
2016
DS7505 MAXIM-DS7505_V01 Datasheet
564Kb / 14P
   Digital Thermometer and Thermostat
2015
logo
Dallas Semiconductor
DS1620 DALLAS-DS1620 Datasheet
539Kb / 13P
   Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV_0611 MAXIM-DS75LV_0611 Datasheet
281Kb / 13P
   Digital Thermometer and Thermostat
112006
DS1621 MAXIM-DS1621 Datasheet
332Kb / 16P
   Digital Thermometer and Thermostat
090905
logo
Dallas Semiconductor
DS75 DALLAS-DS75_08 Datasheet
189Kb / 14P
   Digital Thermometer and Thermostat
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com