Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL-1288-390 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RL-1288-390
Description  POWER LINE CHOKES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RL-1288-390 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RL-1288-390 Datasheet HTML 1Page - List of Unclassifed Manufacturers RL-1288-390 Datasheet HTML 2Page - List of Unclassifed Manufacturers RL-1288-390 Datasheet HTML 3Page - List of Unclassifed Manufacturers RL-1288-390 Datasheet HTML 4Page - List of Unclassifed Manufacturers RL-1288-390 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RENCO ELECTRONICS, INC.
595 International Place, Rockledge, FL 32955-4200 USA
(321) 637-1000 • Toll Free Engineering Hot line 800-645-5828
SINCE 1955
Fax: (321) 637-1600
Web Site:www.rencousa.com
E-mail:sales@rencousa.com
16
RL-1284
Inductance
Max. DCR
Saturation
Suggested
at 0 DC (
µH)
(Ohms)
Current
Rated
@+20
°C
(DC Amps)
Current
(Amps)
Renco Part No.
RL-1284-3.9
3.9
.019
7.3
1.28
RL-1284-4.7
4.7
.022
6.3
1.28
RL-1284-5.6
5.6
.024
5.6
1.28
RL-1284-6.8
6.8
.026
5.3
1.28
RL-1284-8.2
8.2
.028
4.5
1.28
RL-1284-10
10
.033
4.1
1.28
RL-1284-12
12
.037
3.6
1.28
RL-1284-15
15
.040
3.3
1.28
RL-1284-18
18
.044
3.0
1.28
RL-1284-22
22
.050
2.7
1.28
RL-1284-27
27
.058
2.5
1.280
RL-1284-33
33
.075
2.2
1.008
RL-1284-39
39
.094
2.0
.804
RL-1284-47
47
.109
1.8
.804
RL-1284-56
56
.140
1.7
.804
RL-1284-68
68
.145
1.5
.804
RL-1284-82
82
.152
1.4
.804
RL-1284-100
100
.218
1.2
.632
RL-1284-120
120
.283
1.1
.508
RL-1284-150
150
.340
1.0
.508
RL-1284-180
180
.362
.95
.508
RL-1284-220
220
.430
.86
.508
RL-1284-270
270
.557
.77
.400
RL-1284-330
330
.665
.70
.400
RL-1284-390
390
.772
.64
.400
RL-1284-470
470
1.15
.59
.315
RL-1284-560
560
1.27
.54
.315
RL-1284-680
680
1.61
.49
.250
RL-1284-820
820
1.96
.44
.200
RL-1284-1000
1000
2.30
.40
.200
RL-1284-1200
1200
2.65
.35
.200
RL-1284-1500
1500
3.45
.33
.158
RL-1284-1800
1800
4.03
.29
.158
RL-1284-2200
2200
4.48
.27
.158
RL-1284-2700
2700
5.90
.24
.125
RL-1284-3300
3300
6.56
.220
.125
RL-1284-3900
3900
8.63
.200
.100
RL-1284-4700
4700
10.50
.180
.100
RL-1284-5600
5600
13.90
.166
.082
RL-1284-6800
6800
16.30
.151
.082
RL-1284-8200
8200
20.80
.136
.065
RL-1284-10000
10000
26.40
.125
.050
RL-1284-12000
12000
29.90
.114
.050
RL-1284-15000
15000
42.50
.098
.039
RL-1284-18000
18000
48.30
.091
.039
NOTES:
1. Inductance
±15% measured at
1kHz.
2. Saturation current lowers
inductance 5%.
3. Coils finished with sleeving VW1
rated.
4. Encapsulated to MIL-STD-27D
available, see Renco RL-1326
Series.
5. Maximum temperature -55
°C to
+130
°C.
6. Nonstandard values available.
7. 10% and 5% tolerance optional.
8. For applications over 24 Volts
verify operation with sample
in actual circuit.


Similar Part No. - RL-1288-390

ManufacturerPart #DatasheetDescription
logo
RENCO ELECTRONICS, INC.
RL-1288-390 RENCO-RL-1288-390 Datasheet
1Mb / 3P
   POWER LINE CHOKES
RL-1288-3900 RENCO-RL-1288-3900 Datasheet
1Mb / 3P
   POWER LINE CHOKES
More results

Similar Description - RL-1288-390

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82723A2501N001 EPCOS-B82723A2501N001 Datasheet
145Kb / 7P
   Power line chokes
B82747S4183N021 EPCOS-B82747S4183N021 Datasheet
144Kb / 6P
   Power line chokes
B82791G2251N020 EPCOS-B82791G2251N020 Datasheet
144Kb / 7P
   Power line chokes
B82720A EPCOS-B82720A Datasheet
111Kb / 6P
   Power line chokes
B82720S2301N042 EPCOS-B82720S2301N042 Datasheet
150Kb / 8P
   Power line chokes
B82625 EPCOS-B82625_10 Datasheet
115Kb / 7P
   Power line chokes
B82732W2901B30 EPCOS-B82732W2901B30 Datasheet
556Kb / 6P
   Power line chokes
logo
RENCO ELECTRONICS, INC.
RL-1282 RENCO-RL-1282 Datasheet
1Mb / 3P
   POWER LINE CHOKES
RL-1284 RENCO-RL-1284 Datasheet
1Mb / 3P
   POWER LINE CHOKES
logo
EPCOS
B82722J2301N002 EPCOS-B82722J2301N002 Datasheet
136Kb / 8P
   Power line chokes
B82523T0000E005 EPCOS-B82523T0000E005 Datasheet
137Kb / 6P
   Power line chokes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com