Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMC512BFY6 Datasheet(PDF) 11 Page - Numonyx B.V

Part # SMC512BFY6
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC512BFY6 Datasheet(HTML) 11 Page - Numonyx B.V

Back Button SMC512BFY6 Datasheet HTML 7Page - Numonyx B.V SMC512BFY6 Datasheet HTML 8Page - Numonyx B.V SMC512BFY6 Datasheet HTML 9Page - Numonyx B.V SMC512BFY6 Datasheet HTML 10Page - Numonyx B.V SMC512BFY6 Datasheet HTML 11Page - Numonyx B.V SMC512BFY6 Datasheet HTML 12Page - Numonyx B.V SMC512BFY6 Datasheet HTML 13Page - Numonyx B.V SMC512BFY6 Datasheet HTML 14Page - Numonyx B.V SMC512BFY6 Datasheet HTML 15Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 91 page
background image
SMCxxxBF
Summary description
11/91
1
Summary description
The CompactFlash is a small form factor non-volatile memory card which provides high
capacity data storage. Its aim is to capture, retain and transport data, audio and images,
facilitating the transfer of all types of digital information between a large variety of digital
systems.
The Card operates in three basic modes:
PCMCIA I/O mode
PCMCIA memory mode
True IDE mode
The CompactFlash also supports Advanced Timing modes. Advanced Timing modes are
PCMCIA style I/O modes that are 100ns or faster, PCMCIA Memory modes that are 100ns
or faster, True IDE PIO Modes 5,6 and Multi-Word DMA Modes 3,4.
It conforms to the PC Card Specification when operating in the PCMCIA I/O mode, and in
the PCMCIA Memory mode (Personal Computer Memory Card International Association
standard, JEIDA in Japan), and to the ATA specification when operating in True IDE Mode.
CompactFlash Cards can be used with passive adapters in a PC-Card Type II or Type III
socket.
The Card has an internal intelligent controller which manages interface protocols, data
storage and retrieval as well as hardware RS-code Error Correction Code (ECC), defect
handling, diagnostics and clock control. Once the Card has been configured by the host, it
behaves as a standard ATA (IDE) disk drive. The hardware RS-code ECC allows to detect
and correct 4 Bytes per 528 Bytes.
The Card has a super Cap on VCC and a powerful power-loss management feature to
prevent data corruption after power-down.
The specification has been realized and approved by the CompactFlash Association (CFA).
This non-proprietary specification enables users to develop CF products that function
correctly and are compatible with future CF design.
The system highlights are shown in Table 2, Table 3, Table 4, Table 5, Table 6 and Table 7.
Related Documentation
PCMCIA PC Card Standard, 1995
PCMCIA PC Card ATA Specification, 1995
AT Attachment Interface Document, American National Standards Institute, X3.221-
1994
CF+ and CompactFlash Specification Revision 3.0


Similar Part No. - SMC512BFY6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMC512BFY6 STMICROELECTRONICS-SMC512BFY6 Datasheet
833Kb / 91P
   32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
SMC512BFY6E STMICROELECTRONICS-SMC512BFY6E Datasheet
833Kb / 91P
   32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
More results

Similar Description - SMC512BFY6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMCXXXBF STMICROELECTRONICS-SMCXXXBF Datasheet
833Kb / 91P
   32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
logo
Numonyx B.V
SMCXXXAF NUMONYX-SMCXXXAF Datasheet
1Mb / 82P
   32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
logo
Silicon Storage Technol...
SST48CF008 SST-SST48CF008 Datasheet
572Kb / 60P
   CompactFlash Card
logo
Toshiba Semiconductor
THNCF008MAA TOSHIBA-THNCF008MAA Datasheet
461Kb / 52P
   CompactFlash Card
logo
Transcend Information. ...
TS2GF300 TRANSCEND-TS2GF300 Datasheet
2Mb / 83P
   300X CompactFlash Card
logo
Silicon Storage Technol...
SST55LC100M SST-SST55LC100M Datasheet
1Mb / 75P
   CompactFlash Card Controller
logo
Transcend Information. ...
TS16GCF400 TRANSCEND-TS16GCF400 Datasheet
2Mb / 88P
   400X CompactFlash Card
TS8GCF600 TRANSCEND-TS8GCF600 Datasheet
2Mb / 87P
   600X CompactFlash Card
TS128MCFI TRANSCEND-TS128MCFI Datasheet
2Mb / 84P
   industrial CompactFlash Card
TS32MCF80 TRANSCEND-TS32MCF80 Datasheet
2Mb / 82P
   80X CompactFlash Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com