Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDL300D-120 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FDL300D-120
Description  Fiber Optic Transceiver Solution for Seamless Digital to Light/ Light to Digital Conversion
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FDL300D-120 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FDL300D-120 Datasheet HTML 1Page - List of Unclassifed Manufacturers FDL300D-120 Datasheet HTML 2Page - List of Unclassifed Manufacturers FDL300D-120 Datasheet HTML 3Page - List of Unclassifed Manufacturers FDL300D-120 Datasheet HTML 4Page - List of Unclassifed Manufacturers FDL300D-120 Datasheet HTML 5Page - List of Unclassifed Manufacturers FDL300D-120 Datasheet HTML 6Page - List of Unclassifed Manufacturers FDL300D-120 Datasheet HTML 7Page - List of Unclassifed Manufacturers FDL300D-120 Datasheet HTML 8Page - List of Unclassifed Manufacturers FDL300D-120 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ABSOLUTE MAXIMUM RATINGS [1]
[1]
Parameter
Symbol
Minimum
Maximum
Unit
Storage Temperature
Tstg
-40
+100
ºC
Operating Temperature
Top
-20
+70
ºC
Soldering Temperature[2]
+260
ºC
Supply Voltage
VCC
-0.5
+4.5
V
FDL300E/FDL300D
Page 2
Notes:
1. These are absolute maximum ratings at or beyond which the FOT can be expected to be damaged.
2. 260
ºC, 5s 3 times, at least 2.2 mm away from lead root.
FDL300E/FDL300D (Preliminary) Revision P13
Firecomms assumes no responsibility for inaccuracies or omissions in the information
contained in this document. Specifications are subject to change without notice.
No patent rights are granted to any of the circuits described herein.
APPLICATIONS
[1]
Application
Standard
Distance
Speed
Home/Office Network
IEEE 1394b S100
100 meters
125 Mbps
Home/Office Network, High Speed
IEEE 1394b S200
50 meters
250 Mbps


Similar Part No. - FDL300D-120

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
FDL MSYSTEM-FDL Datasheet
94Kb / 2P
   Space-saving Plug-in Signal Conditioners F-UNIT
FDL-24-K MSYSTEM-FDL-24-K Datasheet
94Kb / 2P
   Space-saving Plug-in Signal Conditioners F-UNIT
FDL-24-K/Q MSYSTEM-FDL-24-K/Q Datasheet
94Kb / 2P
   Space-saving Plug-in Signal Conditioners F-UNIT
FDL-24-L MSYSTEM-FDL-24-L Datasheet
94Kb / 2P
   Space-saving Plug-in Signal Conditioners F-UNIT
FDL-24-L/Q MSYSTEM-FDL-24-L/Q Datasheet
94Kb / 2P
   Space-saving Plug-in Signal Conditioners F-UNIT
More results

Similar Description - FDL300D-120

ManufacturerPart #DatasheetDescription
logo
ams AG
TSL2584TSV AMSCO-TSL2584TSV Datasheet
807Kb / 33P
   Light-to-Digital Device
TSL2569 AMSCO-TSL2569 Datasheet
791Kb / 37P
   LIGHT-TO-DIGITAL CONVERTER
TSL2568 AMSCO-TSL2568_V01 Datasheet
948Kb / 55P
   Light-to-Digital Converter
2016-Apr-12
logo
List of Unclassifed Man...
TSL2583FN ETC2-TSL2583FN Datasheet
764Kb / 33P
   LIGHT-TO-DIGITAL CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL2571 TAOS-TSL2571 Datasheet
221Kb / 24P
   LIGHT-TO-DIGITAL CONVERTER
logo
ams AG
TSL2572 AMSCO-TSL2572 Datasheet
747Kb / 25P
   LIGHT-TO-DIGITAL CONVERTER
TSL2583 AMSCO-TSL2583 Datasheet
764Kb / 33P
   LIGHT-TO-DIGITAL CONVERTER
logo
Texas Instruments
OPT3002 TI1-OPT3002 Datasheet
331Kb / 8P
[Old version datasheet]   Light-to-Digital Sensor
logo
Intersil Corporation
ISL29001IROZ-T7 INTERSIL-ISL29001IROZ-T7 Datasheet
278Kb / 11P
   Light-to-Digital Sensor
ISL29001
ISL29001 INTERSIL-ISL29001 Datasheet
227Kb / 11P
   Light-to-Digital Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com