Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NAND08GW3C2AZL1F Datasheet(PDF) 7 Page - Numonyx B.V

Part # NAND08GW3C2AZL1F
Description  8/16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

NAND08GW3C2AZL1F Datasheet(HTML) 7 Page - Numonyx B.V

Back Button NAND08GW3C2AZL1F Datasheet HTML 3Page - Numonyx B.V NAND08GW3C2AZL1F Datasheet HTML 4Page - Numonyx B.V NAND08GW3C2AZL1F Datasheet HTML 5Page - Numonyx B.V NAND08GW3C2AZL1F Datasheet HTML 6Page - Numonyx B.V NAND08GW3C2AZL1F Datasheet HTML 7Page - Numonyx B.V NAND08GW3C2AZL1F Datasheet HTML 8Page - Numonyx B.V NAND08GW3C2AZL1F Datasheet HTML 9Page - Numonyx B.V NAND08GW3C2AZL1F Datasheet HTML 10Page - Numonyx B.V NAND08GW3C2AZL1F Datasheet HTML 11Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
NAND08GW3C2A, NAND16GW3C2A
Description
7/58
1
Description
The NAND08GW3C2A and NAND16GW3C2A are multilevel cell (MLC) devices from the
NAND Flash 2112-byte page family of non-volatile Flash memories. The NAND08GW3C2A
and the NAND16GW3C2A have a density of 8- and 16-Gbit, respectively. The
NAND16GW3C2A is composed of two 8-Gbit dice; each die can be accessed independently
using two Chip Enable and two Ready/Busy signals. The devices operate from a 3 V VDD
power supply.
The address lines are multiplexed with the Data Input/Output signals on a multiplexed x8
input/output bus. This interface reduces the pin count and makes it possible to migrate to
other densities without changing the footprint.
Each block can be programmed and erased over 10,000 cycles (with ECC on). The device
also has hardware security features; a write protect pin is available to give hardware
protection against Program and Erase operations.
The devices feature an open-drain, ready/busy output that can be used to identify if the
Program/Erase/Read (P/E/R) Controller is currently active. The use of an open-drain output
allows the ready/busy pins of several memories to be connected to a single pull-up resistor.
The memory array is split into 2 planes of 2048 blocks each. This multiplane architecture
makes it possible to program 2 pages at a time (one in each plane) or to erase 2 blocks at a
time (one in each plane), dividing by two the average program and erase times.
The devices have the Chip Enable “Don’t Care” feature, which allows code to be directly
downloaded by a microcontroller, as Chip Enable transitions during the latency time do not
stop the Read operation.
There is the option of a unique identifier (serial number), which allows the
NAND08GW3C2A and the NAND16GW3C2A to be uniquely identified. It is subject to an
NDA (non-disclosure agreement) and is, therefore, not described in the datasheet. For more
details of this option contact your nearest Numonyx Sales office.
The devices are available in TSOP48 (12 × 20 mm) and LGA52 (12 x 17 x 0.65 mm)
packages. To meet environmental requirements, Numonyx offers the devices in ECOPACK®
packages. ECOPACK packages are lead-free. In compliance with JEDEC Standard
JESD97, the category of second level interconnect is marked on the package and on the
inner box label. The maximum ratings related to soldering conditions are also marked on the
inner box label.
The devices are shipped from the factory with block 0 always valid and the memory content
bits, in valid blocks, erased to ‘1’.
Refer to the list of available part numbers and to Table 24: Ordering information scheme for
information on how to order these options.


Similar Part No. - NAND08GW3C2AZL1F

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
NAND08GW3C2B NUMONYX-NAND08GW3C2B Datasheet
1Mb / 60P
   8 or 16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
NAND08GW3C2BN1E NUMONYX-NAND08GW3C2BN1E Datasheet
1Mb / 60P
   8 or 16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
NAND08GW3C2BN1F NUMONYX-NAND08GW3C2BN1F Datasheet
1Mb / 60P
   8 or 16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
NAND08GW3C2BN6E NUMONYX-NAND08GW3C2BN6E Datasheet
1Mb / 60P
   8 or 16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
NAND08GW3C2BN6F NUMONYX-NAND08GW3C2BN6F Datasheet
1Mb / 60P
   8 or 16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
More results

Similar Description - NAND08GW3C2AZL1F

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
NAND08GW3C2B NUMONYX-NAND08GW3C2B Datasheet
1Mb / 60P
   8 or 16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
NAND04G-B2D NUMONYX-NAND04G-B2D Datasheet
1Mb / 69P
   4 Gbit, 8 Gbit, 2112 byte/1056 word page multiplane architecture, 1.8 V or 3 V, NAND Flash memories
NAND01G-B2B NUMONYX-NAND01G-B2B Datasheet
1Mb / 60P
   1-Gbit, 2-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, NAND flash memory
NAND02G-B2D NUMONYX-NAND02G-B2D Datasheet
1Mb / 69P
   2-Gbit, 2112-byte/1056-word page multiplane architecture, 1.8 V or 3 V, NAND flash memories
logo
STMicroelectronics
NAND01G-B STMICROELECTRONICS-NAND01G-B Datasheet
631Kb / 64P
   1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
NAND01G-B2B STMICROELECTRONICS-NAND01G-B2B Datasheet
711Kb / 62P
   1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
logo
Numonyx B.V
NAND04GW3B2B NUMONYX-NAND04GW3B2B Datasheet
1Mb / 58P
   4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
logo
STMicroelectronics
NAND04GW3B2B STMICROELECTRONICS-NAND04GW3B2B Datasheet
501Kb / 58P
   4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
logo
Numonyx B.V
NAND01GR3B2C NUMONYX-NAND01GR3B2C Datasheet
1Mb / 67P
   1-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, single level cell NAND flash memory
January 2010 Rev 5
logo
STMicroelectronics
NAND512-B STMICROELECTRONICS-NAND512-B Datasheet
383Kb / 59P
   512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
February 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com