Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMS256AFA5E Datasheet(PDF) 11 Page - Numonyx B.V

Part # SMS256AFA5E
Description  64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMS256AFA5E Datasheet(HTML) 11 Page - Numonyx B.V

Back Button SMS256AFA5E Datasheet HTML 7Page - Numonyx B.V SMS256AFA5E Datasheet HTML 8Page - Numonyx B.V SMS256AFA5E Datasheet HTML 9Page - Numonyx B.V SMS256AFA5E Datasheet HTML 10Page - Numonyx B.V SMS256AFA5E Datasheet HTML 11Page - Numonyx B.V SMS256AFA5E Datasheet HTML 12Page - Numonyx B.V SMS256AFA5E Datasheet HTML 13Page - Numonyx B.V SMS256AFA5E Datasheet HTML 14Page - Numonyx B.V SMS256AFA5E Datasheet HTML 15Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
SMSxxxAF, SMSxxxFF, SMSxxxBF
Memory array partitioning
11/61
2
Memory array partitioning
The basic unit of data transfer to/from the SD Memory Card is the Byte. The memory array
is divided into several structures as described below and summarized in Table 17.
Block
The Block is the unit structure related to block-oriented read and write commands. Its size is
the number of Bytes that are transferred when a block-oriented read or write command is
sent by the host. The SD Memory Card Block size is either programmable or fixed. The
information about allowed block sizes and programmability is stored in the CSD Register.
The details of the Memory Array Structure and the number of addressable Blocks are shown
in Table 17.
Sector
The sector is the unit structure related to the erase commands. Its size is the number of
blocks that are erased at any one time. The sector size is fixed for each device. The
information about the sector size (in blocks) is stored in the CSD register.
Write Protect Group (WP-Group)
The WP-Group is the smallest structure that may be individually protected. Its size is the
number of Sectors that are Write Protected with one bit. The information about the Write
Protect Group size is stored in the CSD Register.
Table 7.
Memory array structures
Type of
Structure
Number of structures in device
Unit
32 MByte
Devices
64 MByte
Devices
128 MByte
Devices
256 MByte
Devices
512 MByte
Devices
1 GByte
Devices
Blocks
512 Bytes
59776
122624
248320
499712
1002496
1999872
Sector
Block
128
128
128
128
128
128
WP-Groups
Sector
1
2
4
8
16
32


Similar Part No. - SMS256AFA5E

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SMS250 DIOTEC-SMS250 Datasheet
171Kb / 2P
   Surface Mount Schottky-Rectifiers
logo
Semikron International
SMS250 SEMIKRON-SMS250 Datasheet
139Kb / 2P
   Schottky barrier rectifiers diodes
logo
Diotec Semiconductor
SMS250 DIOTEC-SMS250 Datasheet
106Kb / 2P
   Surface Mount Schottky Rectifiers
logo
Semikron International
SMS250 SEMIKRON-SMS250 Datasheet
143Kb / 2P
   Schottky barrier rectifiers diodes
logo
Diotec Semiconductor
SMS250 DIOTEC-SMS250 Datasheet
112Kb / 2P
   Surface Mount Schottky Rectifier Diodes
More results

Similar Description - SMS256AFA5E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HB28K032MM3 RENESAS-HB28K032MM3 Datasheet
526Kb / 91P
   MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
logo
Numonyx B.V
SMCXXXAF NUMONYX-SMCXXXAF Datasheet
1Mb / 82P
   32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
logo
Renesas Technology Corp
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
   MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Cypress Semiconductor
S29GL01GT CYPRESS-S29GL01GT Datasheet
9Mb / 105P
   1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
   MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
Cypress Semiconductor
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
   512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
S25FL128S CYPRESS-S25FL128S Datasheet
15Mb / 149P
   128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 3.0V SPI Flash Memory
logo
Hitachi Semiconductor
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
HB28D096C6 HITACHI-HB28D096C6 Datasheet
228Kb / 68P
   CompactFlash??96 MByte/32 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com