Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMSXXXAF Datasheet(PDF) 1 Page - Numonyx B.V

Part # SMSXXXAF
Description  64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMSXXXAF Datasheet(HTML) 1 Page - Numonyx B.V

  SMSXXXAF Datasheet HTML 1Page - Numonyx B.V SMSXXXAF Datasheet HTML 2Page - Numonyx B.V SMSXXXAF Datasheet HTML 3Page - Numonyx B.V SMSXXXAF Datasheet HTML 4Page - Numonyx B.V SMSXXXAF Datasheet HTML 5Page - Numonyx B.V SMSXXXAF Datasheet HTML 6Page - Numonyx B.V SMSXXXAF Datasheet HTML 7Page - Numonyx B.V SMSXXXAF Datasheet HTML 8Page - Numonyx B.V SMSXXXAF Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
December 2007
Rev 3
1/61
1
SMSxxxAF
SMSxxxFF, SMSxxxBF
64 MByte, 128 MByte, 256 MByte
512 MByte and 1 GByte, 3.3V Supply Secure Digital™ Card
Features
SD Memory Card Specification Version 1.01-
compliant
Up to 1 Gbyte of Formatted Data Storage
Bus Mode
– SD Protocol (1 to 4 Data Lines)
– SPI Protocol
Operating Voltage Range:
– Basic Communication (CMD0, CMD15,
CMD55 and ACMD41): 2.0V to 3.6V
– Other Commands and Memory Access:
2.7V to 3.6V
Variable Clock Rate: 0 to 25 MHz
Read Access (using 4 Data Lines)
– Sustained Multiple Block: 6.3 Mb/s
Write Access (using 4 Data Lines)
– Sustained Multiple Block: 3.0 Mb/s
Maximum Data Rate with up to 10 Cards
Aimed at Portable and Stationary Applications
Communication Channel Protocol Attributes:
– Six-wire communication channel (clock,
command, 4 data lines)
– Error-proof data transfer
– Single or Multiple block oriented data
transfer
Memory Field Error Correction
Safe Card Removal during Read
Write Protect Feature using Mechanical Switch
Built-in Write Protection Features (Permanent
and Temporary)
SD, MiniSD and MicroSD Packages
– ECOPACK® compliant
– Halogen free
– Antimony free
SD
miniSD
SD Secure Digital
MiniSD
MicroSD
Table 1.
Device summary
Part Number
Package Form Factor
Operating Voltage Range
SMS128AF
SD (full size)
2.7V to 3.6V
SMS256AF
SMS512AF
SMS01GAF
SMS064BF
MiniSD
SMS128BF
SMS064FF
MicroSD
SMS128FF
SMS256FF
SMS512FF
www.numonyx.com


Similar Part No. - SMSXXXAF

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
SMS SCHURTER-SMS Datasheet
323Kb / 4P
   Print and SMD Switch Short Stroke 11.4 mm
logo
Isabellenhütte Heu...
SMS ISABELLENHUETTE-SMS Datasheet
1Mb / 5P
   Precision resistors
logo
Schurter Inc.
SMS SCHURTER-SMS Datasheet
334Kb / 4P
   Print and SMD Switch Short Stroke 11.4 mm
04.01.2022
logo
Adam Technologies, Inc.
SMS-001-GT ADAM-TECH-SMS-001-GT Datasheet
57Kb / 1P
   PIN RECEPTACLES
logo
Projects Unlimited, Inc...
SMS-1308MS-2-R PUI-SMS-1308MS-2-R Datasheet
215Kb / 1P
   ALL DIMENSIONS ARE IN MILLIMETERS
More results

Similar Description - SMSXXXAF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HB28K032MM3 RENESAS-HB28K032MM3 Datasheet
526Kb / 91P
   MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
logo
Numonyx B.V
SMCXXXAF NUMONYX-SMCXXXAF Datasheet
1Mb / 82P
   32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
logo
Renesas Technology Corp
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
   MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Cypress Semiconductor
S29GL01GT CYPRESS-S29GL01GT Datasheet
9Mb / 105P
   1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
   MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
Cypress Semiconductor
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
   512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
S25FL128S CYPRESS-S25FL128S Datasheet
15Mb / 149P
   128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 3.0V SPI Flash Memory
logo
Hitachi Semiconductor
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
HB28D096C6 HITACHI-HB28D096C6 Datasheet
228Kb / 68P
   CompactFlash??96 MByte/32 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com