Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5104 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP5104
Description  High Voltage, Half Bridge Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5104 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP5104 Datasheet HTML 1Page - ON Semiconductor NCP5104 Datasheet HTML 2Page - ON Semiconductor NCP5104 Datasheet HTML 3Page - ON Semiconductor NCP5104 Datasheet HTML 4Page - ON Semiconductor NCP5104 Datasheet HTML 5Page - ON Semiconductor NCP5104 Datasheet HTML 6Page - ON Semiconductor NCP5104 Datasheet HTML 7Page - ON Semiconductor NCP5104 Datasheet HTML 8Page - ON Semiconductor NCP5104 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
NCP5104
http://onsemi.com
3
PIN DESCRIPTION
Pin Name
Description
VCC
Low Side and Main Power Supply
IN
Logic Input
SD
Logic Input for Shutdown
GND
Ground
DRV_LO
Low Side Gate Drive Output
VBOOT
Bootstrap Power Supply
DRV_HI
High Side Gate Drive Output
BRIDGE
Bootstrap Return or High Side Floating Supply Return
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
VCC
Main power supply voltage
-0.3 to 20
V
VCC_transient
Main transient power supply voltage:
IVCC_max = 5 mA during 10 ms
23
V
VBOOT
VHV: High Voltage BOOT Pin
-1 to 620
V
VBRIDGE
VHV: High Voltage BRIDGE pin
-1 to 600
V
VBRIDGE
Allowable Negative Bridge Pin Voltage for IN Signal Propagation to DRV_LO
-10
V
VBOOT-VBRIDGE
VHV: Floating supply voltage
-0.3 to 20
V
VDRV_HI
VHV: High side output voltage
VBRIDGE - 0.3 to
VBOOT + 0.3
V
VDRV_LO
Low side output voltage
-0.3 to VCC + 0.3
V
dVBRIDGE/dt
Allowable output slew rate
50
V/ns
VIN, VSD
Inputs IN & SD
-1.0 to VCC + 0.3
V
ESD Capability:
- HBM model (all pins except pins 6-7-8 in 8)
- Machine model (all pins except pins 6-7-8)
2
200
kV
V
Latch up capability per JEDEC JESD78
RqJA
Power dissipation and Thermal characteristics
PDIP-8: Thermal Resistance, Junction-to-Air
SO-8: Thermal Resistance, Junction-to-Air
100
178
°C/W
TJ_max
Maximum Operating Junction Temperature
+150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.


Similar Part No. - NCP5104

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5104 ONSEMI-NCP5104 Datasheet
110Kb / 15P
   High Voltage, Half Bridge Driver
June, 2015 ??Rev. 7
NCP5104BA36WGEVB ONSEMI-NCP5104BA36WGEVB Datasheet
110Kb / 15P
   High Voltage, Half Bridge Driver
June, 2015 ??Rev. 7
NCP5104DR2G ONSEMI-NCP5104DR2G Datasheet
110Kb / 15P
   High Voltage, Half Bridge Driver
June, 2015 ??Rev. 7
NCP5104DR2G ONSEMI-NCP5104DR2G Datasheet
110Kb / 15P
   High Voltage, Half Bridge Driver
June, 2015 ??Rev. 7
NCP5104PG ONSEMI-NCP5104PG Datasheet
110Kb / 15P
   High Voltage, Half Bridge Driver
June, 2015 ??Rev. 7
More results

Similar Description - NCP5104

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M81702FP MITSUBISHI-M81702FP Datasheet
49Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81700FP MITSUBISHI-M81700FP Datasheet
50Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
logo
STMicroelectronics
L6384 STMICROELECTRONICS-L6384 Datasheet
78Kb / 10P
   HIGH-VOLTAGE HALF BRIDGE DRIVER
logo
Mitsubishi Electric Sem...
M81703FP MITSUBISHI-M81703FP Datasheet
46Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81713FP MITSUBISHI-M81713FP_09 Datasheet
78Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81736FP MITSUBISHI-M81736FP Datasheet
618Kb / 7P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81740FP MITSUBISHI-M81740FP Datasheet
265Kb / 10P
   HIGH VOLTAGE HALF BRIDGE DRIVER
logo
STMicroelectronics
L6384D013TR STMICROELECTRONICS-L6384D013TR Datasheet
153Kb / 10P
   HIGH-VOLTAGE HALF BRIDGE DRIVER
logo
Mitsubishi Electric Sem...
M81731FP MITSUBISHI-M81731FP Datasheet
79Kb / 6P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M63991FP MITSUBISHI-M63991FP Datasheet
75Kb / 8P
   HIGH VOLTAGE HALF BRIDGE DRIVER
logo
ON Semiconductor
NCP5104 ONSEMI-NCP5104_15 Datasheet
110Kb / 15P
   High Voltage, Half Bridge Driver
June, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com