Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5104 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP5104
Description  High Voltage, Half Bridge Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5104 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP5104 Datasheet HTML 1Page - ON Semiconductor NCP5104 Datasheet HTML 2Page - ON Semiconductor NCP5104 Datasheet HTML 3Page - ON Semiconductor NCP5104 Datasheet HTML 4Page - ON Semiconductor NCP5104 Datasheet HTML 5Page - ON Semiconductor NCP5104 Datasheet HTML 6Page - ON Semiconductor NCP5104 Datasheet HTML 7Page - ON Semiconductor NCP5104 Datasheet HTML 8Page - ON Semiconductor NCP5104 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
© Semiconductor Components Industries, LLC, 2008
March, 2008 - Rev. 2
1
Publication Order Number:
NCP5104/D
NCP5104
High Voltage, Half Bridge
Driver
The NCP5104 is a High Voltage Power gate Driver providing two
outputs for direct drive of 2 N-channel power MOSFETs or IGBTs
arranged in a half-bridge configuration. It uses the bootstrap
technique to insure a proper drive of the High-side power switch.
Features
High Voltage Range: up to 600 V
dV/dt Immunity ±50 V/nsec
Gate Drive Supply Range from 10 V to 20 V
High and Low Drive Outputs
Output Source / Sink Current Capability 250 mA / 500 mA
3.3 V and 5 V Input Logic Compatible
Up to VCC Swing on Input Pins
Extended Allowable Negative Bridge Pin Voltage Swing to -10 V
for Signal Propagation
Matched Propagation Delays between Both Channels
1 Input with Internal Fixed Dead Time (520 ns)
Under VCC LockOut (UVLO) for Both Channels
Pin to Pin Compatible with Industry Standards
These are Pb-Free Devices
Typical Applications
Half-Bridge Power Converters
SOIC-8
D SUFFIX
CASE 751
MARKING
DIAGRAMS
NCP5104 = Specific Device Code
A
= Assembly Location
L or WL
= Wafer Lot
Y or YY
= Year
W or WW
= Work Week
G or
G
= Pb-Free Package
http://onsemi.com
1
PDIP-8
P SUFFIX
CASE 626
P5104
ALYW
G
1
8
1
NCP5104
AWLG
YYWW
PINOUT INFORMATION
8 Pin Package
2
3
4
1
7
6
5
8
SD
IN
VCC
GND
VBOOT
DRV_HI
BRIDGE
DRV_LO
Device
Package
Shipping
ORDERING INFORMATION
NCP5104PG
PDIP-8
(Pb-Free)
50 Units / Rail
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
NCP5104DR2G
SOIC-8
(Pb-Free)
2500 / Tape & Reel


Similar Part No. - NCP5104

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5104 ONSEMI-NCP5104 Datasheet
110Kb / 15P
   High Voltage, Half Bridge Driver
June, 2015 ??Rev. 7
NCP5104BA36WGEVB ONSEMI-NCP5104BA36WGEVB Datasheet
110Kb / 15P
   High Voltage, Half Bridge Driver
June, 2015 ??Rev. 7
NCP5104DR2G ONSEMI-NCP5104DR2G Datasheet
110Kb / 15P
   High Voltage, Half Bridge Driver
June, 2015 ??Rev. 7
NCP5104DR2G ONSEMI-NCP5104DR2G Datasheet
110Kb / 15P
   High Voltage, Half Bridge Driver
June, 2015 ??Rev. 7
NCP5104PG ONSEMI-NCP5104PG Datasheet
110Kb / 15P
   High Voltage, Half Bridge Driver
June, 2015 ??Rev. 7
More results

Similar Description - NCP5104

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M81702FP MITSUBISHI-M81702FP Datasheet
49Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81700FP MITSUBISHI-M81700FP Datasheet
50Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
logo
STMicroelectronics
L6384 STMICROELECTRONICS-L6384 Datasheet
78Kb / 10P
   HIGH-VOLTAGE HALF BRIDGE DRIVER
logo
Mitsubishi Electric Sem...
M81703FP MITSUBISHI-M81703FP Datasheet
46Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81713FP MITSUBISHI-M81713FP_09 Datasheet
78Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81736FP MITSUBISHI-M81736FP Datasheet
618Kb / 7P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81740FP MITSUBISHI-M81740FP Datasheet
265Kb / 10P
   HIGH VOLTAGE HALF BRIDGE DRIVER
logo
STMicroelectronics
L6384D013TR STMICROELECTRONICS-L6384D013TR Datasheet
153Kb / 10P
   HIGH-VOLTAGE HALF BRIDGE DRIVER
logo
Mitsubishi Electric Sem...
M81731FP MITSUBISHI-M81731FP Datasheet
79Kb / 6P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M63991FP MITSUBISHI-M63991FP Datasheet
75Kb / 8P
   HIGH VOLTAGE HALF BRIDGE DRIVER
logo
ON Semiconductor
NCP5104 ONSEMI-NCP5104_15 Datasheet
110Kb / 15P
   High Voltage, Half Bridge Driver
June, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com