Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NAND08GAH0A Datasheet(PDF) 1 Page - Numonyx B.V

Part No. NAND08GAH0A
Description  1 Gbyte, 2 Gbyte, 1.8 V/3 V supply, NAND Flash memories with MultiMediaCard™ interface
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

NAND08GAH0A Datasheet(HTML) 1 Page - Numonyx B.V

  NAND08GAH0A Datasheet HTML 1Page - Numonyx B.V NAND08GAH0A Datasheet HTML 2Page - Numonyx B.V NAND08GAH0A Datasheet HTML 3Page - Numonyx B.V NAND08GAH0A Datasheet HTML 4Page - Numonyx B.V NAND08GAH0A Datasheet HTML 5Page - Numonyx B.V NAND08GAH0A Datasheet HTML 6Page - Numonyx B.V NAND08GAH0A Datasheet HTML 7Page - Numonyx B.V NAND08GAH0A Datasheet HTML 8Page - Numonyx B.V NAND08GAH0A Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 116 page
background image
Preliminary Data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
December 2007
Rev 2
1/116
1
NAND08GAH0A
NAND16GAH0D
1 Gbyte, 2 Gbyte, 1.8 V/3 V supply,
NAND Flash memories with MultiMediaCard™ interface
Features
Packaged NAND Flash memory with
MultiMediaCard interface
1, 2 Gbytes of formatted data storage
eMMC/MultiMediaCard system specification,
compliant with V4.1
Full backward compatibilty with previous
MultiMediaCard system specification
Bus mode
– High-speed MultiMediaCard protocol
– SPI protocol
– Three different data bus widths:1 bit, 4 bits,
8 bits
– Data transfer rate: up to 52 Mbyte/s
Operating voltage range:
–VCCQ =1.8 V/3 V
–VCC = 3 V
Supported clock frequencies: 0 to 52 MHz
Multiple Block Read (x 8 at 52 MHz):
up to 3.5 Mbyte/s
Multiple Block Write (x 8 at 52 MHz):
up to 8.5 Mbyte/s
Power dissipation
– Standby current: down to 200 µA
– Read current: down to 30 mA
– Write current: down to 30 mA
Error free memory access
– Internal enhanced data management
algorithm (wear levelling, bad block
management, garbage collection)
– Internal error correction code
Data integrity
– Data reliability: less than 1 non-recoverable
error per 1014 bits read
– Endurance: more that 2,000,000
Program/Erase cycles
Security
– Password protection of data
– Built-in write protection (permanent or
temporary)
FBGA
LFBGA169 12 x 16 x 1.4 mm (ZA)
www.numonyx.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn