Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NAND08GAH0A Datasheet(PDF) 88 Page - Numonyx B.V

Part # NAND08GAH0A
Description  1 Gbyte, 2 Gbyte, 1.8 V/3 V supply, NAND Flash memories with MultiMediaCard??interface
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

NAND08GAH0A Datasheet(HTML) 88 Page - Numonyx B.V

Back Button NAND08GAH0A Datasheet HTML 84Page - Numonyx B.V NAND08GAH0A Datasheet HTML 85Page - Numonyx B.V NAND08GAH0A Datasheet HTML 86Page - Numonyx B.V NAND08GAH0A Datasheet HTML 87Page - Numonyx B.V NAND08GAH0A Datasheet HTML 88Page - Numonyx B.V NAND08GAH0A Datasheet HTML 89Page - Numonyx B.V NAND08GAH0A Datasheet HTML 90Page - Numonyx B.V NAND08GAH0A Datasheet HTML 91Page - Numonyx B.V NAND08GAH0A Datasheet HTML 92Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 116 page
background image
Serial peripheral interface (SPI) mode
NAND08GAH0A, NAND16GAH0D
88/116
If the host sends a STOP_TRANSMISSION command after the device transmitted the last
block of a Multiple Block Read with a pre-defined number of blocks, it is responded to as for
an illegal command.
If the host uses partial blocks whose accumulated length is not block aligned, and block
misalignment is not allowed, the device detects a block misalignment error condition during
the transmission of the first misaligned block and the content of the further transferred bits is
undefined. As the host sends CMD12, the device responds with the ADDRESS_MISALIGN
bit set.
Figure 31.
SPI Read operation – data error
Data in
command
command
from host
to card
from card
to host
data error token
from card to host
next
command
Data out
response
data error
ai08347b


Similar Part No. - NAND08GAH0A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND08G-B STMICROELECTRONICS-NAND08G-B Datasheet
383Kb / 59P
   512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
February 2005
logo
Numonyx B.V
NAND08G-BXC NUMONYX-NAND08G-BXC Datasheet
1Mb / 69P
   4 Gbit, 8 Gbit, 2112 byte/1056 word page multiplane architecture, 1.8 V or 3 V, NAND Flash memories
logo
STMicroelectronics
NAND08GR3B STMICROELECTRONICS-NAND08GR3B Datasheet
383Kb / 59P
   512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
February 2005
logo
Numonyx B.V
NAND08GR3B2C NUMONYX-NAND08GR3B2C Datasheet
1Mb / 69P
   4 Gbit, 8 Gbit, 2112 byte/1056 word page multiplane architecture, 1.8 V or 3 V, NAND Flash memories
NAND08GR3B2CN1E NUMONYX-NAND08GR3B2CN1E Datasheet
1Mb / 69P
   4 Gbit, 8 Gbit, 2112 byte/1056 word page multiplane architecture, 1.8 V or 3 V, NAND Flash memories
More results

Similar Description - NAND08GAH0A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB2881000A5 HITACHI-HB2881000A5 Datasheet
168Kb / 66P
   FLASH ATA Card 1 GByte
logo
Numonyx B.V
NAND02G-B2D NUMONYX-NAND02G-B2D Datasheet
1Mb / 69P
   2-Gbit, 2112-byte/1056-word page multiplane architecture, 1.8 V or 3 V, NAND flash memories
NAND512R3A2SN6F NUMONYX-NAND512R3A2SN6F Datasheet
1Mb / 55P
   512-Mbit, 528-byte/264-word page, 1.8 V/3 V, SLC NAND flash memories
NAND01G-B2B NUMONYX-NAND01G-B2B Datasheet
1Mb / 60P
   1-Gbit, 2-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, NAND flash memory
M58LR128KT NUMONYX-M58LR128KT Datasheet
1Mb / 110P
   128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
logo
STMicroelectronics
M58LR128HT STMICROELECTRONICS-M58LR128HT Datasheet
844Kb / 112P
   128 Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply Flash memories
logo
Numonyx B.V
NAND04G-B2D NUMONYX-NAND04G-B2D Datasheet
1Mb / 69P
   4 Gbit, 8 Gbit, 2112 byte/1056 word page multiplane architecture, 1.8 V or 3 V, NAND Flash memories
logo
Eon Silicon Solution In...
EN27SN1G08 EON-EN27SN1G08 Datasheet
951Kb / 44P
   1 Gigabit (128 Mx 8), 1.8 V NAND Flash Memory
logo
STMicroelectronics
M58LT128HST STMICROELECTRONICS-M58LT128HST Datasheet
816Kb / 110P
   128-Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply, Secure Flash memories
logo
Numonyx B.V
M58LT128HST NUMONYX-M58LT128HST Datasheet
1Mb / 110P
   128 Mbit (8 Mb 횞16, multiple bank, multilevel interface, burst) 1.8 V supply, secure Flash memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com