Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1230D65R2 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP1230D65R2
Description  Low-Standby Power High Performance PWM Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1230D65R2 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP1230D65R2 Datasheet HTML 7Page - ON Semiconductor NCP1230D65R2 Datasheet HTML 8Page - ON Semiconductor NCP1230D65R2 Datasheet HTML 9Page - ON Semiconductor NCP1230D65R2 Datasheet HTML 10Page - ON Semiconductor NCP1230D65R2 Datasheet HTML 11Page - ON Semiconductor NCP1230D65R2 Datasheet HTML 12Page - ON Semiconductor NCP1230D65R2 Datasheet HTML 13Page - ON Semiconductor NCP1230D65R2 Datasheet HTML 14Page - ON Semiconductor NCP1230D65R2 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
NCP1230
http://onsemi.com
11
OPERATING DESCRIPTION
Introduction
The NCP1230 is a current mode controller which provides
a high level of integration by providing all the required
control logic, protection, and a PWM Drive Output into a
single chip which is ideal for low cost, medium to high
power off-line application, such as notebook adapters,
battery chargers, set-boxes, TV, and computer monitors.
The NCP1230 can be connected directly to a high voltage
source providing lossless startup, and eliminating external
startup circuitry. In addition, the NCP1230 has a PFC_VCC
output pin which provides the bias supply power for a Power
Factor Correction controller, or other logic. The NCP1230
has an event management scheme which disables the
PFC_VCC output during standby, and overload conditions.
PFC_VCC
As shown on the internal NCP1230 diagram, an internal
low impedance switch SW1 routes Pin 6 (VCC) to Pin 1
when the power supply is operating under nominal load
conditions. The PFC_VCC signal is capable of delivering up
to 35 mA of continuous current for a PFC Controller, or
other logic.
Connecting the NCP1230 PFC_VCC output to a PFC
Controller chip is very straight forward, refer to the “Typical
Application Example” all that is generally required is a
small decoupling capacitor (0.1
mF).
Figure 29. Typical Application Example
1
8
2
3
4
7
6
5
High Voltage
MC33262/33260
1
8
2
3
4
7
6
5
NCP1230
+
GND
Vout
Rsense
GND
VCC Cap
PFC_VCC


Similar Part No. - NCP1230D65R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1230D65R2G ONSEMI-NCP1230D65R2G Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM
February, 2011 ??Rev. 11
NCP1230D65R2G ONSEMI-NCP1230D65R2G Datasheet
242Kb / 21P
   Low-Standby Power High Performance PWM Controller
May, 2015 ??Rev. 12
More results

Similar Description - NCP1230D65R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1230 ONSEMI-NCP1230_15 Datasheet
242Kb / 21P
   Low-Standby Power High Performance PWM Controller
May, 2015 ??Rev. 12
NCP1230 ONSEMI-NCP1230 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM Controller
February, 2011 ??Rev. 11
NCP1381 ONSEMI-NCP1381_V01 Datasheet
868Kb / 27P
   Low-Standby High Performance PWM Controller
November, 2010 - Rev. 5
NCP1230AP100 ONSEMI-NCP1230AP100 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM
February, 2011 ??Rev. 11
NCP1231 ONSEMI-NCP1231 Datasheet
492Kb / 21P
   Low?뭆tandby Power High Performance PWM Controller
July, 2006 ??Rev. 4
logo
Princeton Technology Co...
RS2052 PTC-RS2052 Datasheet
545Kb / 5P
   100mW Standby Power Green PWM Controller
logo
ON Semiconductor
NCP1381 ONSEMI-NCP1381 Datasheet
554Kb / 26P
   Low?뭆tandby High Performance PWM Controller
July, 2006 ??Rev. 3
NCP1239 ONSEMI-NCP1239 Datasheet
1Mb / 38P
   Low?뭆tandby High Performance PWM Controller
October, 2005 ??Rev. 5
logo
AiT Semiconductor Inc.
AP8366 AITSEMI-AP8366 Datasheet
705Kb / 14P
   AC-DC PWM CONTROLLER LOW STANDBY-POWER QUASI-RESONANT
REV1.2
logo
Fairchild Semiconductor
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com