Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS-118F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # KS-118F
Description  8-Port 10/100 Switch with 1 Fiber Connection
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KS-118F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  KS-118F Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
8-Port 10/100 Switch
with 1 Fiber Connection
Key Features:
·
Complies with IEEE 802.3 10Base-T and IEEE 802.3u 100Base-TX, 100Base-FX standards
·
Provides 7 10/100Mbps switched ports and 1 100Base-TX switched port
·
Each TP port supports both 10/100Mbps auto-negotiation and auto-sensing
·
Supports duplex operation for each port
·
8K MAC addresses and automatic MAC address learning and aging
·
Store-and-forward architecture with non-blocking switching fabric
·
Broadcast storm protection
·
Supports full-duplex flow control (IEEE 802.3x)
·
Back-pressure flow control in half-duplex mode
·
Compact metal chassis design
KS-118F
Specifications:
Fiber Port
Multimode Duplex SC connector
Fiber Media
Multimode 1300nm 62.5/125µm fiber cable (max. distance: 2km)
TP Port
Shielded RJ-45 jack
Cables
10Base-T:
Cat. 3,4,5 UTP cable (100m max.)
100Base-TX:
Cat. 5 UTP cable (100m max.)
Filtering address
Unicast/Multicast/Broadcast address: 8K MAC addresses per unit
Filtering rate
14,880 pps for Ethernet, 148,800 pps for Fast Ethernet
Forwarding rate
14,880 pps for Ethernet, 148,800 pps for Fast Ethernet
RAM Buffer
256KB
LEDs
- Power status
- 10/100, Link/Activity, Collision/Full Duplex status for each port
Environment
Operating temperature:
0
o
to 40
o
C
Relative humidity:
10% to 90% non-condensing
Dimension
171 x 98 x 29mm (6.73 x 3.86 x 1.14inch)
Power
+5VDC, 2.4A
KTI Networks Inc.
7400 Harwin Dr., Suite 120
Houston, Texas 77036 U.S.A.
Tel:
713-266-3891
Fax:
713-266-3893
E-mail:
kti@ktinet.com
URL:
http://www.ktinet.com
Trademarks: All brand names are trademarks or registered trademarks of
their respective holders. This information is subject to change without
prior notice.
FCC Part 15, Class A
CISPR 22 Class A
Katron Technologies Inc.
15F-7, No. 79, Sec. 1, Hsin Tai Wu Rd.,
Hsi-chih, Taipei Hsien, Taiwan, R.O.C.
Tel:
886-2-2698-3878
Fax:
886-2-2698-3873
E-mail:
kti@ktinet.com.tw
URL:
http://www.ktinet.com.tw
Ordering Information
*1: Multimode Fiber
*2: Singlemode Fiber
Model
Fiber
Mode
Connec-
tor
Max.
Distance
KS-118FT
MM*1
ST
2Km
KS-118FC
MM
SC
2Km
KS-118FSA SM*2
SC
20Km
KS-118FS3
SM
SC
30Km
KS-118FS5
SM
SC
50Km


Similar Part No. - KS-118F

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
KS-1785-BT BUD-KS-1785-BT Datasheet
88Kb / 1P
   KEYBOARD SHELF ASSEMBLY
More results

Similar Description - KS-118F

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50408 ZARLINK-ZL50408 Datasheet
1Mb / 132P
   Managed 8-Port 10/100M 1-Port 10/100/1000M Ethernet Switch
ZL50410 ZARLINK-ZL50410 Datasheet
1Mb / 138P
   Managed 8-Port 10/100M 1-Port 10/100/1000M Ethernet Switch
logo
Level One
FSW-0812 LVL1-FSW-0812 Datasheet
101Kb / 2P
   8-Port 10/100 PD Switch
logo
Broadcom Corporation.
BCM5318 BOARDCOM-BCM5318 Datasheet
395Kb / 1P
   8 PORT 10/100 SWITCH WITH ON CHIP PACKET
logo
Zarlink Semiconductor I...
ZL50407 ZARLINK-ZL50407 Datasheet
1Mb / 125P
   Lightly Managed/Unmanaged 8-Port 10/100M 1-Port 10/100/1000M Ethernet Switch
logo
List of Unclassifed Man...
IP178C ETC1-IP178C Datasheet
1Mb / 91P
   8 Port 10/100 Ethernet Integrated Switch
logo
Black Box Registered Tr...
SW-708 BLACKBOX-SW-708 Datasheet
951Kb / 4P
   Hardened 8 Port Ethernet Switch 10/100
logo
List of Unclassifed Man...
IP178A ETC1-IP178A Datasheet
1Mb / 44P
   8-Port 10/100 Ethernet Integrated Switch
IP178C ETC2-IP178C_1 Datasheet
943Kb / 93P
   8 Port 10/100 Ethernet Integrated Switch
logo
Black Box Registered Tr...
SW-108 BLACKBOX-SW-108 Datasheet
1Mb / 4P
   8 Port Unmanaged Ethernet Switch 10/100
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com