Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM741EM Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # LM741EM
Description  SINGLE OPERATIONAL AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM741EM Datasheet(HTML) 3 Page - Fairchild Semiconductor

  LM741EM Datasheet HTML 1Page - Fairchild Semiconductor LM741EM Datasheet HTML 2Page - Fairchild Semiconductor LM741EM Datasheet HTML 3Page - Fairchild Semiconductor LM741EM Datasheet HTML 4Page - Fairchild Semiconductor LM741EM Datasheet HTML 5Page - Fairchild Semiconductor LM741EM Datasheet HTML 6Page - Fairchild Semiconductor LM741EM Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LM741/E/I
SINGLE OPERATIONAL AMPLIFIER
ELECTRICAL CHARACTERISTICS (Continued)
ELECTRICAL CHARACTERISTICS
( -40
°C ≤T
A
≤85 °C for the KA741I °C ≤T
A
≤70 °C for the LM741 and LM741E. V
CC =
±15V, unless otherwise specified)
LM741E
LM741/LM741I
Min
Typ
Max
Min
Typ
Max
Transient
Rise Time
tR
0.25
0.8
0.3
µs
Response
Overshoot
OS
6.0
20
10
%
Bandwidth
BW
0.43
1.5
MHz
Slew Rate
SR
Unity Gain
0.3
0.7
0.5
V/
µs
Supply Current
ICC
RL=
∞Ω
1.5
2.8
mA
VCC =
±20V
80
150
VCC =
±15V
50
85
mW
LM741E
LM741/LM741I
Min
Typ
Max
Min
Typ
Max
RS
≤50Ω
4.0
RS
≤10KΩ
7.5
Input Offset Voltage Drift
∆V
IO/
∆T
15
µV/ °C
Input Offset Current
IIO
70
300
nA
Input Offset Current Drift
∆I
IO/
∆T
0.5
nA/
°C
Input Bias Current
IBIAS
0.21
0.8
µA
Input Resistance
RI
VCC =
±20V
0.5
M
Input Voltage Range
VI(R)
±12
±13
±12
±13
V
RS
≥10KΩ
±16
RS
≥2KΩ
±15
RS
≥10KΩ
±12
±14
RS
≥2KΩ
±10
±13
Output Short Circuit Current
ISC
10
40
10
40
mA
RS
≤10KΩ, V
CM =
±12V
70
90
RS
≤50KΩ, V
CM =
±12V
80
95
VCC =
±20V R
S
≤50Ω
86
96
to
±5V
RS
≤10KΩ
77
96
dB
VCC =
±20V,
VO(P-P) =
±15V
32
VCC =
±15V,
VO(P.P) =
±10V
15
VCC =
±15V,
VO(P-P) =
±2V
10
Characteristic
Symbol
Test Conditions
Power Consumption
PC
Unity Gain
Unit
Characteristic
Symbol
Test Conditions
Input Offset Voltage
VIO
VCC =
±20V
VCC =
±15V
Output Voltage Swing
VO(P.P)
Common Mode Rejection Ratio
CMRR
Power Supply Rejection Ratio
PSRR
Large Signal Voltage Gain
GV
RS
≥2KΩ
Unit
mV
V
dB
V/mV


Similar Part No. - LM741EM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM741EH NSC-LM741EH Datasheet
213Kb / 8P
   Operational Amplifier
May 1998
LM741EN NSC-LM741EN Datasheet
213Kb / 8P
   Operational Amplifier
May 1998
More results

Similar Description - LM741EM

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCM2100 UTC-UTCM2100 Datasheet
429Kb / 4P
   SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TA75S01F TOSHIBA-TA75S01F Datasheet
208Kb / 5P
   SINGLE OPERATIONAL AMPLIFIER
logo
STMicroelectronics
LM101A-LM201A STMICROELECTRONICS-LM101A-LM201A Datasheet
165Kb / 11P
   SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TC75S54F TOSHIBA-TC75S54F_07 Datasheet
231Kb / 11P
   Single Operational Amplifier
TA75S01F TOSHIBA-TA75S01F_07 Datasheet
251Kb / 6P
   Single Operational Amplifier
TA7540P TOSHIBA-TA7540P Datasheet
232Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA741 FAIRCHILD-KA741 Datasheet
116Kb / 12P
   Single Operational Amplifier
KA301A FAIRCHILD-KA301A Datasheet
57Kb / 6P
   Single Operational Amplifier
logo
Toshiba Semiconductor
TA75061P TOSHIBA-TA75061P Datasheet
255Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER
TC75S51F TOSHIBA-TC75S51F Datasheet
260Kb / 8P
   SINGLE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com