Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKT1-916 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MKT1-916
Description  AM Transmitter Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MKT1-916 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MKT1-916 Datasheet HTML 1Page - List of Unclassifed Manufacturers MKT1-916 Datasheet HTML 2Page - List of Unclassifed Manufacturers MKT1-916 Datasheet HTML 3Page - List of Unclassifed Manufacturers MKT1-916 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AM Transmitter Module
MKT1-XXX
Version 3.0
Page 2 of 4
AM or FM Low Power Radio Modules for 100 to 1000 MHz
Designers and Manufactueres of Quality Transmitters, Receivers and Transceivers
Absolute Maximum Ratings: Transmitter
Operating temperature:
-20 C to +55 C
Storage temperature:
-40 C to +85 C
Supply Voltage (pin 1)
15V
Data input (pin 1)
15V
Electrical Characteristics: Transmitter
pin
min.
typ.
max.
units
notes
DC LEVELS
Supply voltage
1.5
5.0
13
Volts
Current & RF POWER
For supply 7 to 13 volts:-
Supply current @ Rd = 1.0K
(data high)
6
8.2
9
mA
RF power into 50
@ Rd = 1K
2
4
6
dBm
433MHz
For supply 1.5 to 3.7 volts:-
Supply current @ Rd = 51
(data high)
4
7
mA
RF power into 50
@ Rd = 51
-4
0
dBm
433 Hz
Note, above values apply to all frequencies
RF & Data
Data rate @ rf<500 MHz
100
2400
bits/s


Similar Part No. - MKT1-916

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
MKT100 SHARMA-MKT100 Datasheet
640Kb / 1P
   Film Capacitors
MKT100 SHARMA-MKT100 Datasheet
318Kb / 2P
   Sharma Film Capacitors
MKT100102A101 SHARMA-MKT100102A101 Datasheet
1Mb / 29P
   FILM CAPACITORS
MKT100102A101A SHARMA-MKT100102A101A Datasheet
1Mb / 29P
   FILM CAPACITORS
MKT100102A101T SHARMA-MKT100102A101T Datasheet
1Mb / 29P
   FILM CAPACITORS
More results

Similar Description - MKT1-916

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
54127 ETC2-54127 Datasheet
123Kb / 3P
   AM TRANSMITTER MODULE
logo
rfsolutions.ltd
AM-TX1-XXX RFSOLUTIONS-AM-TX1-XXX Datasheet
74Kb / 3P
   AM RF TRANSMITTER MODULE
AM-RT4-XXX RFSOLUTIONS-AM-RT4-XXX Datasheet
277Kb / 4P
   AM Hybrid Transmitter
logo
TEMIC Semiconductors
U2740B TEMIC-U2740B Datasheet
264Kb / 10P
   UHF AM/FM Transmitter
logo
Motorola, Inc
MC13176 MOTOROLA-MC13176 Datasheet
748Kb / 18P
   UHF FM/AM Transmitter
logo
LANSDALE Semiconductor ...
ML13175 LANSDALE-ML13175 Datasheet
579Kb / 16P
   UHF FM/AM Transmitter
logo
Motorola, Inc
MC13175 MOTOROLA-MC13175 Datasheet
269Kb / 17P
   UHF FM/AM TRANSMITTER
logo
LANSDALE Semiconductor ...
ML13175 LANSDALE-ML13175_08 Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
logo
rfsolutions.ltd
120T1-433F RFSOLUTIONS-120T1-433F Datasheet
81Kb / 3P
   AM / FM RADIO TRANSMITTER KEYFOBS
120T1-433F RFSOLUTIONS-120T1-433F_14 Datasheet
1Mb / 5P
   AM / FM RADIO TRANSMITTER KEYFOBS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com