Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PH2729-110M Datasheet(PDF) 2 Page - Tyco Electronics

Part # PH2729-110M
Description  Radar Pulsed Power Transistor 110W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PH2729-110M Datasheet(HTML) 2 Page - Tyco Electronics

  PH2729-110M_07 Datasheet HTML 1Page - Tyco Electronics PH2729-110M_07 Datasheet HTML 2Page - Tyco Electronics PH2729-110M_07 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Radar Pulsed Power Transistor
110W, 2.7-2.9 GHz, 100µs Pulse, 10% Duty
M/A-COM Products
Released, 29 Jun 07
PH2729-110M
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 82.94.844.8296 / Fax: 82.94.844.8298
Visit www.macom.com for additional data sheets and product information.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or
information contained herein without notice.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under develop-
ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has
been fixed. Engineering samples and/or test data may be available. Commitment to produce in
volume is not guaranteed.
Typical RF Performance
F (GHz)
ZIF (Ω)
ZOF (Ω)
2.7
4.3 - j7.0
2.6 - j3.9
2.8
4.4 - j6.4
2.8 - j3.5
2.9
4.6 - j5.8
2.9 - j3.1
RF Test Fixture Impedance
Gain vs. Frequency
Collector Efficiency vs. Frequency
Freq.
(GHz)
Pin
(W)
Pout
(W)
Gain
(dB)
Ic
(A)
Eff
(%)
RL
(dB)
VSWR-S
(1.5:1)
VSWR-T
(2:1)
2.7
23
162
8.46
9.31
48.2
-23.9
S
P
2.8
23
146
8.03
8.82
46.0
-16.6
S
P
2.9
23
133
7.60
8.07
45.6
-13.8
S
P
7.0
7.5
8.0
8.5
9.0
2.70
2.75
2.80
2.85
2.90
Fre q (GHz)
35
40
45
50
55
2.70
2.75
2.80
2.85
2.90
Freq (GHz)


Similar Part No. - PH2729-110M_07

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
PH2729-110M MA-COM-PH2729-110M_17 Datasheet
653Kb / 4P
   Radar Pulsed Power Transistor
More results

Similar Description - PH2729-110M_07

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
PH2729-110M MA-COM-PH2729-110M Datasheet
108Kb / 3P
   Radar Pulsed Power Transistor 110W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
logo
Tyco Electronics
PH2729-110M MACOM-PH2729-110M Datasheet
108Kb / 3P
   Radar Pulsed Power Transistor 110W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
PH2729-110M MACOM-PH2729-110M Datasheet
157Kb / 2P
   Radar Pulsed Power Transistor, 110W, 100us Pulse, 10% Duty 2.7 - 2.9 GHz
PH2729-150M MACOM-PH2729-150M_07 Datasheet
136Kb / 3P
   Radar Pulsed Power Transistor 150W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
PH2729-25M MACOM-PH2729-25M Datasheet
106Kb / 3P
   Radar Pulsed Power Transistor 25W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
logo
M/A-COM Technology Solu...
PH2729-8.5M MA-COM-PH2729-8.5M Datasheet
108Kb / 3P
   Radar Pulsed Power Transistor 8.5W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
MAPR-002729-170M00 MA-COM-MAPR-002729-170M00 Datasheet
111Kb / 3P
   Radar Pulsed Power Transistor 170W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
PH2729-130M MA-COM-PH2729-130M Datasheet
107Kb / 3P
   Radar Pulsed Power Transistor 130W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
logo
Tyco Electronics
PH2729-130M MACOM-PH2729-130M Datasheet
107Kb / 3P
   Radar Pulsed Power Transistor 130W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
PH2729-85M MACOM-PH2729-85M Datasheet
108Kb / 3P
   Radar Pulsed Power Transistor 8.5W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com