Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS320240T-004-1-02 Datasheet(PDF) 9 Page - Powertip Technology

Part # PS320240T-004-1-02
Description  STANDARD VALUE
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PS320240T-004-1-02 Datasheet(HTML) 9 Page - Powertip Technology

Back Button PS320240T-004-1-02 Datasheet HTML 5Page - Powertip Technology PS320240T-004-1-02 Datasheet HTML 6Page - Powertip Technology PS320240T-004-1-02 Datasheet HTML 7Page - Powertip Technology PS320240T-004-1-02 Datasheet HTML 8Page - Powertip Technology PS320240T-004-1-02 Datasheet HTML 9Page - Powertip Technology PS320240T-004-1-02 Datasheet HTML 10Page - Powertip Technology PS320240T-004-1-02 Datasheet HTML 11Page - Powertip Technology PS320240T-004-1-02 Datasheet HTML 12Page - Powertip Technology PS320240T-004-1-02 Datasheet HTML 13Page - Powertip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
PH320240T-004-IC1Q Ver.0
Page9
Note 1.
Optical characteristics-2
Viewing angle
Front (6H)
φ=270°
Rear (12H)
φ=90°
Right (3H)
φ=0°
Left (9H)
φ=180°
θL
Viewing angle
Top (θ=0°)
θR
θ-
θ+


Similar Part No. - PS320240T-004-1-02

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PS320 PERICOM-PS320 Datasheet
102Kb / 5P
   Precision, Dual-Supply Analog Switches
logo
Applied Motion Products...
PS320A48 AMP-PS320A48 Datasheet
880Kb / 2P
   PS320A48 Power Supply 320W/48V with PFC Function
More results

Similar Description - PS320240T-004-1-02

ManufacturerPart #DatasheetDescription
logo
Powertip Technology
PS240128WRF POWERTIP-PS240128WRF Datasheet
445Kb / 27P
   Standard Value
logo
Tripp Lite. All Rights ...
SR2000 TRIPPLITE-SR2000 Datasheet
159Kb / 3P
   SmartRack 42U Value Series Standard-Depth Rack Enclosure Cabinet
logo
OSRAM GmbH
VF900-G2 OSRAM-VF900-G2 Datasheet
382Kb / 4P
   Value Flex
VF600-G2 OSRAM-VF600-G2 Datasheet
379Kb / 4P
   Value Flex
VF1500-G1 OSRAM-VF1500-G1 Datasheet
380Kb / 4P
   Value Flex
logo
Texas Instruments
CC110L TI1-CC110L_12 Datasheet
1Mb / 85P
[Old version datasheet]   Value Line Transceiver
logo
Festo Corporation.
542117 FESTO-542117 Datasheet
75Kb / 2P
   Measured-value transducer
4/20/22
logo
Texas Instruments
CC110LRGPR TI-CC110LRGPR Datasheet
1Mb / 84P
[Old version datasheet]   Value Line Transceiver
CC115LRTKT TI-CC115LRTKT Datasheet
1Mb / 60P
[Old version datasheet]   Value Line Transmitter
logo
Murata Manufacturing Co...
SV03A103AEA01B00 MURATA-SV03A103AEA01B00 Datasheet
191Kb / 3P
   Total Resistance Value
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com