Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI90LV024LE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI90LV024LE
Description  LVDS Dual 2x2 Crosspoint/Repeater Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LV024LE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI90LV024LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90LV024LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LV024LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LV024LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LV024LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LV024LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LV024LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90LV024LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90LV024LE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PI90LV024, PI90LVB024
LVDS Dual 2x2 Crosspoint/Repeater Switch
3
PS8486B
08/19/04
Supply Voltage Range, VCC(2)............................................................................. –0.5V to 4V
Voltage Range (DE, S0, S1).....................................................................–0.5 to 6V
Input Voltage Range, .......................................... VI (A or B)–0.5V to VCC + 0.5V
Electrostatic Discharge: A, B, Y, Z, and GND(3)............... Class 3, A: 16kV, B:600V
All Pins.......................................... Class 3, A: 7kV, B:500V
Storage Temperature Range ........................................................... –65°C to 150°C
Lead Temperature 1, 6 mm (1/16 inch) from case for 10 seconds................ 260°C
Absolute Maximum Ratings Over Operating Free-Air Temperature(1)
Recommended Operating Conditions
Parameter
Desctiption
Min.
Typ.
Max.
Units
VCC
Supply Voltage
3.0
3.3
3.6
V
VIH
High-Level Input Voltage
S0 - S3, 1DE - 4DE
2
VIL
Low-Level Input Voltage
0.8
| VID |
Magnitude of Differential Input
0.1
0.6
VIC
Common-Mode Input Voltage (see fig 2)
| VID |
2
2.4 - | VID |
2
VCC -0.8
TA
Operating Free-air temperature
-40
85
°C
Notes:
1. Stresses beyond those listed under "Absolute Maximum Ratings" may cause perma-
nent damage to the device. These are stress ratings only, and functional operation of
the device at these or any other conditions beyond those indicated under "Recom-
mended Operating Conditions" is not implied. Exposure to Absolute-Maximum-
Rated conditions for extended periods may affect device reliability.
2. All voltage values, except differential I/O bus voltages, are with respect to ground
terminal.
3. Tested in accordance with MIL-STD-883C Method 3015.7


Similar Part No. - PI90LV024LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV024L PERICOM-PI90LV024L Datasheet
151Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
More results

Similar Description - PI90LV024LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV024 PERICOM-PI90LV024 Datasheet
151Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LV044 PERICOM-PI90LV044 Datasheet
461Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
logo
Texas Instruments
SN65LVCP22 TI-SN65LVCP22_07 Datasheet
567Kb / 19P
[Old version datasheet]   2x2 LVDS CROSSPOINT SWITCH
DS10CP152 TI1-DS10CP152_14 Datasheet
767Kb / 16P
[Old version datasheet]   Gbps 2X2 LVDS Crosspoint Switch
SN55LVCP22-SP TI1-SN55LVCP22-SP Datasheet
298Kb / 17P
[Old version datasheet]   CLASS V 2x2 LVDS CROSSPOINT SWITCH
SN55LVCP22 TI1-SN55LVCP22 Datasheet
257Kb / 20P
[Old version datasheet]   CLASS V 2x2 LVDS CROSSPOINT SWITCH
logo
National Semiconductor ...
DS25CP152 NSC-DS25CP152 Datasheet
272Kb / 12P
   3.125 Gbps LVDS 2x2 Crosspoint Switch
logo
Texas Instruments
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152_08 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152 Datasheet
766Kb / 15P
[Old version datasheet]   1.5 Gbps 2X2 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com