Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI49FCT3805E Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI49FCT3805E
Description  3.3V, 2 x 1:5 CMOS Clock Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT3805E Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI49FCT3805E Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT3805E Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT3805E Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT3805E Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT3805E Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT3805E Datasheet HTML 6Page - Pericom Semiconductor Corporation PI49FCT3805E Datasheet HTML 7Page - Pericom Semiconductor Corporation PI49FCT3805E Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
PS8492C
09/08/04
PI49FCT3805D/E
3.3V, 2 x 1:5 CMOS Clock Driver
Storage Temperature ................................................................. –65°C to +150°C
Ambient Temperature with Power Applied ................................ –40°C to +85°C
Input Voltage to GND Potential (Inputs & VCC Only) .................. –0.5V to 5.5V
Output Voltage to GND Potential (Outputs & I/O Only)...–0.5V to +VCC +0.5V
VCC Input Voltage........................................................................ –0.5V to +4.6V
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at these or any other conditions above those
indicatedintheoperationalsectionsofthisspecification
is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 3.3V, +25°C ambient and maximum loading.
3. VOH = VCC – 0.6V at rated current.
4. This parameter is determined by device characterization but is not production tested.
5. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
DC Electrical Characteristics (TA = –40°C to +85°C, VCC = 3.3V ± 0.3V)
Symbol
Parameters
Test Conditions(1)
Min.
Typ.
Max.
Units
VOH
Output High Voltage
VCC = Min.,
VIN = VIL or VIH
IOH = -0.1mA
IOH = -8mA
IOH = -12mA
VCC-0.2
2.4(3)
2.4(3)
-
3.0
3.0
V
VOL
Output Low Voltage
VCC = Min.,
VIN = VIL or VIH
IOH = 0.1mA
IOH = 8mA
IOH = 12mA
-
0.2
0.3
0.2
0.4
0.4
VIH
Input High Voltage
Low Logic
2.0
5.5
VIL
Input Low Voltage
High Logic
-0.5
0.8
IIH
Input High Current
VCC = Max., VIN = 5.5V
1
µA
IIL
Input Low Current
VCC = Max., VIN = GND
-1
IOZH
IOZL
High Impedance
output current
VCC = Max., all
outputs disabled
VOUT = VCC
VOUT = GND
1
-1
VIK
Clamp Diode Voltage
VCC = Min., IIN = -18mA
-0.7
-1.2
V
IODH
Output High Current(4, 5)
VOUT = 1.5V, VIN = VIL or VIH, VCC = 3.3V
-40
-74
-100
mA
IODL
Output Low Current(4, 5)
VOUT = 1.5V, VIN = VIL or VIH, VCC = 3.3V
50
90
130
IOS
Short Circuit Current(4, 5)
VCC = Max., VOUT = GND
-60
-100
-120


Similar Part No. - PI49FCT3805E

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT3805EH PERICOM-PI49FCT3805EH Datasheet
423Kb / 9P
   3.3V, 2 x 1:5 CMOS Clock Driver
PI49FCT3805EL PERICOM-PI49FCT3805EL Datasheet
423Kb / 9P
   3.3V, 2 x 1:5 CMOS Clock Driver
PI49FCT3805EQ PERICOM-PI49FCT3805EQ Datasheet
423Kb / 9P
   3.3V, 2 x 1:5 CMOS Clock Driver
More results

Similar Description - PI49FCT3805E

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT32806 PERICOM-PI49FCT32806 Datasheet
214Kb / 7P
   3.3V, 2 x 1:5 CMOS Clock Driver
PI49FCT3805D PERICOM-PI49FCT3805D Datasheet
325Kb / 7P
   3.3V, 2 x 1:5 CMOS Clock Driver
PI49FCT32805 PERICOM-PI49FCT32805 Datasheet
425Kb / 7P
   3.3V, 2 x 1:5 CMOS Clock Driver
PI49FCT3805DQEX PERICOM-PI49FCT3805DQEX Datasheet
423Kb / 9P
   3.3V, 2 x 1:5 CMOS Clock Driver
logo
Potato Semiconductor Co...
PO74G38072A POTATO-PO74G38072A Datasheet
481Kb / 5P
   3.3V 1:2 CMOS Clock Driver
logo
List of Unclassifed Man...
PO74G38072A ETC2-PO74G38072A Datasheet
469Kb / 5P
   3.3V 1:2 CMOS Clock Driver
logo
Potato Semiconductor Co...
PO49FCT3802A POTATO-PO49FCT3802A Datasheet
566Kb / 6P
   3.3V 1:5 CMOS Clock Buffered Driver
PO49FCT32802G POTATO-PO49FCT32802G Datasheet
524Kb / 6P
   3.3V 1:5 CMOS Clock Buffered Driver
logo
Renesas Technology Corp
IDT74FCT38075 RENESAS-IDT74FCT38075 Datasheet
373Kb / 7P
   3.3V CMOS 1-TO-5 CLOCK DRIVER
JAN. 2012
logo
Integrated Device Techn...
IDT74FCT38075 IDT-IDT74FCT38075 Datasheet
54Kb / 5P
   3.3V CMOS 1-TO-5 CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com