Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTP-628MCL401 Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # FTP-628MCL401
Description  Battery Driven FTP-608 Series 2??high speed thermal p rinter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTP-628MCL401 Datasheet(HTML) 8 Page - Fujitsu Component Limited.

  FTP-628MCL401 Datasheet HTML 1Page - Fujitsu Component Limited. FTP-628MCL401 Datasheet HTML 2Page - Fujitsu Component Limited. FTP-628MCL401 Datasheet HTML 3Page - Fujitsu Component Limited. FTP-628MCL401 Datasheet HTML 4Page - Fujitsu Component Limited. FTP-628MCL401 Datasheet HTML 5Page - Fujitsu Component Limited. FTP-628MCL401 Datasheet HTML 6Page - Fujitsu Component Limited. FTP-628MCL401 Datasheet HTML 7Page - Fujitsu Component Limited. FTP-628MCL401 Datasheet HTML 8Page - Fujitsu Component Limited. FTP-628MCL401 Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
FTP-628MCL401/451
FTP-628MCL451mechanism/platenbracketFPCPINAssignment
() For thermal head, motor and sensor
Connector on control circuit: 5260-3090 (Molex or equivalent)
o
N
l
a
n
g
i
S
s
t
n
e
t
n
o
C
1
K
H
P
r
o
t
p
u
r
r
e
t
n
i
o
t
o
h
p
r
o
f
e
d
o
h
t
a
C
2
N
E
S
V
r
e
w
o
p
r
o
s
n
e
s
r
e
p
a
p
3
E
H
P
r
o
t
p
u
r
r
e
t
n
i
o
t
o
h
p
r
o
f
r
o
tt
i
m
E
4
H
V
r
e
w
o
p
e
v
ir
d
d
a
e
H
5
H
V
6
I
D
n
i
a
t
a
D
7
K
L
C
k
c
o
l
C
8
D
N
G
d
n
u
o
r
g
d
a
e
H
9
D
N
G
0
1
6
B
T
S
6
e
b
o
rt
S
1
1
5
B
T
S
5
e
b
o
rt
S
2
1
4
B
T
S
4
e
b
o
rt
S
3
1
d
d
V
r
e
w
o
p
c
i
g
o
L
4
1
M
T
r
o
t
s
i
m
r
e
h
T
5
1
M
T
6
1
3
B
T
S
3
e
b
o
rt
S
7
1
2
B
T
S
2
e
b
o
rt
S
8
1
1
B
T
S
1
e
b
o
rt
S
9
1
D
N
G
d
n
u
o
r
g
d
a
e
H
0
2
D
N
G
1
2
T
A
L
h
c
t
a
l
a
t
a
D
2
2
O
D
t
u
o
a
t
a
D
3
2
H
V
r
e
w
o
p
e
v
ir
d
d
a
e
H
4
2
H
V
5
2
W
S
h
c
ti
w
s
e
s
a
e
l
e
r
n
e
t
a
l
P
6
3
W
S
7
2
A
/
T
M
A
l
a
n
g
i
s
n
o
it
a
ti
c
x
E
8
2
A
/
T
M
A
l
a
n
g
i
s
n
o
it
a
ti
c
x
E
9
2
B
/
T
M
B
l
a
n
g
i
s
n
o
it
a
ti
c
x
E
0
3
B
/
T
M
B
l
a
n
g
i
s
n
o
it
a
ti
c
x
E


Similar Part No. - FTP-628MCL401

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTP-628MCL FUJITSU-FTP-628MCL Datasheet
207Kb / 3P
   THERMO-SENSITIVE PAPER
FTP-628MCL053 FUJITSU-FTP-628MCL053 Datasheet
64Kb / 6P
   2??HIGH SPEED THERMAL PRINTER
FTP-628MCL054 FUJITSU-FTP-628MCL054 Datasheet
64Kb / 6P
   2??HIGH SPEED THERMAL PRINTER
FTP-628MCL101 FUJITSU-FTP-628MCL101 Datasheet
376Kb / 7P
   battery drive, FTP-608 Series 2??high speed thermal printer
FTP-628MCL103 FUJITSU-FTP-628MCL103 Datasheet
376Kb / 7P
   battery drive, FTP-608 Series 2??high speed thermal printer
More results

Similar Description - FTP-628MCL401

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTP-628MCL103 FUJITSU-FTP-628MCL103 Datasheet
376Kb / 7P
   battery drive, FTP-608 Series 2??high speed thermal printer
FTP-627MCL401_0712 FUJITSU-FTP-627MCL401_0712 Datasheet
397Kb / 9P
   2??high speed thermal p rinter
FTP-628MCL701 FUJITSU-FTP-628MCL701 Datasheet
323Kb / 6P
   BATTERY DRIVER, FTP-608 Series(2inch high speed thermal printer) - Vertical Easy Loading Method
FTP-62DMCL101 FUJITSU-FTP-62DMCL101 Datasheet
607Kb / 6P
   battery drive, FTP-60D Series 2??high speed thermal printer
FTP-637MCL401 FUJITSU-FTP-637MCL401 Datasheet
371Kb / 8P
   24V driven High speed thermal printer
FTP-627MCL401 FUJITSU-FTP-627MCL401 Datasheet
379Kb / 8P
   24V driveN high speed thermal printer
FTP-648M FUJITSU-FTP-648M Datasheet
305Kb / 6P
   battery drive, 4 high speed thermal printer
FTP-628MCL353 FUJITSU-FTP-628MCL353 Datasheet
184Kb / 7P
   2??HIGH SPEED THERMAL PRINTER
FTP-628MCL053 FUJITSU-FTP-628MCL053 Datasheet
64Kb / 6P
   2??HIGH SPEED THERMAL PRINTER
logo
Varitronix internationa...
VIM-608 VARITRONIX-VIM-608 Datasheet
29Kb / 1P
   VIM-608
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com