Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2300L Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT2300L
Description  2W x 2 Class AB Audio Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2300L Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT2300L Datasheet HTML 1Page - Princeton Technology Corp PT2300L Datasheet HTML 2Page - Princeton Technology Corp PT2300L Datasheet HTML 3Page - Princeton Technology Corp PT2300L Datasheet HTML 4Page - Princeton Technology Corp PT2300L Datasheet HTML 5Page - Princeton Technology Corp PT2300L Datasheet HTML 6Page - Princeton Technology Corp PT2300L Datasheet HTML 7Page - Princeton Technology Corp PT2300L Datasheet HTML 8Page - Princeton Technology Corp PT2300L Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2300 V1.0
- 1 -
December, 2005
2W x 2 Class AB Audio Power Amplifier
PT2300
DESCRIPTION
The PT2300 is a power amplifier utilizing CMOS Technology specially designed for audio purpose. It
can deliver 2W × 2 power output to the 4Ω load. The power consumption is very low in stand-by. Total
harmonic distortion is lower than 0.03%. The output mode can be switched between the SE
(Single-Ended) or BTL (Bridge-Tied Load) mode. The built-in volume controller can change the output
volume by an external supplied DC voltage. Built-in over-temperature protection, package size is not
occupies PCB space. It is suitable for small or portable products.
FEATURES
• CMOS Technology
• Stereo input
• Output power 2W × 2 (Vcc=6V, THD=1%, RL=4Ω)
• Low harmonics distortion (0.03%)
• Include 32 steps volume controller
• SE and BTL modes operation
• Suppress the pop and click noise when mode changed
• Shutdown function, turn on can into save mode (Icc<0.7µA)
• Built-in overheat protect
APPLICATIONS
• LCD monitor (for TV)
• Portable audio
• Multimedia speakers
• Other audio applications


Similar Part No. - PT2300L

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
PT2300 YONGFUKANG-PT2300 Datasheet
337Kb / 5P
   Audio power amplifier
More results

Similar Description - PT2300L

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA7493 UTC-PA7493_15 Datasheet
278Kb / 7P
   2W X 2 CLASS AB AUDIO POWER AMPLIFIER
logo
Princeton Technology Co...
PT2303 PTC-PT2303 Datasheet
425Kb / 17P
   2W 횞 2 Class AB Audio Power Amplifier
logo
Unisonic Technologies
PA7493 UTC-PA7493 Datasheet
145Kb / 7P
   2W X 2 CLASS AB AUDIO POWER AMPLIFIER (WITH DC_VOLUME CONTROL)
PA7493 UTC-PA7493_08 Datasheet
219Kb / 7P
   2W X 2 CLASS AB AUDIO POWER AMPLIFIER (WITH DC_VOLUME CONTROL)
logo
List of Unclassifed Man...
ISD8102 ETC2-ISD8102 Datasheet
719Kb / 19P
   2W Class AB Audio Amplifier with Chip Enable
logo
Nuvoton Technology Corp...
ISD8102 NUVOTON-ISD8102 Datasheet
719Kb / 19P
   2W Class AB Audio Amplifier with Chip Enable
logo
Analog Devices
SSM2356CBZ-RL AD-SSM2356CBZ-RL Datasheet
505Kb / 16P
   2 x 2W Filterless Class-D Stereo Audio Amplifier
REV. A
logo
Princeton Technology Co...
PT2305 PTC-PT2305 Datasheet
198Kb / 3P
   2.5W 횞 2 Class AB Audio Power Amplifier
PT2305 PTC-PT2305_05 Datasheet
542Kb / 27P
   2.5W 횞 2 Class AB Audio Power Amplifier
logo
Silan Microelectronics ...
SA7496L SILAN-SA7496L Datasheet
279Kb / 9P
   2CH AUDIO POWER AMPLIFIER(2W X 2)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com