Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2300L Datasheet(PDF) 9 Page - Princeton Technology Corp

Part # PT2300L
Description  2W x 2 Class AB Audio Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2300L Datasheet(HTML) 9 Page - Princeton Technology Corp

Back Button PT2300L Datasheet HTML 5Page - Princeton Technology Corp PT2300L Datasheet HTML 6Page - Princeton Technology Corp PT2300L Datasheet HTML 7Page - Princeton Technology Corp PT2300L Datasheet HTML 8Page - Princeton Technology Corp PT2300L Datasheet HTML 9Page - Princeton Technology Corp PT2300L Datasheet HTML 10Page - Princeton Technology Corp PT2300L Datasheet HTML 11Page - Princeton Technology Corp PT2300L Datasheet HTML 12Page - Princeton Technology Corp PT2300L Datasheet HTML 13Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2300 V1.0
- 9 -
December, 2005
2W x 2 Class AB Audio Power Amplifier
PT2300
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, Vcc=5V, bandwidth=22~22KHz)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply Voltage
Vcc
3
5
6
V
SE Mode
6
8
12
BTL Mode
8
10
14
mA
Operating Current
Is
Shutdown=ON
0.2
0.7
1
µA
Two Channels Gain
Error
Gerr
RIN=RF=20KΩ
-1
0
+1
dB
Po=0.2W, RL=4Ω
0.03
0.05
0.07
Po=1W, RL=4Ω
0.06
0.08
0.15
THD+N
THD
Po=50mW, RL= 32Ω
0.03
0.05
0.07
%
THD=1%, RL=8Ω
1.0
1.1
1.2
THD=10%, RL=8Ω
1.2
1.4
1.6
THD=1%, RL=4Ω
1.4
1.6
1.8
THD=10%, RL=4Ω
1.8
2.0
2.1
BTL
THD=1%, RL=4Ω,
VCC=6V
1.9
2.0
2.2
W
THD=1%, RL=32Ω
80
85
90
Power Output
Po
SE
THD=10%, RL=32Ω
100
110
120
mW
Signal-to-Noise Ratio
SNR
A-weighted
85
90
91
dB
Residual Noise
Vno
A-weighted
25
40
50
µV
Output Offset
Voff
DC Vol = 0V, +OUT ~ -OUT
25
50
100
mV
BTL
85
88
91
Channel Separation
CS
SE
F=1KHz
77
80
83
dB
BTL
58
60
63
Power Signal-to-Noise
Repel Rate
PSRR
SE
F=1KHz
52
55
58
dB
DC Vol=5V
F=1KHz
-1
0
+1
Volume Control Range
Vatt
DC Vol=17%Vcc
-44
-45
-46
dB
Volume Control Step
Vstep
Vatt=0 ~ -45dB
1.3
1.5
1.7
dB
Mute
mute
DC Vol=0V
-85
-88
-90
dB
Overheat close
-
120
-
Temperature Protect
TH
Back to work
-
80
-
Shutdown ON
0.5
0.6
-
Shutdown Voltage
VSD
Shutdown OFF
VDD=3 ~ 5V
Shutdown pin
-
0.2
0.3
Vcc
SE
0.8
0.9
-
SE/BTL Voltage
VSB
BTL
VDD= 3 ~ 5V
-
0.1
0.2
Vcc


Similar Part No. - PT2300L

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
PT2300 YONGFUKANG-PT2300 Datasheet
337Kb / 5P
   Audio power amplifier
More results

Similar Description - PT2300L

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA7493 UTC-PA7493_15 Datasheet
278Kb / 7P
   2W X 2 CLASS AB AUDIO POWER AMPLIFIER
logo
Princeton Technology Co...
PT2303 PTC-PT2303 Datasheet
425Kb / 17P
   2W 횞 2 Class AB Audio Power Amplifier
logo
Unisonic Technologies
PA7493 UTC-PA7493 Datasheet
145Kb / 7P
   2W X 2 CLASS AB AUDIO POWER AMPLIFIER (WITH DC_VOLUME CONTROL)
PA7493 UTC-PA7493_08 Datasheet
219Kb / 7P
   2W X 2 CLASS AB AUDIO POWER AMPLIFIER (WITH DC_VOLUME CONTROL)
logo
List of Unclassifed Man...
ISD8102 ETC2-ISD8102 Datasheet
719Kb / 19P
   2W Class AB Audio Amplifier with Chip Enable
logo
Nuvoton Technology Corp...
ISD8102 NUVOTON-ISD8102 Datasheet
719Kb / 19P
   2W Class AB Audio Amplifier with Chip Enable
logo
Analog Devices
SSM2356CBZ-RL AD-SSM2356CBZ-RL Datasheet
505Kb / 16P
   2 x 2W Filterless Class-D Stereo Audio Amplifier
REV. A
logo
Princeton Technology Co...
PT2305 PTC-PT2305 Datasheet
198Kb / 3P
   2.5W 횞 2 Class AB Audio Power Amplifier
PT2305 PTC-PT2305_05 Datasheet
542Kb / 27P
   2.5W 횞 2 Class AB Audio Power Amplifier
logo
Silan Microelectronics ...
SA7496L SILAN-SA7496L Datasheet
279Kb / 9P
   2CH AUDIO POWER AMPLIFIER(2W X 2)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com