Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NAND08GW3B2AN1F Datasheet(PDF) 7 Page - Numonyx B.V

Part # NAND08GW3B2AN1F
Description  4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

NAND08GW3B2AN1F Datasheet(HTML) 7 Page - Numonyx B.V

Back Button NAND08GW3B2AN1F Datasheet HTML 3Page - Numonyx B.V NAND08GW3B2AN1F Datasheet HTML 4Page - Numonyx B.V NAND08GW3B2AN1F Datasheet HTML 5Page - Numonyx B.V NAND08GW3B2AN1F Datasheet HTML 6Page - Numonyx B.V NAND08GW3B2AN1F Datasheet HTML 7Page - Numonyx B.V NAND08GW3B2AN1F Datasheet HTML 8Page - Numonyx B.V NAND08GW3B2AN1F Datasheet HTML 9Page - Numonyx B.V NAND08GW3B2AN1F Datasheet HTML 10Page - Numonyx B.V NAND08GW3B2AN1F Datasheet HTML 11Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
NAND04GW3B2B, NAND08GW3B2A
Description
7/58
1
Description
The NAND Flash 2112 Byte/ 1056 Word Page is a family of non-volatile Flash memories
that uses NAND cell technology. The NAND04GW3B2B and NAND08GW3B2A have a
density of 4 Gbits and 8 Gbits, respectively. They operate from a 3V voltage supply. The size
of a Page is 2112 Bytes (2048 + 64 spare).
The address lines are multiplexed with the Data Input/Output signals on a multiplexed x8
Input/Output bus. This interface reduces the pin count and makes it possible to migrate to
other densities without changing the footprint.
To extend the lifetime of NAND Flash devices it is strongly recommended to implement an
Error Correction Code (ECC). The use of ECC correction allows to achieve up to 100,000
program/erase cycles for each block.
The device has hardware and software security features:
A Write Protect pin is available to give a hardware protection against program and
erase operations.
A Block Locking scheme is available to provide user code and/or data protection.
The device features an open-drain Ready/Busy output that can be used to identify if the
Program/Erase/Read (P/E/R) Controller is currently active. The use of an open-drain output
allows the Ready/Busy pins from several memories to be connected to a single pull-up
resistor.
A Copy Back Program command is available to optimize the management of defective
blocks. When a Page Program operation fails, the data can be programmed in another page
without having to resend the data to be programmed.
The NAND04GW3B2B and NAND08GW3B2A have Cache Program and Cache Read
features which improve the program and read throughputs for large files. During Cache
Programming, the device loads the data in a Cache Register while the previous data is
transferred to the Page Buffer and programmed into the memory array. During Cache
Reading, the device loads the data in a Cache Register while the previous data is
transferred to the I/O Buffers to be read.
The device has the Chip Enable Don’t Care feature, which allows code to be directly
downloaded by a microcontroller, as Chip Enable transitions during the latency time do not
stop the read operation.
The devices have the option of a Unique Identifier (serial number), which allows each device
to be uniquely identified.
The Unique Identifier options is subject to an NDA (Non Disclosure Agreement) and so not
described in the datasheet. For more details of this option contact your nearest Numonyx
Sales office.
The device is available in a TSOP48 (12 x 20mm) package. In order to meet environmental
requirements, Numonyx offers the NAND04GW3B2B and NAND08GW3B2A in ECOPACK®
package. ECOPACK packages are Lead-free. The category of second Level Interconnect is
marked on the package and on the inner box label, in compliance with JEDEC Standard
JESD97. The maximum ratings related to soldering conditions are also marked on the inner
box label. ECOPACK is an Numonyx trademark.


Similar Part No. - NAND08GW3B2AN1F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND08GW3B2AN1F STMICROELECTRONICS-NAND08GW3B2AN1F Datasheet
501Kb / 58P
   4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
More results

Similar Description - NAND08GW3B2AN1F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND04GW3B2B STMICROELECTRONICS-NAND04GW3B2B Datasheet
501Kb / 58P
   4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
NAND01G-B STMICROELECTRONICS-NAND01G-B Datasheet
631Kb / 64P
   1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
NAND01G-B2B STMICROELECTRONICS-NAND01G-B2B Datasheet
711Kb / 62P
   1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
NAND512-B STMICROELECTRONICS-NAND512-B Datasheet
383Kb / 59P
   512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
February 2005
logo
Numonyx B.V
NAND04G-B2D NUMONYX-NAND04G-B2D Datasheet
1Mb / 69P
   4 Gbit, 8 Gbit, 2112 byte/1056 word page multiplane architecture, 1.8 V or 3 V, NAND Flash memories
NAND01G-B2B NUMONYX-NAND01G-B2B Datasheet
1Mb / 60P
   1-Gbit, 2-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, NAND flash memory
NAND02G-B2D NUMONYX-NAND02G-B2D Datasheet
1Mb / 69P
   2-Gbit, 2112-byte/1056-word page multiplane architecture, 1.8 V or 3 V, NAND flash memories
NAND01GR3B2C NUMONYX-NAND01GR3B2C Datasheet
1Mb / 67P
   1-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, single level cell NAND flash memory
January 2010 Rev 5
NAND08GW3C2A NUMONYX-NAND08GW3C2A Datasheet
1Mb / 58P
   8/16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
NAND08GW3C2B NUMONYX-NAND08GW3C2B Datasheet
1Mb / 60P
   8 or 16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com