Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTR08100WVD Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PTR08100WVD
Description  10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, ADJUSTABLE WIDE-OUTPUT, SWITCHING REGULATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTR08100WVD Datasheet(HTML) 10 Page - Texas Instruments

Back Button PTR08100WVD Datasheet HTML 6Page - Texas Instruments PTR08100WVD Datasheet HTML 7Page - Texas Instruments PTR08100WVD Datasheet HTML 8Page - Texas Instruments PTR08100WVD Datasheet HTML 9Page - Texas Instruments PTR08100WVD Datasheet HTML 10Page - Texas Instruments PTR08100WVD Datasheet HTML 11Page - Texas Instruments PTR08100WVD Datasheet HTML 12Page - Texas Instruments PTR08100WVD Datasheet HTML 13Page - Texas Instruments PTR08100WVD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
www.ti.com
PTR08100W
SLTS284B – AUGUST 2007 – REVISED DECEMBER 2007
Table 3. Recommended Input/Output Capacitors(1)
Capacitor Characteristics
Quantity
Max ESR
Max Ripple
Capacitor Vendor,
Working
Vendor Number
Value
at
Current at
Physical Size
Input
Output
Type/Series (Style)
Voltage
(µF)
100 kHz
85
°C (Irms)
(mm)
Bus
Bus
(V)
(
Ω)
(mA)
Panasonic, Aluminum
25
330
0.090
775
10
× 12,5
1
1
EEUFC1E331
FC (Radial)
35
180
0.090
775
10
× 12,5
1
1
EEUFC1V181
FK (SMD)
25
470
0.080
850
10
× 10,2
1
1
EEVFK1E471P
United Chemi-Con
PXA-Poly-Aluminum (SMD)
16
150
0.026
3430
10
× 7,7
1
≤ 4
PXA16VC151MJ80TP
PS (Radial)
20
100
0.024
3300
8
× 11,5
1
≤ 4
20PS100MH11
LXZ, Aluminum (Radial)
35
220
0.090
760
10
× 12,5
1
1
LXZ35VB221M10X12LL
Nichicon Aluminum
HD (Radial)
25
220
0.072
760
8
× 11,5
1
1
UHD1E221MPR
PM (Radial)
35
220
0.090
770
10
× 15
1
1
UPM1V221MHH6
Sanyo
SVP, Os-con (SMD)
20
100
0.024
3300
8
× 12
1
≤ 4
20SVP100M
SEQP, Os-con (Radial)
20
100
0.024
3300
8
× 12
1
≤ 4
20SEQP100M
TPE, Pos-Cap (SMD)
10
220
0.025
2400
7,3
× 5,7
N/R(2)
≤ 4
10TPE220ML
AVX, Tantalum
10
100
0.100
1090
7,3
× 4,3 × 4,1
N/R(2)
≤ 5
TPSD107M010R0100
TPS (SMD)
10
220
0.100
1414
7,3
× 4,3 × 4,1
N/R(2)
≤ 5
TPSV227M010R0100
25
68
0.095
1451
7,3
× 4,3 × 4,1
2
≤ 5
TPSV686M025R0080
Kemet
T520, Poy-Tant (SMD)
10
100
0.080
1200
7,3
× 5,7 × 4
N/R(2)
≤ 5
T520D107M010AS
T495, Tantalum (SMD)
10
100
0.100
1100
7,3
× 5,7 × 4
N/R(2)
≤ 5
T495X107M010AS
Vishay-Sprague
10
150
0.090
1100
7,3
× 6 × 4,1
N/R(2)
≤ 5
594D157X0010C2T
594D, Tantalum (SMD)
25
68
0.095
1600
7,3
× 6 × 4,1
2
≤ 5
594D686X0025R2T
94SP, Organic (Radial)
16
100
0.070
2890
10
× 10,5
1
≤ 5
94SP107X0016FBP
94SVP, Organic (SMD)
20
100
0.025
3260
8
× 12
1
≤ 4
94SVP107X0020E12
Kemet, Ceramic X5R (SMD)
16
10
0.002
1210 case
1(3)
≤ 5
C1210C106M4PAC
6.3
47
0.002
3225 mm
N/R(2)
≤ 5
C1210C476K9PAC
Murata, Ceramic X5R (SMD)
6.3
100
0.002
1210 case
N/R(2)
≤ 3
GRM32ER60J107M
6.3
47
3225 mm
N/R(2)
≤ 5
GRM32ER60J476M
16
22
1(3)
≤ 5
GRM32ER61C226L
16
10
1(3)
≤ 5
GRM32DR61C106K
TDK, Ceramic X5R (SMD)
6.3
100
0.002
1210 case
N/R(2)
≤ 3
C3225X5ROJ107MT
6.3
47
3225 mm
N/R(2)
≤ 5
C3225X5ROJ476MT
16
22
1(3)
≤ 5
C3225X5R1C226MT
16
10
1(3)
≤ 5
C3225X5R1C106MT
(1)
Capacitor Supplier Verification
Please verify availability of capacitors identified in this table. Capacitor suppliers may recommend alternative part numbers because of
limited availability or obsolete products. In some instances, the capacitor product life cycle may be in decline and have short-term
consideration for obsolescence.
RoHS, Lead-free and Material Details
Please consult capacitor suppliers regarding material composition, RoHS status, lead-free status, and manufacturing process
requirements. Component designators or part number deviations can occur when material composition or soldering requirements are
updated.
(2)
N/R – Not recommended. The capacitor voltage rating does not meet the minimum operating limits.
(3)
Ceramic capacitors are required to complement electrolytic types at the input and to reduce high-frequency ripple current.
10
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): PTR08100W


Similar Part No. - PTR08100WVD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTR08100W TI-PTR08100W_15 Datasheet
277Kb / 16P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, ADJUSTABLE WIDE-OUTPUT, SWITCHING REGULATOR
More results

Similar Description - PTR08100WVD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTR08100W TI-PTR08100W_15 Datasheet
277Kb / 16P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, ADJUSTABLE WIDE-OUTPUT, SWITCHING REGULATOR
PTR08060W TI1-PTR08060W_14 Datasheet
355Kb / 17P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, ADJUSTABLE WIDE-OUTPUT, SWITCHING REGULATOR
PTR08060W TI-PTR08060W Datasheet
350Kb / 15P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, ADJUSTABLE WIDE-OUTPUT, SWITCHING REGULATOR
PTR08060W TI-PTR08060W_15 Datasheet
322Kb / 16P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, ADJUSTABLE WIDE-OUTPUT, SWITCHING REGULATOR
PTH08T240W TI-PTH08T240W Datasheet
846Kb / 30P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH08T241W TI-PTH08T241W Datasheet
1Mb / 38P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS
PTH08T240W TI-PTH08T240W_07 Datasheet
1Mb / 38P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS
PTH08T240W TI-PTH08T240W_15 Datasheet
1Mb / 39P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T250W TI-PTH08T250W Datasheet
1Mb / 38P
[Old version datasheet]   50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T250W TI-PTH08T250W_15 Datasheet
2Mb / 39P
[Old version datasheet]   50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com