Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

225P Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. 225P
Description  Polyester Capacitors Filmite® “E”, ORANGE DROP®, Radial Lead
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

225P Datasheet(HTML) 4 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.vishay.com
For technical questions, contact: spresale@vishay.com
Document Number: 42016
28
Revision: 19-Feb-07
Type 225P
Vishay Sprague
Polyester Capacitors
Filmite® “E”, ORANGE DROP®, Radial Lead
* Parts ordered with D3 leads are standard capacitors in stock and available through the Sprague® Distribution Network. For complete Part
Number, add letter and number for terminal and lead length. See How to Order (Ex: 225P39391WD3).
* 60 Hz rms
Note: Some Part Numbers are in stock and available through the Vishay Sprague® Distribution Network. Other Part Numbers are available on
special order through Vishay Sprague® Distribution. In the construction of the components described, the full intent of the specification will be
met. Vishay however, reserves the right to make, from time to time, such departures from the detail specifications as may be required to permit
improvements in the design of its products. The information included herein is believed to be accurate and reliable. However, Vishay Sprague®
assumes no responsibility for its use nor for any infringements of patens of other rights of third parties which may result from its use.
STANDARD RATINGS* in inches [millimeters]
µF
± 10 % TOLERANCE
PART NUMBER
SIZE
LH
T
600 VDC/200 VAC**
0.001
225P10296X
0.80 [20.32]
0.55 [13.97]
0.25 [6.35]
0.0015
225P15296X
0.80 [20.32]
0.55 [13.97]
0.25 [6.35]
0.0022
225P22296X
0.80 [20.32]
0.55 [13.97]
0.25 [6.35]
0.0033
225P33296X
0.80 [20.32]
0.55 [13.97]
0.25 [6.35]
0.0047
225P47296X
0.80 [20.32]
0.58 [14.73]
0.25 [6.35]
0.0068
225P68296X
0.80 [20.32]
0.58 [14.73]
0.25 [6.35]
0.01
225P10396X
0.80 [20.32]
0.64 [16.26]
0.31 [7.87]
0.015
225P15396X
0.80 [20.32]
0.67 [17.02]
0.34 [8.64]
0.018
225P18396X
0.80 [20.32]
0.74 [18.80]
0.37 [9.40]
0.022
225P22396X
0.80 [20.32]
0.74 [18.80]
0.37 [9.40]
0.033
225P33396X
0.80 [20.32]
0.77 [19.56]
0.44 [11.18]
0.039
225P39396X
0.80 [20.32]
0.83 [21.08]
0.50 [12.70]
0.047
225P47396X
0.80 [20.32]
0.83 [21.08]
0.50 [12.70]
0.068
225P68396Y
1.25 [31.75]
0.82 [20.83]
0.47 [11.94]
0.1
225P10496Y
1.25 [31.75]
0.91 [23.11]
0.56 [14.22]
0.22
225P22496Y
1.25 [31.75]
1.10 [27.94]
0.76 [19.30]
ORDERING INFORMATION
225P
104
9
1
W
D
3
(-XXX)
TYPE
CAPACITANCE
TOLERANCE DC VOLTAGE
RATING
CASE CODE
TERMINAL
LEAD LENGTH
SPECIAL
CONSTRUCTION
Capacitance is
expressed in
picofarads. The first
two digits are
significant. The third
is the number of
zeros to follow.
Values must
conform to Decade
Rating for the
tolerance specified.
0 = ± 20 %
9 = ± 10 %
5 = ± 50 %
This is
expressed in
hundred of
volts.
See Dimensional
Configurations.
A = Straight Lead
B = Hairpin Crimped
D = Hockey Crimped
1 = 0.187" ± 0.030"
[4.750 ± 0.762]
2 = 0.250" ± 0.030"
[6.350 ± 0.762]
3 = 1.250” [31.750]
Minimum
A three-digit suffix
may be added by
the factory to
denote special
construction.


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn