Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M58WR064HU Datasheet(PDF) 9 Page - Numonyx B.V

Part # M58WR064HU
Description  64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WR064HU Datasheet(HTML) 9 Page - Numonyx B.V

Back Button M58WR064HU Datasheet HTML 5Page - Numonyx B.V M58WR064HU Datasheet HTML 6Page - Numonyx B.V M58WR064HU Datasheet HTML 7Page - Numonyx B.V M58WR064HU Datasheet HTML 8Page - Numonyx B.V M58WR064HU Datasheet HTML 9Page - Numonyx B.V M58WR064HU Datasheet HTML 10Page - Numonyx B.V M58WR064HU Datasheet HTML 11Page - Numonyx B.V M58WR064HU Datasheet HTML 12Page - Numonyx B.V M58WR064HU Datasheet HTML 13Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 114 page
background image
M58WR064HU M58WR064HL
Summary description
9/114
The device includes a Protection Register to increase the protection of a system’s design.
The Protection Register is divided into two segments: a 64 bit segment containing a unique
device number written by Numonyx, and a 128 bit segment One-Time-Programmable (OTP)
by the user. The user programmable segment can be permanently protected. Figure 4,
shows the Protection Register Memory Map.
The M58WR064HU/L is available in VFBGA44, 7.7 x 9mm and VFBGA44 7.5 × 5, 10x4
active ball array, 0.5mm pitch packages.
The memories are supplied with all the bits erased (set to ’1’).
Figure 1.
Logic diagram
W
ADQ0-ADQ15
VDD
E
VSS
16
G
RP
WP
VDDQ VPP
L
K
WAIT
BINV
AI10557c
A16-A21
M58WR064HU
M58WR064HL
VSSQ


Similar Part No. - M58WR064HU

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M58WR064HB NUMONYX-M58WR064HB Datasheet
1Mb / 111P
   64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V supply Flash memories
M58WR064HB60ZB6E NUMONYX-M58WR064HB60ZB6E Datasheet
1Mb / 111P
   64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V supply Flash memories
M58WR064HB60ZB6F NUMONYX-M58WR064HB60ZB6F Datasheet
1Mb / 111P
   64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V supply Flash memories
M58WR064HB70ZB6E NUMONYX-M58WR064HB70ZB6E Datasheet
1Mb / 111P
   64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V supply Flash memories
M58WR064HB70ZB6F NUMONYX-M58WR064HB70ZB6F Datasheet
1Mb / 111P
   64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V supply Flash memories
More results

Similar Description - M58WR064HU

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M58WR064HT NUMONYX-M58WR064HT Datasheet
1Mb / 111P
   64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V supply Flash memories
logo
STMicroelectronics
M58MR064C STMICROELECTRONICS-M58MR064C Datasheet
399Kb / 52P
   64 Mbit 4Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
M58WR064FT STMICROELECTRONICS-M58WR064FT Datasheet
573Kb / 87P
   64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V Supply Flash Memory
logo
Numonyx B.V
M58WR016QT NUMONYX-M58WR016QT Datasheet
1Mb / 110P
   16 Mbit and 32 Mbit (x16, Multiple Bank, Burst) 1.8V supply Flash memories
logo
STMicroelectronics
M58WR064ET STMICROELECTRONICS-M58WR064ET Datasheet
1Mb / 82P
   64 Mbit 4Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
M58WR064T STMICROELECTRONICS-M58WR064T Datasheet
497Kb / 81P
   64 Mbit (4Mb x 16, Multiple Bank, Burst ) 1.8V Supply Flash Memory
logo
Numonyx B.V
M36P0R9060N0 NUMONYX-M36P0R9060N0 Datasheet
454Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Mux I/O, Multi-Chip Package
logo
STMicroelectronics
M58MR032C STMICROELECTRONICS-M58MR032C Datasheet
396Kb / 52P
   32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
M59MR032C STMICROELECTRONICS-M59MR032C Datasheet
352Kb / 49P
   32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
M58MR016C STMICROELECTRONICS-M58MR016C Datasheet
389Kb / 51P
   16 Mbit 1Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com