Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK5003DPD Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJK5003DPD
Description  Silicon N Channel Power MOS FET High Speed Power Switching Use
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK5003DPD Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJK5003DPD Datasheet HTML 1Page - Renesas Technology Corp RJK5003DPD Datasheet HTML 2Page - Renesas Technology Corp RJK5003DPD Datasheet HTML 3Page - Renesas Technology Corp RJK5003DPD Datasheet HTML 4Page - Renesas Technology Corp RJK5003DPD Datasheet HTML 5Page - Renesas Technology Corp RJK5003DPD Datasheet HTML 6Page - Renesas Technology Corp RJK5003DPD Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.2.00,
Mar 14, 2006,
page 1 of 6
RJK5003DPD
Silicon N Channel Power MOS FET
High Speed Power Switching Use
REJ03G0580-0200
Rev.2.00
Mar 14, 2006
Features
• V
DSS : 500 V
• R
DS(on) : 1.5
Ω (MAX.)
• I
D : 5 A
• Surface mount package (MP-3A)
Outline
RENESAS Package code: PRSS0004ZA-A
(Package name : MP-3A)
1
1
1. Gate
2. Drain
3. Source
4. Drain
3
3
2, 4
2
4
Applications
• Lighting ballast, SMPS, etc.
Maximum Ratings
(Tc = 25°C)
Parameter
Symbol
Ratings
Unit
Conditions
Drain to source voltage
VDSS
500
V
VGS = 0 V
Gate to source voltage
VGSS
±30
V
VDS = 0 V
Drain current
ID
5
A
Drain Peak current
ID (pulse)
Note1
20
A
Avalanche current
IAP
5
A
L = 200
µH
Channel dissipation
Pch
62.5
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Channel to case thermal impedance
θch-c
2.0
°C/W
Channel to case
Note:
1. Pulse width limited by safe operating area.


Similar Part No. - RJK5003DPD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK5003DPD RENESAS-RJK5003DPD Datasheet
97Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching Use
RJK5003DPD-00-J2 RENESAS-RJK5003DPD-00-J2 Datasheet
97Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching Use
RJK5003DPD RENESAS-RJK5003DPD_10 Datasheet
97Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching Use
RJK5003DPD RENESAS-RJK5003DPD_15 Datasheet
97Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching Use
More results

Similar Description - RJK5003DPD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK5003DPD RENESAS-RJK5003DPD_15 Datasheet
97Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching Use
RJK5003DPD RENESAS-RJK5003DPD_10 Datasheet
97Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching Use
HAT2038R RENESAS-HAT2038R_15 Datasheet
248Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching Use
RJK0629DPK RENESAS-RJK0629DPK Datasheet
119Kb / 7P
   N Channel Power MOS FET High-Speed Switching Use
RJK0629DPN RENESAS-RJK0629DPN Datasheet
115Kb / 7P
   N Channel Power MOS FET High-Speed Switching Use
RJK0629DPE RENESAS-RJK0629DPE Datasheet
119Kb / 7P
   N Channel Power MOS FET High-Speed Switching Use
HAT2026R RENESAS-HAT2026R_15 Datasheet
108Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2058R RENESAS-HAT2058R_15 Datasheet
249Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
RJK0631JPE RENESAS-RJK0631JPE Datasheet
126Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2058R RENESAS-HAT2058R Datasheet
86Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com