Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN2109MFV Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # RN2109MFV
Description  Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN2109MFV Datasheet(HTML) 1 Page - Toshiba Semiconductor

  RN2109MFV Datasheet HTML 1Page - Toshiba Semiconductor RN2109MFV Datasheet HTML 2Page - Toshiba Semiconductor RN2109MFV Datasheet HTML 3Page - Toshiba Semiconductor RN2109MFV Datasheet HTML 4Page - Toshiba Semiconductor RN2109MFV Datasheet HTML 5Page - Toshiba Semiconductor RN2109MFV Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RN2107MFV
∼RN2109MFV
2005-03-30
1
Type No.
R1 (kΩ)R2 (kΩ)
RN2107MFV
10
47
RN2108MFV
22
47
RN2109MFV
47
22
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
RN2107MFV,RN2108MFV,RN2109MFV
Switching, Inverter Circuit, Interface Circuit
and Driver Circuit Applications
Ultra-small package, suited to very high density mounting
Incorporating a bias resistor into the transistor reduces the number of parts, so
enabling the manufacture of ever more compact equipment and lowering
assembly cost.
A wide range of resistor values is available for use in various circuits.
Complementary to the RN1107MFV~RN1109MFV
Lead (Pb) - free
Equivalent Circuit and Bias Resistor Values
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
−50
V
Collector-emitter voltage
RN2107MFV
~RN2109MFV
VCEO
−50
V
RN2107MFV
−6
RN2108MFV
−7
Emitter-base voltage
RN2109MFV
VEBO
−15
V
Collector current
IC
−100
mA
Collector power dissipation
PC(Note)
150
mW
Junction temperature
Tj
150
°C
Storage temperature range
RN2107MFV
~RN2109MFV
Tstg
−55~150
°C
Note: Mounted on an FR4 board (25.4 mm × 25.4 mm × 1.6 mmt)
JEDEC
JEITA
TOSHIBA
2-1L1A
Weight: 0.0015 g (typ.)
Unit: mm
1. BASE
2. EMITTER
3. COLLECTOR
VESM
1
2
3
0.8±0.05
1.2±0.05
0.5
0.45
0.4
0.4
1.15
0.45
0.4


Similar Part No. - RN2109MFV

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2109 TOSHIBA-RN2109 Datasheet
177Kb / 6P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
RN2109ACT TOSHIBA-RN2109ACT Datasheet
150Kb / 6P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN2109F TOSHIBA-RN2109F Datasheet
217Kb / 5P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
More results

Similar Description - RN2109MFV

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2201 TOSHIBA-RN2201 Datasheet
260Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN4983 TOSHIBA-RN4983 Datasheet
152Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1701 TOSHIBA-RN1701 Datasheet
258Kb / 7P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1107 TOSHIBA-RN1107 Datasheet
175Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1401 TOSHIBA-RN1401 Datasheet
253Kb / 7P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN47A5 TOSHIBA-RN47A5_07 Datasheet
283Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN1110F TOSHIBA-RN1110F Datasheet
159Kb / 5P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN47A4 TOSHIBA-RN47A4_07 Datasheet
301Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN47A3 TOSHIBA-RN47A3_07 Datasheet
284Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN1410 TOSHIBA-RN1410_07 Datasheet
260Kb / 5P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1210 TOSHIBA-RN1210_07 Datasheet
252Kb / 4P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com