Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29W400DT45M1 Datasheet(PDF) 25 Page - Numonyx B.V

Part # M29W400DT45M1
Description  4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29W400DT45M1 Datasheet(HTML) 25 Page - Numonyx B.V

Back Button M29W400DT45M1 Datasheet HTML 21Page - Numonyx B.V M29W400DT45M1 Datasheet HTML 22Page - Numonyx B.V M29W400DT45M1 Datasheet HTML 23Page - Numonyx B.V M29W400DT45M1 Datasheet HTML 24Page - Numonyx B.V M29W400DT45M1 Datasheet HTML 25Page - Numonyx B.V M29W400DT45M1 Datasheet HTML 26Page - Numonyx B.V M29W400DT45M1 Datasheet HTML 27Page - Numonyx B.V M29W400DT45M1 Datasheet HTML 28Page - Numonyx B.V M29W400DT45M1 Datasheet HTML 29Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
M29W400DT, M29W400DB
Status Register
25/48
5.3
Error bit (DQ5)
The Error bit can be used to identify errors detected by the Program/Erase controller. The
Error bit is set to ’1’ when a Program, Block Erase or Chip Erase operation fails to write the
correct data to the memory. If the Error bit is set a Read/Reset command must be issued
before other commands are issued. The Error bit is output on DQ5 when the Status Register
is read.
Note that the Program command cannot change a bit set to ’0’ back to ’1’ and attempting to
do so will set DQ5 to ‘1’. A Bus Read operation to that address will show the bit is still ‘0’.
One of the Erase commands must be used to set all the bits in a block or in the whole
memory from ’0’ to ’1’
5.4
Erase Timer bit (DQ3)
The Erase Timer bit can be used to identify the start of Program/Erase controller operation
during a Block Erase command. Once the Program/Erase controller starts erasing, the
Erase Timer bit is set to ’1’. Before the Program/Erase controller starts the Erase Timer bit is
set to ‘0’ and additional blocks to be erased may be written to the command interface. The
Erase Timer bit is output on DQ3 when the Status Register is read.
5.5
Alternative Toggle bit (DQ2)
The Alternative Toggle bit can be used to monitor the Program/Erase controller during Erase
operations. The Alternative Toggle bit is output on DQ2 when the Status Register is read.
During Chip Erase and Block Erase operations the Toggle bit changes from ’0’ to ’1’ to ’0’,
etc., with successive Bus Read operations from addresses within the blocks being erased. A
protected block is treated the same as a block not being erased. Once the operation
completes the memory returns to Read mode.
During Erase Suspend the Alternative Toggle bit changes from ’0’ to ’1’ to ’0’, etc. with
successive Bus Read operations from addresses within the blocks being erased. Bus Read
operations to addresses within blocks not being erased will output the memory cell data as if
in Read mode.
After an Erase operation that causes the Error bit to be set the Alternative Toggle bit can be
used to identify which block or blocks have caused the error. The Alternative Toggle bit
changes from ’0’ to ’1’ to ’0’, etc. with successive Bus Read operations from addresses
within blocks that have not erased correctly. The Alternative Toggle bit does not change if
the addressed block has erased correctly.
Table 7.
Status Register bits(1)
Operation
Address
DQ7
DQ6
DQ5
DQ3
DQ2
RB
Program
Any address
DQ7
Toggle
0
0
Program during
Erase Suspend
Any address
DQ7
Toggle
0
0
Program Error
Any address
DQ7
Toggle
1
0
Chip Erase
Any address
0
Toggle
0
1
Toggle
0


Similar Part No. - M29W400DT45M1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W400DT45M1 STMICROELECTRONICS-M29W400DT45M1 Datasheet
291Kb / 38P
   4 Mbit (512Kb x8 or 256Kb x16, Boot Block) 3V Supply Flash Memory
M29W400DT45M1 STMICROELECTRONICS-M29W400DT45M1 Datasheet
449Kb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
M29W400DT45M1E STMICROELECTRONICS-M29W400DT45M1E Datasheet
291Kb / 38P
   4 Mbit (512Kb x8 or 256Kb x16, Boot Block) 3V Supply Flash Memory
M29W400DT45M1E STMICROELECTRONICS-M29W400DT45M1E Datasheet
449Kb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
M29W400DT45M1F STMICROELECTRONICS-M29W400DT45M1F Datasheet
291Kb / 38P
   4 Mbit (512Kb x8 or 256Kb x16, Boot Block) 3V Supply Flash Memory
More results

Similar Description - M29W400DT45M1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W400DT STMICROELECTRONICS-M29W400DT_07 Datasheet
449Kb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
M58BW016DB STMICROELECTRONICS-M58BW016DB Datasheet
627Kb / 69P
   16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
logo
Numonyx B.V
M29W800DT NUMONYX-M29W800DT Datasheet
1Mb / 52P
   8-Mbit (1 Mbit x 8 or 512 Kbits x 16, boot block) 3 V supply flash memory
M29W160FT NUMONYX-M29W160FT Datasheet
1Mb / 57P
   16 Mbit or 32 Mbit (x 8 or x 16, boot block) 3 V supply Flash memory
M29W064FT NUMONYX-M29W064FT Datasheet
1Mb / 69P
   64 Mbit (8 Mbit x 8 or 4 Mbit x 16, page, boot block) 3 V supply Flash memory
M29W800FB-KGD NUMONYX-M29W800FB-KGD Datasheet
285Kb / 15P
   Known good die, 8-Mbit (1 Mbit x 8 or 512 Kbits x 16), boot block, 3 V supply Flash memory
M28W640HCT NUMONYX-M28W640HCT Datasheet
1Mb / 72P
   64 Mbit (4 Mb x 16, boot block) 3 V supply Flash memory
logo
STMicroelectronics
M50FW040 STMICROELECTRONICS-M50FW040_06 Datasheet
414Kb / 53P
   4-Mbit (512 Kb x8, uniform block) 3-V supply firmware hub Flash memory
logo
Sharp Corporation
LH28F800BG SHARP-LH28F800BG Datasheet
242Kb / 40P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memory
LH28F800SG SHARP-LH28F800SG Datasheet
286Kb / 42P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com