Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MKT366 Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. MKT366
Description  Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT366 Datasheet(HTML) 4 Page - Vishay Siliconix

  MKT366 Datasheet HTML 1Page - Vishay Siliconix MKT366 Datasheet HTML 2Page - Vishay Siliconix MKT366 Datasheet HTML 3Page - Vishay Siliconix MKT366 Datasheet HTML 4Page - Vishay Siliconix MKT366 Datasheet HTML 5Page - Vishay Siliconix MKT366 Datasheet HTML 6Page - Vishay Siliconix MKT366 Datasheet HTML 7Page - Vishay Siliconix MKT366 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28103
72
Revision: 18-Nov-05
MKT 366
Vishay BCcomponents
Metallized Polyester Film Capacitors
MKT Radial Epoxy Lacquered Type
URdc = 100 V; URac = 63 V
C
(µF)
DIMENSIONS
Wmax
× Hmax × Lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 366 ..... AND PACKAGING
LOOSE IN BOX
AMMOPACK
lt
=
4.0
+ 1.0/− 0.5 mm
lt
=
17.0
± 4.0 mm
H
= 16.0 mm
C-TOL
=± 10 % C-TOL =± 5 %
SPQ
SPQ
C-TOL
=± 10 % C-TOL =± 5 %
SPQ
last 5 digits of
catalog
number
last 5 digits of
catalog
number
last 5 digits of
catalog number
last 5 digits of
catalog
number
Pitch
= 5.0 + 0.4/− 0.2 mm; d
t = 0.50 ± 0.05 mm
0.01
4.5
× 12.5 × 7.3
0.3
85103
86103
1000
1000
0.012
85123
86123
0.015
85153
86153
0.018
85183
86183
0.022
85223
86223
0.027
85273
86273
0.033
85333
86333
0.039
85393
86393
0.047
4.5
× 12.5 × 7.3
0.3
85473
86473
1000
1000
0.056
85563
86563
0.068
85683
86683
0.082
4.5
× 13.0 × 7.3
0.3
85823
86823
1000
1000
0.1
4.5
× 13.5 × 7.3
0.4
85104
86104
1000
1000
0.12
85124
86124
0.15
85154
86154
0.18
85184
86184
0.22
4.5
× 13.5 × 7.3
0.4
85224
86224
1000
1000
0.27
4.5
× 14.0 × 7.3
0.4
85274
86274
1000
1000
Pitch
= 7.5 + 0.4/− 0.2 mm; d
t = 0.60 ± 0.06 mm
0.039
4.0
× 12.0 × 10.0
0.4
25393
26393
1000
1000
23393
27393
1500
0.047
25473
26473
23473
27473
0.056
25563
26563
23563
27563
0.068
25683
26683
23683
27683
0.082
25823
26823
23823
27823
0.1
4.0
× 13.0 × 10.0
0.4
25104
26104
1000
1000
23104
27104
1500
0.12
4.5
× 13.0 × 10.5
0.5
25124
26124
1000
1000
23124
27124
1250
0.15
5.0
× 13.0 × 10.5
0.6
25154
26154
1000
1000
23154
27154
1000
0.18
5.0
× 13.5 × 10.5
0.6
25184
26184
1000
1000
23184
27184
1000
0.22
5.5
× 13.5 × 10.5
0.7
25224
26224
1000
1000
23224
27224
1000
0.27
6.0
× 14.5 × 10.5
0.7
25274
26274
1000
1000
23274
27274
1000
0.33
6.0
× 15.0 × 10.5
0.7
25334
26334
1000
1000
23334
27334
1000
0.39
25394
26394
23394
27394
0.47
25474
26474
23474
27474


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn