Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MKT366 Datasheet(PDF) 7 Page - Vishay Siliconix

Part No. MKT366
Description  Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

MKT366 Datasheet(HTML) 7 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Document Number: 28103
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 18-Nov-05
75
MKT 366
Metallized Polyester Film Capacitors
MKT Radial Epoxy Lacquered Type
Vishay BCcomponents
15
nF
3.3
nF
33
nF
Tamb
≤ 85 °C, 400 VDC
10
3
10
1
10
0
f (Hz)
10
1
10
2
10
3
10
4
10
5
10
2
56
nF
15
nF
3.3
nF
33
nF
85
°C < Tamb ≤ 105 °C, 400 VDC
10
3
10
1
10
0
f (Hz)
10
1
10
2
10
3
10
4
10
5
10
2
56
nF
CAPACITANCE
f (Hz)
10
2
10
3
10
4
10
5
2
0
-1
-2
-3
1
typical
1 kHz
-60
6
2
0
-2
-4
-6
4
-20
20
60
100
Tamb (
°C)
min.
max.
IMPEDANCE
63
V; 100
nF
63
V; 1
µF
10
2
10
0
f (Hz)
10
6
10
4
10
5
10
7
10
8
10
-1
10
-3
10
-2


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn