Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MKT366 Datasheet(PDF) 6 Page - Vishay Siliconix

Part No. MKT366
Description  Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT366 Datasheet(HTML) 6 Page - Vishay Siliconix

  MKT366 Datasheet HTML 1Page - Vishay Siliconix MKT366 Datasheet HTML 2Page - Vishay Siliconix MKT366 Datasheet HTML 3Page - Vishay Siliconix MKT366 Datasheet HTML 4Page - Vishay Siliconix MKT366 Datasheet HTML 5Page - Vishay Siliconix MKT366 Datasheet HTML 6Page - Vishay Siliconix MKT366 Datasheet HTML 7Page - Vishay Siliconix MKT366 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28103
74
Revision: 18-Nov-05
MKT 366
Vishay BCcomponents
Metallized Polyester Film Capacitors
MKT Radial Epoxy Lacquered Type
MAXIMUM RMS VOLTAGE (SINEWAVE) AS A FUNCTION OF FREQUENCY
220
nF
470
nF
Tamb
≤ 85 °C, 63 VDC
10
2
10
1
10
0
f (Hz)
10
1
10
2
10
3
10
4
10
5
85
°C < Tamb ≤ 105 °C, 63 VDC
10
2
10
1
10
0
f (Hz)
10
1
10
2
10
3
10
4
10
5
220
nF
470
nF
100
nF
470
nF
Tamb
≤ 85 °C, 100 VDC
10
2
10
1
10
0
f (Hz)
10
1
10
2
10
3
10
4
10
5
100
nF
470
nF
85
°C < Tamb ≤ 105 °C, 100 VDC
10
2
10
1
10
0
f (Hz)
10
1
10
2
10
3
10
4
10
5
47
nF
18
nF
100
nF
Tamb
≤ 85 °C, 250 VDC
10
3
10
1
10
0
f (Hz)
10
1
10
2
10
3
10
4
10
5
10
2
150
nF
85
°C < Tamb ≤ 105 °C, 250 VDC
10
3
10
1
10
0
f (Hz)
10
1
10
2
10
3
10
4
10
5
10
2
47
nF
18
nF
100
nF
150
nF


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn