Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP-808-160 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SP-808-160
Description  6 Watt 808nm SheauPac Fiber Coupled Laser Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SP-808-160 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SP-808-160 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
6 watts fiber output from single emitter
0.22, 0.15, or 0.12NA, 105/125µm fiber
Various fiber jacket and connector options
Electrically isolated case
Hermetically sealed
Similar in size to a U.S. dime
Power supply, test software, and copper air-
cooled heat sink available separately
SP-808-260 - 0.22NA
SP-808-160 - 0.15NA
Specifications (at 25°C):
Output power
>6W
Center wavelength*
808 ± 5nm
Spectral width
< 3nm FWHM
Threshold current
< 700mA
Operating current
< 8.5A
Forward voltage
< 2.2V
Operating temperature
15 - 55°C
*other wavelength tolerances available
Sheaumann Laser, Inc.
140 Locke Drive, Marlborough, MA 01752 USA
www.sheaumann.com
Tel 508-970-0600 Fax 508-970-0610
This Product is sold solely as a
component for incorporation into
other equipment. The purchaser
assumes
responsibility
to
comply with US 21 CFR 1040
SUBCHAPTER J with regard to
the use of this laser and its
introduction into commerce.
6 Watt 808nm SheauPac
Fiber Coupled Laser Module
Rev 4/08


Similar Part No. - SP-808-160

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP-800 ETC2-SP-800 Datasheet
402Kb / 2P
   Smooth and highly compliant surface
More results

Similar Description - SP-808-160

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP-940-290 ETC2-SP-940-290 Datasheet
93Kb / 1P
   9 Watt 940nm SheauPac Fiber Coupled Laser Module
logo
OPLINK Communications I...
FCLM405S25LD1 OPLINK-FCLM405S25LD1 Datasheet
371Kb / 2P
   Fiber Coupled Laser Module
FCLM785S15LD1 OPLINK-FCLM785S15LD1 Datasheet
373Kb / 2P
   Fiber Coupled Laser Module
FCLM635S20LD1 OPLINK-FCLM635S20LD1 Datasheet
370Kb / 2P
   Fiber Coupled Laser Module
FCLM658S25LD1 OPLINK-FCLM658S25LD1 Datasheet
372Kb / 2P
   Fiber Coupled Laser Module
FCLM375S08LD1 OPLINK-FCLM375S08LD1 Datasheet
370Kb / 2P
   Fiber Coupled Laser Module
FCLM473S08LD1 OPLINK-FCLM473S08LD1 Datasheet
370Kb / 2P
   Fiber Coupled Laser Module
FCLM830S20LD1 OPLINK-FCLM830S20LD1 Datasheet
371Kb / 2P
   Fiber Coupled Laser Module
FCLM440S18LD1 OPLINK-FCLM440S18LD1 Datasheet
369Kb / 2P
   Fiber Coupled Laser Module
FCLM670S5LD1 OPLINK-FCLM670S5LD1 Datasheet
370Kb / 2P
   Fiber Coupled Laser Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com