Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M45PE16-VMP6TG Datasheet(PDF) 15 Page - Numonyx B.V

Part # M45PE16-VMP6TG
Description  16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M45PE16-VMP6TG Datasheet(HTML) 15 Page - Numonyx B.V

Back Button M45PE16-VMP6TG Datasheet HTML 11Page - Numonyx B.V M45PE16-VMP6TG Datasheet HTML 12Page - Numonyx B.V M45PE16-VMP6TG Datasheet HTML 13Page - Numonyx B.V M45PE16-VMP6TG Datasheet HTML 14Page - Numonyx B.V M45PE16-VMP6TG Datasheet HTML 15Page - Numonyx B.V M45PE16-VMP6TG Datasheet HTML 16Page - Numonyx B.V M45PE16-VMP6TG Datasheet HTML 17Page - Numonyx B.V M45PE16-VMP6TG Datasheet HTML 18Page - Numonyx B.V M45PE16-VMP6TG Datasheet HTML 19Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
M45PE16
Memory organization
15/45
5
Memory organization
The memory is organized as:
8192 pages (256 bytes each).
2,097,152 bytes (8 bits each)
32 sectors (512 Kbits, 65536 bytes each)
Each page can be individually:
programmed (bits are programmed from 1 to 0)
erased (bits are erased from 0 to 1)
written (bits are changed to either 0 or 1)
The device is Page or Sector Erasable (bits are erased from 0 to 1).
Table 2.
Memory organization
Sector
Address Range
31
1F0000h
1FFFFFh
30
1E0000h
1EFFFFh
29
1D0000h
1DFFFFh
28
1C0000h
1CFFFFh
27
1B0000h
1BFFFFh
26
1A0000h
1AFFFFh
25
190000h
19FFFFh
24
180000h
18FFFFh
23
170000h
17FFFFh
22
160000h
16FFFFh
21
150000h
15FFFFh
20
140000h
14FFFFh
19
130000h
13FFFFh
18
120000h
12FFFFh
17
110000h
11FFFFh
16
100000h
10FFFFh
15
0F0000h
0FFFFFh
14
0E0000h
0EFFFFh
13
0D0000h
0DFFFFh
12
0C0000h
0CFFFFh
11
0B0000h
0BFFFFh
10
0A0000h
0AFFFFh
9
090000h
09FFFFh
8
080000h
08FFFFh


Similar Part No. - M45PE16-VMP6TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M45PE16 STMICROELECTRONICS-M45PE16 Datasheet
396Kb / 45P
   16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
More results

Similar Description - M45PE16-VMP6TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M45PE16 STMICROELECTRONICS-M45PE16 Datasheet
396Kb / 45P
   16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
M45PE80 STMICROELECTRONICS-M45PE80_06 Datasheet
373Kb / 47P
   8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
M45PE10-07 STMICROELECTRONICS-M45PE10-07 Datasheet
355Kb / 45P
   1 Mbit, low voltage, Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface
logo
Numonyx B.V
M45PE40 NUMONYX-M45PE40 Datasheet
886Kb / 46P
   4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface
M45PE80 NUMONYX-M45PE80 Datasheet
911Kb / 47P
   8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
logo
STMicroelectronics
M45PE20 STMICROELECTRONICS-M45PE20 Datasheet
427Kb / 35P
   2 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
M25PE16 STMICROELECTRONICS-M25PE16 Datasheet
492Kb / 56P
   16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte-alterability, 50 MHz SPI bus, standard pinout
logo
Numonyx B.V
M45PE10 NUMONYX-M45PE10 Datasheet
990Kb / 47P
   1-Mbit, page-erasable serial flash memory with byte-alterability and 75 MHz SPI bus interface
logo
STMicroelectronics
M45PE40 STMICROELECTRONICS-M45PE40 Datasheet
536Kb / 35P
   4 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 33 MHz SPI Bus Interface
M45PE10 STMICROELECTRONICS-M45PE10 Datasheet
426Kb / 34P
   1 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com