Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M45PE10-VMP6G Datasheet(PDF) 38 Page - Numonyx B.V

Part # M45PE10-VMP6G
Description  1-Mbit, page-erasable serial flash memory with byte-alterability and 75 MHz SPI bus interface
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M45PE10-VMP6G Datasheet(HTML) 38 Page - Numonyx B.V

Back Button M45PE10-VMP6G Datasheet HTML 34Page - Numonyx B.V M45PE10-VMP6G Datasheet HTML 35Page - Numonyx B.V M45PE10-VMP6G Datasheet HTML 36Page - Numonyx B.V M45PE10-VMP6G Datasheet HTML 37Page - Numonyx B.V M45PE10-VMP6G Datasheet HTML 38Page - Numonyx B.V M45PE10-VMP6G Datasheet HTML 39Page - Numonyx B.V M45PE10-VMP6G Datasheet HTML 40Page - Numonyx B.V M45PE10-VMP6G Datasheet HTML 41Page - Numonyx B.V M45PE10-VMP6G Datasheet HTML 42Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 47 page
background image
DC and AC parameters
M45PE10
38/47
Table 13.
AC characteristics (33 MHz operation)
33 MHz only available for products marked since week 40 of 2005(1)
Test conditions specified in Table 8 and Table 9
1.
Details of how to find the date of marking are given in application note, AN1995.
Symbol
Alt.
Parameter
Min.
Typ.
Max.
Unit
fC
fC
Clock frequency for the following
instructions: FAST_READ, PW, PP, PE,
SE, DP, RDP, WREN, WRDI, RDSR
D.C.
33
MHz
fR
Clock frequency for READ instructions
D.C.
20
MHz
tCH
(2)
2.
tCH + tCL must be greater than or equal to 1/ fC.
tCLH Clock High time
13
ns
tCL
(2)
tCLL
Clock Low time
13
ns
Clock slew rate(3) (peak to peak)
3.
Value guaranteed by characterization, not 100% tested in production.
0.03
V/ns
tSLCH
tCSS S active setup time (relative to C)
10
ns
tCHSL
S not active hold time (relative to C)
10
ns
tDVCH
tDSU Data in setup time
3
ns
tCHDX
tDH
Data in hold time
5
ns
tCHSH
S active hold time (relative to C)
5
ns
tSHCH
S not active setup time (relative to C)
5
ns
tSHSL
tCSH S deselect time
200
ns
tSHQZ
(3)
tDIS
Output disable time
12
ns
tCLQV
tV
Clock Low to Output valid
12
ns
tCLQX
tHO
Output hold time
0
ns
tTHSL
Top Sector Lock setup time
50
ns
tSHTL
Top Sector Lock hold time
100
ns
tDP
(3)
S to deep power-down
3
µs
tRDP
(3)
S High to standby power mode
30
µs
tPW
(4)
4.
When using PP and PW instructions to update consecutive bytes, optimized timings are obtained with one
sequence including all the bytes versus several sequences of only a few bytes (1
≤ n ≤ 256).
Page write cycle time (256 bytes)
11
25
ms
Page write cycle time (n bytes)
10.2+
n*0.8/256
tPP
(4)
Page program cycle time (256 bytes)
1.2
5ms
Page program cycle time (n bytes)
0.4+
n*0.8/256
tPE
Page erase cycle time
10
20
ms
tSE
Sector erase cycle time
1
5
s


Similar Part No. - M45PE10-VMP6G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M45PE10-VMP6G STMICROELECTRONICS-M45PE10-VMP6G Datasheet
426Kb / 34P
   1 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
M45PE10-VMP6G STMICROELECTRONICS-M45PE10-VMP6G Datasheet
355Kb / 45P
   1 Mbit, low voltage, Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface
More results

Similar Description - M45PE10-VMP6G

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M25PE16 NUMONYX-M25PE16 Datasheet
1Mb / 58P
   16-Mbit, page-erasable serial flash memory with byte-alterability, 75 MHz SPI bus, standard pinout
M25PE80 NUMONYX-M25PE80 Datasheet
1Mb / 66P
   8-Mbit, page-erasable serial flash memory with byte alterability, 75 MHz SPI bus, standard pinout
M25PE40 NUMONYX-M25PE40 Datasheet
1Mb / 62P
   4 Mbit, page-erasable serial Flash memory with byte alterability, 75 MHz SPI bus, standard pinout
logo
STMicroelectronics
M45PE10 STMICROELECTRONICS-M45PE10 Datasheet
426Kb / 34P
   1 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
M45PE10-07 STMICROELECTRONICS-M45PE10-07 Datasheet
355Kb / 45P
   1 Mbit, low voltage, Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface
logo
Numonyx B.V
M25PE20 NUMONYX-M25PE20 Datasheet
1Mb / 64P
   1 and 2 Mbit, page-erasable serial Flash memories with byte alterability, 75 MHz SPI bus, standard pinout
logo
STMicroelectronics
M45PE20 STMICROELECTRONICS-M45PE20 Datasheet
427Kb / 35P
   2 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
M45PE40 STMICROELECTRONICS-M45PE40 Datasheet
536Kb / 35P
   4 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 33 MHz SPI Bus Interface
M45PE80 STMICROELECTRONICS-M45PE80_06 Datasheet
373Kb / 47P
   8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
M45PE16 STMICROELECTRONICS-M45PE16 Datasheet
396Kb / 45P
   16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com