Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M45PE10-VMP6P Datasheet(PDF) 31 Page - Numonyx B.V

Part # M45PE10-VMP6P
Description  1-Mbit, page-erasable serial flash memory with byte-alterability and 75 MHz SPI bus interface
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M45PE10-VMP6P Datasheet(HTML) 31 Page - Numonyx B.V

Back Button M45PE10-VMP6P Datasheet HTML 27Page - Numonyx B.V M45PE10-VMP6P Datasheet HTML 28Page - Numonyx B.V M45PE10-VMP6P Datasheet HTML 29Page - Numonyx B.V M45PE10-VMP6P Datasheet HTML 30Page - Numonyx B.V M45PE10-VMP6P Datasheet HTML 31Page - Numonyx B.V M45PE10-VMP6P Datasheet HTML 32Page - Numonyx B.V M45PE10-VMP6P Datasheet HTML 33Page - Numonyx B.V M45PE10-VMP6P Datasheet HTML 34Page - Numonyx B.V M45PE10-VMP6P Datasheet HTML 35Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
M45PE10
Instructions
31/47
6.12
Release from deep power-down (RDP)
Once the device has entered the deep power-down mode, all instructions are ignored
except the release from deep power-down (RDP) instruction. Executing this instruction
takes the device out of the deep power-down mode.
The release from deep power-down (RDP) instruction is entered by driving Chip Select (S)
Low, followed by the instruction code on Serial Data input (D). Chip Select (S) must be
driven Low for the entire duration of the sequence.
The instruction sequence is shown in Figure 17.
The release from deep power-down (RDP) instruction is terminated by driving Chip Select
(S) High. Sending additional clock cycles on Serial Clock (C), while Chip Select (S) is driven
Low, cause the instruction to be rejected, and not executed.
After Chip Select (S) has been driven High, followed by a delay, tRDP, the device is put in the
Standby Power mode. Chip Select (S) must remain High at least until this period is over. The
device waits to be selected, so that it can receive, decode and execute instructions.
Any release from deep power-down (RDP) instruction, while an erase, program or write
cycle is in progress, is rejected without having any effects on the cycle that is in progress.
Figure 17.
Release from deep power-down (RDP) instruction sequence
C
D
AI06807
S
2
1
34567
0
tRDP
Standby mode
Deep power-down mode
Q
High Impedance
Instruction


Similar Part No. - M45PE10-VMP6P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M45PE10-VMP6P STMICROELECTRONICS-M45PE10-VMP6P Datasheet
426Kb / 34P
   1 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
M45PE10-VMP6P STMICROELECTRONICS-M45PE10-VMP6P Datasheet
355Kb / 45P
   1 Mbit, low voltage, Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface
More results

Similar Description - M45PE10-VMP6P

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M25PE16 NUMONYX-M25PE16 Datasheet
1Mb / 58P
   16-Mbit, page-erasable serial flash memory with byte-alterability, 75 MHz SPI bus, standard pinout
M25PE80 NUMONYX-M25PE80 Datasheet
1Mb / 66P
   8-Mbit, page-erasable serial flash memory with byte alterability, 75 MHz SPI bus, standard pinout
M25PE40 NUMONYX-M25PE40 Datasheet
1Mb / 62P
   4 Mbit, page-erasable serial Flash memory with byte alterability, 75 MHz SPI bus, standard pinout
logo
STMicroelectronics
M45PE10 STMICROELECTRONICS-M45PE10 Datasheet
426Kb / 34P
   1 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
M45PE10-07 STMICROELECTRONICS-M45PE10-07 Datasheet
355Kb / 45P
   1 Mbit, low voltage, Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface
logo
Numonyx B.V
M25PE20 NUMONYX-M25PE20 Datasheet
1Mb / 64P
   1 and 2 Mbit, page-erasable serial Flash memories with byte alterability, 75 MHz SPI bus, standard pinout
logo
STMicroelectronics
M45PE20 STMICROELECTRONICS-M45PE20 Datasheet
427Kb / 35P
   2 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
M45PE40 STMICROELECTRONICS-M45PE40 Datasheet
536Kb / 35P
   4 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 33 MHz SPI Bus Interface
M45PE80 STMICROELECTRONICS-M45PE80_06 Datasheet
373Kb / 47P
   8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
M45PE16 STMICROELECTRONICS-M45PE16 Datasheet
396Kb / 45P
   16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com