Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M45PE10-VMP6P Datasheet(PDF) 45 Page - Numonyx B.V

Part # M45PE10-VMP6P
Description  1-Mbit, page-erasable serial flash memory with byte-alterability and 75 MHz SPI bus interface
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M45PE10-VMP6P Datasheet(HTML) 45 Page - Numonyx B.V

Back Button M45PE10-VMP6P Datasheet HTML 39Page - Numonyx B.V M45PE10-VMP6P Datasheet HTML 40Page - Numonyx B.V M45PE10-VMP6P Datasheet HTML 41Page - Numonyx B.V M45PE10-VMP6P Datasheet HTML 42Page - Numonyx B.V M45PE10-VMP6P Datasheet HTML 43Page - Numonyx B.V M45PE10-VMP6P Datasheet HTML 44Page - Numonyx B.V M45PE10-VMP6P Datasheet HTML 45Page - Numonyx B.V M45PE10-VMP6P Datasheet HTML 46Page - Numonyx B.V M45PE10-VMP6P Datasheet HTML 47Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 45 / 47 page
background image
M45PE10
Ordering information
45/47
12
Ordering information
For a list of available options (speed, package, etc.), for further information on any aspect of
this device or when ordering parts operating at 75 MHz (0.11 µm technology, process digit
‘4’), please contact your nearest Numonyx sales office.
Table 18.
Ordering information scheme
Example:
M45PE10
V
MP 6
T
G
Device type
M45PE = serial flash memory for data storage
Device function
10 = 1-Mbit (128 Kbit × 8)
Operating voltage
V = VCC = 2.7 V to 3.6 V
Package
MN = SO8 (150 mil width)
MP = VDFPN8 6 × 5 mm (MLP8)
Device grade
6 = Industrial temperature range, –40 to 85 °C.
Device tested with standard test flow
Option
blank = standard packing
T = tape and reel packing
Plating technology
P or G = ECOPACK® (RoHS compliant)


Similar Part No. - M45PE10-VMP6P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M45PE10-VMP6P STMICROELECTRONICS-M45PE10-VMP6P Datasheet
426Kb / 34P
   1 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
M45PE10-VMP6P STMICROELECTRONICS-M45PE10-VMP6P Datasheet
355Kb / 45P
   1 Mbit, low voltage, Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface
More results

Similar Description - M45PE10-VMP6P

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M25PE16 NUMONYX-M25PE16 Datasheet
1Mb / 58P
   16-Mbit, page-erasable serial flash memory with byte-alterability, 75 MHz SPI bus, standard pinout
M25PE80 NUMONYX-M25PE80 Datasheet
1Mb / 66P
   8-Mbit, page-erasable serial flash memory with byte alterability, 75 MHz SPI bus, standard pinout
M25PE40 NUMONYX-M25PE40 Datasheet
1Mb / 62P
   4 Mbit, page-erasable serial Flash memory with byte alterability, 75 MHz SPI bus, standard pinout
logo
STMicroelectronics
M45PE10 STMICROELECTRONICS-M45PE10 Datasheet
426Kb / 34P
   1 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
M45PE10-07 STMICROELECTRONICS-M45PE10-07 Datasheet
355Kb / 45P
   1 Mbit, low voltage, Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface
logo
Numonyx B.V
M25PE20 NUMONYX-M25PE20 Datasheet
1Mb / 64P
   1 and 2 Mbit, page-erasable serial Flash memories with byte alterability, 75 MHz SPI bus, standard pinout
logo
STMicroelectronics
M45PE20 STMICROELECTRONICS-M45PE20 Datasheet
427Kb / 35P
   2 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
M45PE40 STMICROELECTRONICS-M45PE40 Datasheet
536Kb / 35P
   4 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 33 MHz SPI Bus Interface
M45PE80 STMICROELECTRONICS-M45PE80_06 Datasheet
373Kb / 47P
   8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
M45PE16 STMICROELECTRONICS-M45PE16 Datasheet
396Kb / 45P
   16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com