Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3029A Datasheet(PDF) 3 Page - Applied Micro Circuits Corporation

Part # S3029A
Description  SONET/SDH/ATM 155 MBIT/S QUAD TRANSCEIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S3029A Datasheet(HTML) 3 Page - Applied Micro Circuits Corporation

  S3029A Datasheet HTML 1Page - Applied Micro Circuits Corporation S3029A Datasheet HTML 2Page - Applied Micro Circuits Corporation S3029A Datasheet HTML 3Page - Applied Micro Circuits Corporation S3029A Datasheet HTML 4Page - Applied Micro Circuits Corporation S3029A Datasheet HTML 5Page - Applied Micro Circuits Corporation S3029A Datasheet HTML 6Page - Applied Micro Circuits Corporation S3029A Datasheet HTML 7Page - Applied Micro Circuits Corporation S3029A Datasheet HTML 8Page - Applied Micro Circuits Corporation S3029A Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
S3029
SONET/SDH/ATM 155 MBIT/S QUAD TRANSCEIVER
February 19, 1999 / Revision B
S3029 OVERVIEW
The S3029 supports clock recovery for the STS-3/
STM-1 data rate. The LVPECL differential serial data
is input to the chip and clock recovery is performed on
the incoming data stream. An external reference clock
is required to minimize the PLL lock time and provide
a stable output clock source in the absence of serial
input data. Retimed data and clock are output from the
S3029.
CHARACTERISTICS
Performance
The S3029 PLL complies with the minimum jitter tol-
erance for clock recovery proposed for SONET/SDH
equipment defined by the T1X1.6/91-022 document,
when used with differential inputs and outputs as
shown in Figure 3.
Input Jitter Tolerance
Input jitter tolerance is defined as the peak to peak
amplitude of sinusoidal jitter applied on the input sig-
nal that causes an equivalent 1 dB optical/electrical
power penalty. SONET input jitter tolerance require-
ments are shown in Figure 3. The measurement
condition is the input jitter amplitude which causes an
equivalent of 1 dB power penalty.
Serial Data Output Set-up and Hold Time
The output set-up and hold times are represented by
the waveforms shown in Figure 4.
Figure 4. Clock Output to Data Transition Delay
Output Frequency
155.52 MHz
SERDATOP/N Setup Time
2.5 ns
SERDATOP/N Hold Time
2.5 ns
t su
t h
SERCLKOP/N
SERDATOP/N
Figure 3. Input Jitter Tolerance Specification
f0
f1
f2
f3
ft
0.15
1.5
15
Sinusodal
Input Jitter
Amplitude
(UI p-p)
Frequency
OC/STS
Level
f0
(Hz)
f2
(Hz)
f3
(kHz)
ft
(kHz)
f1
(Hz)
3
10
30
300
6.5
75
L
E
S
F
E
R
k
c
o
l
C
e
c
n
e
r
e
f
e
R
)
z
H
M
(
y
c
n
e
u
q
e
r
F
0z
H
M
4
4
.
9
1
1z
H
M
4
8
.
1
5
Table 1.


Similar Part No. - S3029A

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
S302 NKK-S302 Datasheet
447Kb / 10P
   Medium/High Capacity Standard Size Toggles
logo
Bothhand USA, LP.
S3020 BOTHHAND-S3020 Datasheet
78Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
List of Unclassifed Man...
S3020-P ETC2-S3020-P Datasheet
392Kb / 9P
   QUICK BRAID Cleaner, Faster, More Consistent
S3020-P ETC2-S3020-P Datasheet
392Kb / 9P
   DESOLDERING BRAID
S3020-S ETC2-S3020-S Datasheet
392Kb / 9P
   QUICK BRAID Cleaner, Faster, More Consistent
More results

Similar Description - S3029A

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
LXT6155 INTEL-LXT6155 Datasheet
314Kb / 50P
   155 Mbps SDH/SONET/ATM Transceiver
logo
PMC-Sierra, Inc
PM5351-1 PMC-PM5351-1 Datasheet
70Kb / 2P
   Quad 155 Mbit/s ATM and Packet Over SONET/SDH Physical Layer Device
PM5351 PMC-PM5351 Datasheet
83Kb / 4P
   Quad 155 Mbit/s ATM and Packet Over SONET/SDH Physical Layer Device
PM5343 PMC-PM5343 Datasheet
53Kb / 2P
   SONET/SDH 155 Mbit/s Transport O/H Terminating Transceiver
PM5352-1 PMC-PM5352-1 Datasheet
57Kb / 2P
   155 Mbit/s ATM and Packet-Over-SONET/SDH Physical Layer Device
PM5316 PMC-PM5316 Datasheet
53Kb / 4P
   Quad Channel 155 Mbit/s SONET/SDH Framer and Aligner
PM5316-1 PMC-PM5316-1 Datasheet
53Kb / 2P
   Quad Channel 155 Mbit/s SONET/SDH Framer and Aligner
PM5352 PMC-PM5352 Datasheet
57Kb / 2P
   155 Mbit/s ATM and Packet-Over-SONET/SDH Physical Layer Device
logo
Infineon Technologies A...
V23826-C18-C363 INFINEON-V23826-C18-C363 Datasheet
231Kb / 7P
   Single Mode 155 MBd ATM/SDH/SONET 1x9 Transceiver
JANUARY 2000
logo
Texas Instruments
TNETA1500 TI1-TNETA1500 Datasheet
419Kb / 10P
[Old version datasheet]   155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com