Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M45PE10 Datasheet(PDF) 6 Page - Numonyx B.V

Part No. M45PE10
Description  1-Mbit, page-erasable serial flash memory with byte-alterability and 75 MHz SPI bus interface
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M45PE10 Datasheet(HTML) 6 Page - Numonyx B.V

Back Button M45PE10 Datasheet HTML 2Page - Numonyx B.V M45PE10 Datasheet HTML 3Page - Numonyx B.V M45PE10 Datasheet HTML 4Page - Numonyx B.V M45PE10 Datasheet HTML 5Page - Numonyx B.V M45PE10 Datasheet HTML 6Page - Numonyx B.V M45PE10 Datasheet HTML 7Page - Numonyx B.V M45PE10 Datasheet HTML 8Page - Numonyx B.V M45PE10 Datasheet HTML 9Page - Numonyx B.V M45PE10 Datasheet HTML 10Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
Description
M45PE10
6/47
1
Description
The M45PE10 is a 1-Mbit (128 Kbit x 8 bit) serial paged flash memory accessed by a high
speed SPI-compatible bus.
The memory can be written or programmed 1 to 256 bytes at a time, using the page write or
page program instruction. The page write instruction consists of an integrated page erase
cycle followed by a page program cycle.
The memory is organized as 2 sectors, each containing 256 pages. Each page is 256 bytes
wide. Thus, the whole memory can be viewed as consisting of 512 pages, or 131,072 bytes.
The memory can be erased a page at a time, using the page erase instruction, or a sector at
a time, using the sector erase instruction.
Important note
This datasheet details the functionality of the M45PE10 devices, based on the previous T7X
process or based on the current T9HX process (available since August 2007). Delivery of
parts operating with a maximum clock rate of 75 MHz starts from week 8 of 2008.
Figure 1.
Logic diagram
Figure 2.
SO and VDFPN connections
1.
There is an exposed central pad on the underside of the VFQFPN package. This is pulled, internally, to
VSS, and must not be allowed to be connected to any other voltage or signal line on the PCB.
2.
See Package mechanical section for package dimensions, and how to identify pin-1.
Reset
AI07403
S
VCC
M45PE10
VSS
W
Q
C
D
1
AI07404
2
3
4
8
7
6
5
W
S
VCC
VSS
C
DQ
Reset
M45PE10


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
M45PE10-07 1 Mbit low voltage Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface 1  2  3  4  5  More STMicroelectronics
M45PE16 16 Mbit low-voltage Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface 1  2  3  4  5  More STMicroelectronics
M45PE80_06 8 Mbit low voltage Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface 1  2  3  4  5  More STMicroelectronics
M25PE16 16 Mbit low-voltage Page-Erasable Serial Flash memory with byte-alterability 50 MHz SPI bus standard pinout 1  2  3  4  5  More STMicroelectronics
M25PE16 16-Mbit page-erasable serial flash memory with byte-alterability 75 MHz SPI bus standard pinout 1  2  3  4  5  More Numonyx B.V
M25PE20_07 1 and 2 Mbit low voltage Page-Erasable Serial Flash memories with Byte-Alterability 50 MHz SPI bus standard pinout 1  2  3  4  5  More STMicroelectronics
M25P40_07 4 Mbit low voltage serial Flash memory with 50 MHz SPI bus interface 1  2  3  4  5  More STMicroelectronics
M25PX64 64-Mbit dual I/O 4-Kbyte subsector erase serial flash memory with 75 MHz SPI bus interface 1  2  3  4  5  More Numonyx B.V
M25P16_07 16 Mbit low voltage Serial Flash memory with 50 MHz SPI bus interface 1  2  3  4  5  More STMicroelectronics
M25P32 32-Mbit low voltage serial Flash memory with 75 MHz SPI bus interface 1  2  3  4  5  More Numonyx B.V

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn