Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M14C16 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M14C16
Description  Memory Card IC 16/4 Kbit Serial I짼C Bus EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M14C16 Datasheet(HTML) 1 Page - STMicroelectronics

  M14C16 Datasheet HTML 1Page - STMicroelectronics M14C16 Datasheet HTML 2Page - STMicroelectronics M14C16 Datasheet HTML 3Page - STMicroelectronics M14C16 Datasheet HTML 4Page - STMicroelectronics M14C16 Datasheet HTML 5Page - STMicroelectronics M14C16 Datasheet HTML 6Page - STMicroelectronics M14C16 Datasheet HTML 7Page - STMicroelectronics M14C16 Datasheet HTML 8Page - STMicroelectronics M14C16 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
March 1999
M14C16
M14C04
Memory Card IC
16/4 Kbit Serial I²C Bus EEPROM
s
Two Wire I2C Serial Interface
Supports 400 kHz Protocol
s
Single Supply Voltage (2.5 V to 5.5 V)
s
Hardware Write Control
s
BYTE and PAGE WRITE (up to 16 Bytes)
s
BYTE, RANDOM and SEQUENTIAL READ
Modes
s
Self-Timed Programming Cycle
s
Automatic Address Incrementing
s
Enhanced ESD/Latch-Up Behaviour
s
1 Million Erase/Write Cycles (minimum)
s
40 Year Data Retention (minimum)
s
5 ms Programming Time (typical)
DESCRIPTION
Each device is an electrically erasable program-
mable memory (EEPROM) fabricated with STMi-
croelectronics’s
High
Endurance,
Single
Polysilicon, CMOS technology. This guarantees
an endurance typically well above one million
Erase/Write cycles, with a data retention of
40 years. The memory operates with a power sup-
ply as low as 2.5 V.
The M14C16 and M14C04 are each available in
wafer form (either sawn or unsawn) and in micro-
module form (on film).
Each memory is compatible with the I2C memory
standard. This is a two wire serial interface that
Figure 1. Logic Diagram
AI02217
SDA
VCC
M14xxx
WC
SCL
GND
Table 1. Signal Names
SDA
Serial Data/Address Input/
Output
SCL
Serial Clock
WC
Write Control
VCC
Supply Voltage
GND
Ground
Micromodule (D20)
Wafer


Similar Part No. - M14C16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M14C16 STMICROELECTRONICS-M14C16 Datasheet
277Kb / 13P
   Memory Micromodules General Information for D1, D2 and C Packaging
M14C16DD STMICROELECTRONICS-M14C16DD Datasheet
14Kb / 2P
   M14C16 Die Description
More results

Similar Description - M14C16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M14256 STMICROELECTRONICS-M14256 Datasheet
111Kb / 12P
   Memory Card IC 256/128 Kbit Serial I짼C Bus EEPROM
M14C64 STMICROELECTRONICS-M14C64 Datasheet
126Kb / 14P
   Memory Card IC 64/32 Kbit Serial I짼C Bus EEPROM
M24C16-DFCU STMICROELECTRONICS-M24C16-DFCU Datasheet
563Kb / 35P
   16-Kbit serial I짼C bus EEPROM 4 balls CSP
M24C32-W STMICROELECTRONICS-M24C32-W Datasheet
385Kb / 38P
   32 Kbit serial I짼C bus EEPROM
M24C32-W STMICROELECTRONICS-M24C32-W_12 Datasheet
392Kb / 40P
   32-Kbit serial I짼C bus EEPROM
M24256-BW STMICROELECTRONICS-M24256-BW_12 Datasheet
410Kb / 41P
   256-Kbit serial I짼C bus EEPROM
M24C32-FDW6TP STMICROELECTRONICS-M24C32-FDW6TP Datasheet
392Kb / 40P
   32-Kbit serial I짼C bus EEPROM
M24C08-WMN6P STMICROELECTRONICS-M24C08-WMN6P Datasheet
688Kb / 38P
   8-Kbit serial I짼C bus EEPROM
M24C16-125 STMICROELECTRONICS-M24C16-125 Datasheet
261Kb / 30P
   Automotive 16-Kbit, 8-Kbit, 4-Kbit and 2-Kbit serial I짼C bus EEPROM
M24256-DRMN6TP STMICROELECTRONICS-M24256-DRMN6TP Datasheet
415Kb / 40P
   256-Kbit serial I짼C bus EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com