Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR20A200CT Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SBR20A200CT
Description  SUPER BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR20A200CT Datasheet(HTML) 1 Page - Diodes Incorporated

  SBR20A200CT Datasheet HTML 1Page - Diodes Incorporated SBR20A200CT Datasheet HTML 2Page - Diodes Incorporated SBR20A200CT Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SBR20A200CT
SBR20A200CTFP
20A SBR
®
SUPER BARRIER RECTIFIER
SBR is a registered trademark of Diodes Incorporated.
Features
Low Forward Voltage Drop
Excellent High Temperature Stability
Patented Super Barrier Rectifier Technology
Soft, Fast Switching Capability
Lead Free Finish, RoHS Compliant (Note 2)
Mechanical Data
Case: TO-220AB, ITO-220AB
Case Material: Molded Plastic, UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020D
Terminals: Matte Tin Finish annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
Marking Information: See Page 2
Ordering Information: See Page 2
Weight: TO-220AB – 2.1 grams (approximate)
ITO-220AB – 1.9 grams (approximate)
TO-220AB
Package Pin Out
Configuration
ITO-220AB
Maximum Ratings @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VRM
200
V
Maximum Voltage Rate of Change (Rated VR)
dv/dt
10,000
V/
μs
RMS Reverse Voltage
VR(RMS)
141
V
Average Rectified Output Current @ TC = 150ºC
IO
20
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
180
A
Peak Repetitive Reverse Surge Current (2
μS-1KHz)
IRRM
3
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Maximum Thermal Resistance (per leg)
Package = TO-220AB
Package = ITO-220AB
RθJC
2
4
ºC/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +175
ºC
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 1)
V(BR)R
200
-
-
V
IR = 0.1mA
Forward Voltage Drop (Per Leg)
VF
-
-
0.66
-
0.86
0.72
0.96
V
IF = 10A, TJ = 25ºC
IF = 10A, TJ = 125ºC
IF = 20A, TJ = 25ºC
Leakage Current (Note 1)
IR
-
-
0.1
10
mA
VR = 200V, TJ = 25ºC
VR = 200V, TJ = 125ºC
Notes:
1. Short duration pulse test used to minimize self-heating effect.
2. RoHS revision 13.2.2003. High temperature solder exemption applied, see EU Directive Annex Note 7.
SBR20A200
Document number: DS30992 Rev. 4 - 2
1 of 3
www.diodes.com
March 2008
© Diodes Incorporated


Similar Part No. - SBR20A200CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR20A200CT DIODES-SBR20A200CT Datasheet
180Kb / 3P
   20A SBR Super Barrier Rectifier
SBR20A200 Rev. 2
SBR20A200CTB DIODES-SBR20A200CTB Datasheet
268Kb / 3P
   Super Barrier Rectifier
SBR20A200CTB Rev. 2 - 2
SBR20A200CTB DIODES-SBR20A200CTB Datasheet
112Kb / 4P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20A200CTB-13 DIODES-SBR20A200CTB-13 Datasheet
268Kb / 3P
   Super Barrier Rectifier
SBR20A200CTB Rev. 2 - 2
SBR20A200CTB-13 DIODES-SBR20A200CTB-13 Datasheet
112Kb / 4P
   SUPER BARRIER RECTIFIER 20A SBR짰
More results

Similar Description - SBR20A200CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR20A150CT DIODES-SBR20A150CT_08 Datasheet
166Kb / 3P
   SUPER BARRIER RECTIFIER
DS30967 Rev. 3 - 2
logo
List of Unclassifed Man...
SBR20A40CTF ETC1-SBR20A40CTF Datasheet
61Kb / 2P
   SUPER BARRIER RECTIFIER
logo
Diodes Incorporated
SBR1045CTL DIODES-SBR1045CTL Datasheet
79Kb / 4P
   SUPER BARRIER RECTIFIER
logo
List of Unclassifed Man...
SBR20150CT ETC-SBR20150CT Datasheet
136Kb / 3P
   SUPER BARRIER RECTIFIER
SBR40U60PT ETC1-SBR40U60PT Datasheet
80Kb / 2P
   Super barrier rectifier
SBR40U100PT ETC1-SBR40U100PT Datasheet
80Kb / 2P
   Super barrier rectifier
SBR60A60CT ETC-SBR60A60CT Datasheet
77Kb / 2P
   Super barrier rectifier
SBR60A100CT ETC-SBR60A100CT Datasheet
78Kb / 2P
   Super barrier rectifier
SBR60A150CT ETC-SBR60A150CT Datasheet
77Kb / 2P
   Super barrier rectifier
SBR10150CT ETC1-SBR10150CT Datasheet
88Kb / 3P
   Super barrier rectifier
SBR2040CT ETC2-SBR2040CT Datasheet
93Kb / 3P
   Super Barrier Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com