Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCF52235 Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # MCF52235
Description  Microcontroller
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF52235 Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button MCF52235_07 Datasheet HTML 39Page - Freescale Semiconductor, Inc MCF52235_07 Datasheet HTML 40Page - Freescale Semiconductor, Inc MCF52235_07 Datasheet HTML 41Page - Freescale Semiconductor, Inc MCF52235_07 Datasheet HTML 42Page - Freescale Semiconductor, Inc MCF52235_07 Datasheet HTML 43Page - Freescale Semiconductor, Inc MCF52235_07 Datasheet HTML 44Page - Freescale Semiconductor, Inc MCF52235_07 Datasheet HTML 45Page - Freescale Semiconductor, Inc MCF52235_07 Datasheet HTML 46Page - Freescale Semiconductor, Inc MCF52235_07 Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 54 page
background image
Preliminary Electrical Characteristics
MCF52235 ColdFire Microcontroller, Rev. 6
Freescale Semiconductor
43
2.12
QSPI Electrical Specifications
Table 38 lists QSPI timings.
The values in Table 38 correspond to Figure 13.
Figure 13. QSPI Timing
EP7
EPCK low to EPQ output valid (out setup)
12
ns
EP8
EPCK low to EPQ output invalid (out hold)
0
ns
EP9
EPCS_B negation to EPQ tri-state
12
ns
Table 38. QSPI Modules AC Timing Specifications
Name
Characteristic
Min
Max
Unit
QS1
QSPI_CS[3:0] to QSPI_CLK
1
510
tCYC
QS2
QSPI_CLK high to QSPI_DOUT valid
10
ns
QS3
QSPI_CLK high to QSPI_DOUT invalid (output hold)
2
ns
QS4
QSPI_DIN to QSPI_CLK (input setup)
9
ns
QS5
QSPI_DIN to QSPI_CLK (input hold)
9
ns
Table 37. EzPort Electrical Specifications (continued)
Name
Characteristic
Min
Max
Unit
QSPI_CS[3:0]
QSPI_CLK
QSPI_DOUT
QS5
QS1
QSPI_DIN
QS3
QS4
QS2


Similar Part No. - MCF52235_07

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52235 FREESCALE-MCF52235_06 Datasheet
602Kb / 48P
   ColdFire짰 Microcontroller
More results

Similar Description - MCF52235_07

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com